công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM4995 bảng dữ liệu(PDF) 10 Page - Texas Instruments

tên linh kiện LM4995
Giải thích chi tiết về linh kiện  1.3 W Audio Power Amplifier
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LM4995 bảng dữ liệu(HTML) 10 Page - Texas Instruments

Back Button LM4995_15 Datasheet HTML 6Page - Texas Instruments LM4995_15 Datasheet HTML 7Page - Texas Instruments LM4995_15 Datasheet HTML 8Page - Texas Instruments LM4995_15 Datasheet HTML 9Page - Texas Instruments LM4995_15 Datasheet HTML 10Page - Texas Instruments LM4995_15 Datasheet HTML 11Page - Texas Instruments LM4995_15 Datasheet HTML 12Page - Texas Instruments LM4995_15 Datasheet HTML 13Page - Texas Instruments LM4995_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
LM4995, LM4995TMBD
SNAS329G – APRIL 2006 – REVISED APRIL 2013
www.ti.com
APPLICATION INFORMATION
BRIDGE CONFIGURATION EXPLANATION
As shown in Figure 1, the LM4995 has two internal operational amplifiers. The first amplifier's gain is externally
configurable, while the second amplifier is internally fixed in a unity-gain, inverting configuration. The closed-loop
gain of the first amplifier is set by selecting the ratio of Rf to Ri while the second amplifier's gain is fixed by the
two internal 20k
Ω resistors. Figure 1 shows that the output of amplifier one serves as the input to amplifier two
which results in both amplifiers producing signals identical in magnitude, but out of phase by 180°. Consequently,
the differential gain for the IC is
AVD= 2 *(Rf/Ri)
(1)
By driving the load differentially through outputs Vo1 and Vo2, an amplifier configuration commonly referred to as
“bridged mode” is established. Bridged mode operation is different from the classical single-ended amplifier
configuration where one side of the load is connected to ground.
A bridge amplifier design has a few distinct advantages over the single-ended configuration, as it provides
differential drive to the load, thus doubling output swing for a specified supply voltage. Four times the output
power is possible as compared to a single-ended amplifier under the same conditions. This increase in attainable
output power assumes that the amplifier is not current limited or clipped. In order to choose an amplifier's closed-
loop gain without causing excessive clipping, please refer to the AUDIO POWER AMPLIFIER DESIGN section.
A bridge configuration, such as the one used in LM4995, also creates a second advantage over single-ended
amplifiers. Since the differential outputs, Vo1 and Vo2, are biased at half-supply, no net DC voltage exists across
the load. This eliminates the need for an output coupling capacitor which is required in a single supply, single-
ended amplifier configuration. Without an output coupling capacitor, the half-supply bias across the load would
result in both increased internal IC power dissipation and also possible loudspeaker damage.
POWER DISSIPATION
Power dissipation is a major concern when designing a successful amplifier, whether the amplifier is bridged or
single-ended. A direct consequence of the increased power delivered to the load by a bridge amplifier is an
increase in internal power dissipation. Since the LM4995 has two operational amplifiers in one package, the
maximum internal power dissipation is 4 times that of a single-ended amplifier. The maximum power dissipation
for a given application can be derived from the power dissipation graphs or from Equation (1).
PDMAX = 4*(VDD)
2/(2π2R
L)
(2)
It is critical that the maximum junction temperature TJMAX of 150°C is not exceeded. TJMAX can be determined
from the power derating curves by using PDMAX and the PC board foil area. By adding copper foil, the thermal
resistance of the application can be reduced from the free air value of
θJA, resulting in higher PDMAX values
without thermal shutdown protection circuitry being activated. Additional copper foil can be added to any of the
leads connected to the LM4995. It is especially effective when connected to VDD, GND, and the output pins.
Refer to the application information on the LM4995 reference design board for an example of good heat sinking.
If TJMAX still exceeds 150°C, then additional changes must be made. These changes can include reduced supply
voltage, higher load impedance, or reduced ambient temperature. Internal power dissipation is a function of
output power. Refer to the TYPICAL PERFORMANCE CHARACTERISTICS curves for power dissipation
information for different output powers and output loading.
POWER SUPPLY BYPASSING
As with any amplifier, proper supply bypassing is critical for low noise performance and high supply rejection.
The capacitor location on both the bypass and power supply pins should be as close to the device as possible. A
ceramic 0.1
μF placed in parallel with the tantalum 2.2μF bypass (CB) capacitor will aid in supply stability. This
does not eliminate the need for bypassing the power supply pins of the LM4995. The selection of a bypass
capacitor, especially CB, is dependent upon PSRR requirements, click and pop performance (as explained in the
section, PROPER SELECTION OF EXTERNAL COMPONENTS), system cost, and size constraints.
10
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM4995 LM4995TMBD


Số phần tương tự - LM4995_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM4995 TI1-LM4995_14 Datasheet
1,005Kb / 23P
[Old version datasheet]   1.3 W Audio Power Amplifier
More results

Mô tả tương tự - LM4995_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM4995 TI1-LM4995_14 Datasheet
1,005Kb / 23P
[Old version datasheet]   1.3 W Audio Power Amplifier
logo
NEC
UPC1188H NEC-UPC1188H Datasheet
188Kb / 3P
   20 W AUDIO POWER AMPLIFIER
logo
NXP Semiconductors
TDA2611A PHILIPS-TDA2611A Datasheet
251Kb / 13P
   5 W audio power amplifier
November 1982
TDA1015T PHILIPS-TDA1015T Datasheet
75Kb / 10P
   0,5 W audio power amplifier
March 1986
logo
Texas Instruments
TPA4861 TI-TPA4861 Datasheet
415Kb / 24P
[Old version datasheet]   1-W AUDIO POWER AMPLIFIER
TPA1517 TI-TPA1517_07 Datasheet
455Kb / 20P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
logo
Hitachi Semiconductor
HA13118 HITACHI-HA13118 Datasheet
50Kb / 8P
   18 W BTL Audio Power Amplifier
logo
List of Unclassifed Man...
DI35 ETC-DI35 Datasheet
78Kb / 2P
   16 W Audio Amplifier Power Supply
logo
Texas Instruments
TPA0102 TI-TPA0102 Datasheet
743Kb / 38P
[Old version datasheet]   1.5-W STEREO AUDIO POWER AMPLIFIER
TPA4861 TI-TPA4861_15 Datasheet
641Kb / 26P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com