công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM4952 bảng dữ liệu(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM4952
Giải thích chi tiết về linh kiện  Boomer Audio Power Amplifier Series 3.1W Stereo-SE Audio Power Amplifier with DC Volume Control
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LM4952 bảng dữ liệu(HTML) 10 Page - Texas Instruments

Back Button LM4952 Datasheet HTML 6Page - Texas Instruments LM4952 Datasheet HTML 7Page - Texas Instruments LM4952 Datasheet HTML 8Page - Texas Instruments LM4952 Datasheet HTML 9Page - Texas Instruments LM4952 Datasheet HTML 10Page - Texas Instruments LM4952 Datasheet HTML 11Page - Texas Instruments LM4952 Datasheet HTML 12Page - Texas Instruments LM4952 Datasheet HTML 13Page - Texas Instruments LM4952 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
9.5
10.5
11.5
12.5
13.5
14.5
15.5
POWER SUPPLY VOLTAGE (V)
0
1.25
1
0.75
0.5
0.25
9
10
11
12
13
14
15
16
17
POWER SUPPLY VOLTAGE (V)
5
10
15
20
25
30
9.5
10.5
11.5
12.5
13.5
14.5
15.5
POWER SUPPLY VOLTAGE (V)
0
0.25
0.5
0.75
1
1.25
1.5
1.75
20
20k
FREQUENCY (Hz)
50 100 200 500
10k
1k
2k
5k
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
+0
20
20k
FREQUENCY (Hz)
50 100 200 500
10k
1k
2k
5k
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
+0
LM4952
SNAS230A – AUGUST 2004 – REVISED MAY 2013
www.ti.com
Typical Performance Characteristics (continued)
AV = 20dB and TA = 25°C, unless otherwise noted.
Channel-to-Channel Crosstalk vs Frequency
Channel-to-Channel Crosstalk vs Frequency
VDD = 16V, RL = 4Ω, POUT = 1W, Input Referred
VDD = 16V, RL = 8Ω, POUT = 1W, Input Referred
at (from top to bottom at 1kHz): VINB driven, VOUTA measured; VINA
at (from top to bottom at 1kHz): VINB driven, VOUTA measured; VINA
driven, VOUTB measured
driven, VOUTB measured
Figure 33.
Figure 34.
Power Supply Current vs Power Supply Voltage
Clipping Voltage vs Power Supply Voltage
RL = 4Ω, fIN = 1kHz
RL = 4Ω,
at (from top to bottom at 12.5V):
VIN = 0V, RSOURCE = 50Ω
positive signal swing, negative signal swing
Figure 35.
Figure 36.
Clipping Voltage vs Power Supply Voltage
Power Dissipation vs Ambient Temperature
RL = 8Ω, fIN = 1kHz
VDD = 12V, RL = 4Ω (SE), fIN = 1kHz,
at (from to bottom at 12.5V):
(from to bottom at 80°C): 16in2 copper plane heatsink area, 8in2
positive signal swing, negative signal swing
copper plane heatsink area
Figure 37.
Figure 38.
10
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM4952


Số phần tương tự - LM4952

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM4952 NSC-LM4952 Datasheet
713Kb / 20P
   3.1W Stereo-SE Audio Power Amplifier with DC Volume Control
LM4952TS NSC-LM4952TS Datasheet
713Kb / 20P
   3.1W Stereo-SE Audio Power Amplifier with DC Volume Control
More results

Mô tả tương tự - LM4952

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM4952 NSC-LM4952 Datasheet
713Kb / 20P
   3.1W Stereo-SE Audio Power Amplifier with DC Volume Control
logo
Anpec Electronics Corop...
APA2071 ANPEC-APA2071 Datasheet
393Kb / 24P
   Stereo 3.1W Non-inverting Audio Power Amplifier(with DC Volume Control)
logo
Texas Instruments
LM4950TSX-NOPB TI1-LM4950TSX-NOPB Datasheet
3Mb / 30P
[Old version datasheet]   LM4950 Boomer ??Audio Power Amplifier Series 7.5W Mono-BTL or 3.1W Stereo Audio Power Amplifier
logo
Unisonic Technologies
PA7469 UTC-PA7469_15 Datasheet
322Kb / 12P
   STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
PA7468 UTC-PA7468 Datasheet
216Kb / 6P
   STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
Anpec Electronics Corop...
APA7063 ANPEC-APA7063 Datasheet
236Kb / 20P
   Stereo 1.5W Audio Power Amplifier with DC Volume Control
APA2070 ANPEC-APA2070 Datasheet
417Kb / 24P
   Stereo 2.6W Audio Power Amplifier (with DC Volume Control)
logo
Unisonic Technologies
PA7468 UTC-PA7468_15 Datasheet
216Kb / 6P
   STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
SamHop Microelectronics...
SM7512 SAMHOP-SM7512 Datasheet
336Kb / 16P
   3W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Texas Instruments
TPA0132 TI-TPA0132 Datasheet
449Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com