công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM4862 bảng dữ liệu(PDF) 3 Page - Texas Instruments

tên linh kiện LM4862
Giải thích chi tiết về linh kiện  675 mW Audio Power Amplifier with Shutdown Mode
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LM4862 bảng dữ liệu(HTML) 3 Page - Texas Instruments

  LM4862_15 Datasheet HTML 1Page - Texas Instruments LM4862_15 Datasheet HTML 2Page - Texas Instruments LM4862_15 Datasheet HTML 3Page - Texas Instruments LM4862_15 Datasheet HTML 4Page - Texas Instruments LM4862_15 Datasheet HTML 5Page - Texas Instruments LM4862_15 Datasheet HTML 6Page - Texas Instruments LM4862_15 Datasheet HTML 7Page - Texas Instruments LM4862_15 Datasheet HTML 8Page - Texas Instruments LM4862_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
LM4862
www.ti.com
SNAS102F – MAY 1997 – REVISED MAY 2013
Electrical Characteristics
(1) (2)
The following specifications apply for VDD = 5V unless otherwise specified. Limits apply for TA = 25°C.
Symbol
Parameter
Conditions
LM4862
Units
(Limits)
Typical(3)
Limit(4)
VDD
Supply Voltage
2.7
V (min)
5.5
V (max)
IDD
Quiescent Power Supply Current
VIN = 0V, IO = 0A
(5)
3.6
6.0
mA (max)
ISD
Shutdown Current
VPIN1 = VDD
0.7
5
μA (max)
VOS
Output Offset Voltage
VIN = 0V
5
50
mV (max)
PO
Output Power
THD = 1% (max); f = 1 kHz; RL = 8Ω
675
500
mW (min)
THD + N = 10%; f = 1 kHz; RL = 8Ω
825
mW
THD + N
Total Harmonic Distortion + Noise
PO = 500 mWrms; RL = 8Ω
0.55
%
AVD = 2; 20 Hz ≤ f ≤ 20 kHz
PSRR
Power Supply Rejection Ratio
VDD = 4.9V to 5.1V
50
dB
(1)
All voltages are measured with respect to the ground pin, unless otherwise specified.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which ensure specific performance limits. This assumes that the device is within the
Operating Ratings. Specifications are not ensured for parameters where no limit is given, however, the typical value is a good indication
of device performance.
(3)
Typicals are measured at 25°C and represent the parametric norm.
(4)
Limits are ensured to TI's AOQL (Average Outgoing Quality Level).
(5)
The quiescent power supply current depends on the offset voltage when a practical load is connected to the amplifier.
Automatic Switching Circuit
Figure 3. Automatic Switching Circuit
Copyright © 1997–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM4862


Số phần tương tự - LM4862_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Unisonic Technologies
LM4862 UTC-LM4862_15 Datasheet
153Kb / 4P
   AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
More results

Mô tả tương tự - LM4862_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM4862 NSC-LM4862 Datasheet
262Kb / 10P
   675 mW Audio Power Amplifier with Shutdown Mode
logo
Texas Instruments
LM4862M TI-LM4862M Datasheet
939Kb / 18P
[Old version datasheet]   LM4862 675 mW Audio Power Amplifier with Shutdown
logo
National Semiconductor ...
LM4864 NSC-LM4864 Datasheet
342Kb / 10P
   300 mW Audio Power Amplifier with Shutdown Mode
logo
Texas Instruments
LM4880 TI-LM4880 Datasheet
1Mb / 20P
[Old version datasheet]   Dual 250 mW Audio Power Amplifier with Shutdown Mode
logo
National Semiconductor ...
LM4880 NSC-LM4880 Datasheet
375Kb / 12P
   Dual 250 mW Audio Power Amplifier with Shutdown Mode
logo
SG Micro Corp
SGM4871 SGMICRO-SGM4871 Datasheet
331Kb / 12P
   Audio Power Amplifier with Shutdown Mode
logo
Unisonic Technologies
LM4862 UTC-LM4862 Datasheet
125Kb / 5P
   AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
LM4862 UTC-LM4862_15 Datasheet
153Kb / 4P
   AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
logo
National Semiconductor ...
LM4861 NSC-LM4861_03 Datasheet
276Kb / 12P
   1.1W Audio Power Amplifier with Shutdown Mode
LM4819 NSC-LM4819 Datasheet
616Kb / 21P
   350mW Audio Power Amplifier with Shutdown Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com