công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM4766 bảng dữ liệu(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM4766
Giải thích chi tiết về linh kiện   Overture Audio Power Amplifier Series Dual 40W Audio Power Amplifier with Mute
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LM4766 bảng dữ liệu(HTML) 4 Page - Texas Instruments

  LM4766 Datasheet HTML 1Page - Texas Instruments LM4766 Datasheet HTML 2Page - Texas Instruments LM4766 Datasheet HTML 3Page - Texas Instruments LM4766 Datasheet HTML 4Page - Texas Instruments LM4766 Datasheet HTML 5Page - Texas Instruments LM4766 Datasheet HTML 6Page - Texas Instruments LM4766 Datasheet HTML 7Page - Texas Instruments LM4766 Datasheet HTML 8Page - Texas Instruments LM4766 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
LM4766
SNAS031F – SEPTEMBER 1998 – REVISED MARCH 2013
www.ti.com
ELECTRICAL CHARACTERISTICS
(1) (2)
The following specifications apply for VCC = +30V, VEE = −30V, IMUTE = −0.5mA with RL = 8Ω unless otherwise specified.
Limits apply for TA = 25°C.
Symbol
Parameter
Conditions
LM4766
Units
(Limits)
Typical(3)
Limit (4)
20
V (min)
|VCC| + |VEE|
Power Supply Voltage (5)
GND
− VEE ≥ 9V
18
60
V (max)
NDL Package, VCC = ±30V,THD+N = 0.1%
40
30
W/ch (min)
(max),
Output Power (Continuous
f = 1kHz, f = 20kHz
PO
(6) (7)
Average)
NDB Package, VCC = ±26V
(7),
30
25
W/ch (min)
THD+N = 0.1% (max), f = 1kHz, f = 20kHz
NDL Package, 30W/ch, RL = 8Ω,
0.06
%
20Hz
≤ f ≤ 20kHz, AV = 26dB
Total Harmonic Distortion
THD+N
Plus Noise
NDB Package, 25W/ch, RL = 8Ω,
0.06
%
20Hz
≤ f ≤ 20kHz, AV = 26dB
Xtalk
Channel Separation
f = 1kHz, VO = 10.9Vrms
60
dB
SR(6)
Slew Rate
VIN = 1.2Vrms, trise = 2ns
9
5
V/
μs (min)
Itotal
(8)
Total Quiescent Power Supply
Both Amplifiers VCM = 0V, VO = 0V, IO = 0mA
48
100
mA (max)
Current
VOS
(8)
Input Offset Voltage
VCM = 0V, IO = 0mA
1
10
mV (max)
IB
Input Bias Current
VCM = 0V, IO = 0mA
0.2
1
μA (max)
IOS
Input Offset Current
VCM = 0V, IO = 0mA
0.01
0.2
μA (max)
IO
Output Current Limit
|VCC| = |VEE| = 10V, tON = 10ms, VO = 0V
4
3
Apk (min)
|VCC–VO|, VCC = 20V, IO = +100mA
1.5
4
V (max)
VOD
(8)
Output Dropout Voltage (9)
|VO–VEE|, VEE = −20V, IO = −100mA
2.5
4
V (max)
VCC = 30V to 10V, VEE = −30V, VCM = 0V, IO
125
85
dB (min)
= 0mA
PSRR (8)
Power Supply Rejection Ratio
VCC = 30V, VEE = −30V to −10V VCM = 0V, IO
110
85
dB (min)
= 0mA
CMRR (8)
Common Mode Rejection Ratio
VCC = 50V to 10V, VEE = −10V to −50V, VCM
110
75
dB (min)
= 20V to
−20V, IO = 0mA
AVOL
(8)
Open Loop Voltage Gain
RL = 2kΩ, ΔVO = 40V
115
80
dB (min)
GBWP
Gain Bandwidth Product
fO = 100kHz, VIN = 50mVrms
8
2
MHz (min)
eIN
(6)
IHF–A Weighting Filter, RIN = 600Ω (Input
Input Noise
2.0
8
μV (max)
Referred)
PO = 1W, A–Weighted, Measured at 1kHz,
98
dB
RS = 25Ω
SNR
Signal-to-Noise Ratio
PO = 25W, A–Weighted Measured at 1kHz,
112
dB
RS = 25Ω
AM
Mute Attenuation
Pin 6,11 at 2.5V
115
80
dB (min)
(1)
All voltages are measured with respect to the GND pins (5, 10), unless otherwise specified.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which ensure specific performance limits. This assumes that the device is within the
Operating Ratings. Specifications are not ensured for parameters where no limit is given, however, the typical value is a good indication
of device performance.
(3)
Typicals are measured at 25°C and represent the parametric norm.
(4)
Limits are specifications that all parts are tested in production to meet the stated values.
(5)
VEE must have at least −9V at its pin with reference to ground in order for the under-voltage protection circuitry to be disabled. In
addition, the voltage differential between VCC and VEE must be greater than 14V.
(6)
AC Electrical Test; Refer to Test Circuit #2 .
(7)
When using the isolated package (NDB), the
θJC is 2°C/W verses 1°C/W for the non-isolated package (NDL). This increased thermal
resistance from junction to case requires a lower supply voltage for decreased power dissipation within the package. Voltages higher
than ±26V maybe used but will require a heat sink with less than 1°C/W thermal resistance to avoid activating thermal shutdown during
normal operation.
(8)
DC Electrical Test; Refer to Test Circuit #1 .
(9)
The output dropout voltage, VOD, is the supply voltage minus the clipping voltage. Refer to the Clipping Voltage vs. Supply Voltage
graph in the TYPICAL PERFORMANCE CHARACTERISTICS section.
4
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: LM4766


Số phần tương tự - LM4766

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM4766 NSC-LM4766 Datasheet
477Kb / 14P
   Audio Power Amplifier Series Dual 40W Audio Power Amplifier with Mute
LM4766 NSC-LM4766 Datasheet
983Kb / 19P
   Audio Power Amplifier Series Dual 40W Audio Power Amplifier with Mute
LM4766T NSC-LM4766T Datasheet
477Kb / 14P
   Audio Power Amplifier Series Dual 40W Audio Power Amplifier with Mute
LM4766 NSC-LM4766_06 Datasheet
983Kb / 19P
   Audio Power Amplifier Series Dual 40W Audio Power Amplifier with Mute
More results

Mô tả tương tự - LM4766

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM2876 NSC-LM2876_00 Datasheet
658Kb / 22P
   Overture Audio Power Amplifier Series High-Performance 40W Audio Power Amplifier w/Mute
LM4766 NSC-LM4766_06 Datasheet
983Kb / 19P
   Audio Power Amplifier Series Dual 40W Audio Power Amplifier with Mute
LM2876 NSC-LM2876 Datasheet
565Kb / 19P
   Overture??Audio Power Amplifier Series High-Performance 40W Audio Power Amplifier w/Mute
LM4766 NSC-LM4766 Datasheet
477Kb / 14P
   Audio Power Amplifier Series Dual 40W Audio Power Amplifier with Mute
LM4781 NSC-LM4781 Datasheet
1Mb / 25P
   Overture??Audio Power Amplifier Series 3 Channel 35W Audio Power Amplifier with Mute
LM1876 NSC-LM1876 Datasheet
593Kb / 16P
   Overture??Audio Power Amplifier Series Dual 20W Audio Power Amplifier with Mute and Standby Modes
LM4701 NSC-LM4701 Datasheet
541Kb / 15P
   LM4701 Overture??Audio Power Amplifier Series 30W Audio Power Amplifier with Mute and Standby Modes
LM4700 NSC-LM4700 Datasheet
529Kb / 15P
   Overture??Audio Power Amplifier Series 30W Audio Power Amplifier with Mute and Standby Modes
logo
Texas Instruments
LM4765 TI1-LM4765 Datasheet
817Kb / 24P
[Old version datasheet]   LM4765 Overture??Audio Power Amplifier Series Dual 30W Audio Power Amplifier with Mute and Standby Modes
logo
National Semiconductor ...
LM4782 NSC-LM4782_06 Datasheet
1Mb / 27P
   Overture Audio Power Amplifier Series 3 Channel 25W Audio Power Amplifier with Mute and Standby
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com