công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM4674A bảng dữ liệu(PDF) 5 Page - Texas Instruments

tên linh kiện LM4674A
Giải thích chi tiết về linh kiện  Filterless 2.5W Stereo Class D Audio Power Amplifier
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LM4674A bảng dữ liệu(HTML) 5 Page - Texas Instruments

  LM4674A_15 Datasheet HTML 1Page - Texas Instruments LM4674A_15 Datasheet HTML 2Page - Texas Instruments LM4674A_15 Datasheet HTML 3Page - Texas Instruments LM4674A_15 Datasheet HTML 4Page - Texas Instruments LM4674A_15 Datasheet HTML 5Page - Texas Instruments LM4674A_15 Datasheet HTML 6Page - Texas Instruments LM4674A_15 Datasheet HTML 7Page - Texas Instruments LM4674A_15 Datasheet HTML 8Page - Texas Instruments LM4674A_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
LM4674A
www.ti.com
SNAS366A – SEPTEMBER 2006 – REVISED MAY 2013
Electrical Characteristics VDD = 3.6V
(1)(2) (continued)
The following specifications apply for AV = 6dB, RL = 15µH + 8Ω + 15µH, f = 1kHz unless otherwise specified. Limits apply for
TA = 25°C.
LM4674A
Units
Symbol
Parameter
Conditions
(Limits)
Typical(3)
Limit(4)
VRIPPLE = 200mVP-P Sine,
fRipple = 217Hz, Inputs AC GND,
75
dB
CI = 1μF, input referred
PSRR
Power Supply Rejection Ratio
VRIPPLE = 1VP-P Sine,
fRipple = 1kHz, Inputs AC GND,
75
dB
CI = 1μF, input referred
VRIPPLE = 1VP-P
CMRR
Common Mode Rejection Ratio
67
dB
fRIPPLE = 217Hz
PO = 1W, f = 1kHz,
η
Efficiency
85
%
RL = 8Ω, VDD = 5V
Crosstalk
PO = 500mW, f = 1kHz
84
dB
SNR
Signal to Noise Ratio
VDD = 5V, PO = 1W
96
dB
εOS
Output Noise
Input referred, A-Weighted Filter
20
μV
External Components Description
(Figure 1)
Components
Functional Description
1.
CS
Supply bypass capacitor which provides power supply filtering. Refer to the Power Supply Bypassing section for
information concerning proper placement and selection of the supply bypass capacitor.
2.
CI
Input AC coupling capacitor which blocks the DC voltage at the amplifier's input terminals.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM4674A


Số phần tương tự - LM4674A_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM4674A TI1-LM4674A_14 Datasheet
837Kb / 20P
[Old version datasheet]   Filterless 2.5W Stereo Class D Audio Power Amplifier
More results

Mô tả tương tự - LM4674A_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM4674 NSC-LM4674 Datasheet
844Kb / 18P
   Filterless 2.5W Stereo Class D Audio Power Amplifier
logo
Diodes Incorporated
PAM8003 DIODES-PAM8003 Datasheet
542Kb / 12P
   FILTERLESS 2.5W CLASS-D STEREO AUDIO AMPLIFIER
logo
Texas Instruments
LM4674A TI1-LM4674A_14 Datasheet
837Kb / 20P
[Old version datasheet]   Filterless 2.5W Stereo Class D Audio Power Amplifier
logo
National Semiconductor ...
LM4674A NSC-LM4674A Datasheet
838Kb / 18P
   Filterless 2.5W Stereo Class D Audio Power Amplifier
logo
Texas Instruments
LM4674 TI1-LM4674_14 Datasheet
1Mb / 27P
[Old version datasheet]   Filterless 2.5W Stereo Class D Audio Power Amplifier
LM4674 TI1-LM4674 Datasheet
1Mb / 27P
[Old version datasheet]   LM4674 Filterless 2.5W Stereo Class D Audio Power Amplifier
logo
Diodes Incorporated
PAM8302A DIODES-PAM8302A Datasheet
595Kb / 13P
   2.5W FILTERLESS CLASS-D MONO AUDIO AMPLIFIER
logo
Texas Instruments
LM48411 TI1-LM48411 Datasheet
875Kb / 22P
[Old version datasheet]   Ultra-Low EMI, Filterless, 2.5W, Stereo, Class D Audio Power Amplifier
logo
Power Analog Micoelectr...
PAM8302L PAM-PAM8302L Datasheet
285Kb / 13P
   2.5W Filterless Class-D Mono Audio Amplifier
logo
Anpec Electronics Corop...
APA2603B ANPEC-APA2603B Datasheet
500Kb / 24P
   2.5W Stereo Class-D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com