công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM4666 bảng dữ liệu(PDF) 1 Page - Texas Instruments

tên linh kiện LM4666
Giải thích chi tiết về linh kiện  Filterless High Efficiency Stereo 1.2W Switching
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LM4666 bảng dữ liệu(HTML) 1 Page - Texas Instruments

  LM4666_15 Datasheet HTML 1Page - Texas Instruments LM4666_15 Datasheet HTML 2Page - Texas Instruments LM4666_15 Datasheet HTML 3Page - Texas Instruments LM4666_15 Datasheet HTML 4Page - Texas Instruments LM4666_15 Datasheet HTML 5Page - Texas Instruments LM4666_15 Datasheet HTML 6Page - Texas Instruments LM4666_15 Datasheet HTML 7Page - Texas Instruments LM4666_15 Datasheet HTML 8Page - Texas Instruments LM4666_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LM4666, LM4666SDBD
www.ti.com
SNAS189A – MAY 2004 – REVISED MAY 2013
LM4666
Filterless High Efficiency Stereo 1.2W Switching
Audio Amplifier
Check for Samples: LM4666, LM4666SDBD
1
FEATURES
DESCRIPTION
The LM4666 is a fully integrated single-supply high
2
No Output Filter Required for Inductive
efficiency switching audio amplifier. It features an
Transducers
innovative modulator that eliminates the LC output
Selectable Gain of 6dB or 12dB
filter
used
with
typical
switching
amplifiers.
Very Fast Turn On Time: 6ms (typ)
Eliminating the output filter reduces parts count,
simplifies circuit design, and reduces board area. The
Minimum External Components
LM4666 processes analog inputs with a delta-sigma
"Click and Pop" Suppression Circuitry
modulation technique that lowers output noise and
Micro-Power Shutdown Mode
THD when compared to conventional pulse width
modulators.
Short Circuit Protection
Available in Space-Saving NHK0014A Package
The LM4666 is designed to meet the demands of
mobile phones and other portable communication
devices. Operating on a single 3V supply, it is
APPLICATIONS
capable
of
driving
8
transducer
loads
at
a
Mobile Phones
continuous average output of 450mW with less than
PDAs
1%THD+N. Its flexible power supply requirements
allow operation from 2.8V to 5.5V.
Portable Electronic Devices
The
LM4666
has
high
efficiency
with
an
8
KEY SPECIFICATIONS
transducer load compared to a typical Class AB
amplifier. With a 3V supply, the IC's efficiency for a
Efficiency at 3V, 100mW into 8
Ω Transducer:
100mW power level is 79%, reaching 84% at 450mW
79% (typ)
output power.
Efficiency at 3V, 450mW into 8
Ω Transducer:
The LM4666 features a low-power consumption
84% (typ)
shutdown mode. Shutdown may be enabled by
Efficiency at 5V, 1W into 8
Ω Transducer: 85%
driving the Shutdown pin to a logic low (GND).
(typ)
The LM4666 has fixed selectable gain of either 6dB
Total Quiescent Power Supply Current: 7.0mA
or 12dB. The LM4666 has short circuit protection
(typ)
against a short from the outputs to VDD or GND.
Total Shutdown Power Supply Current: 0.02µA
(typ)
Single supply range: 2.8V to 5.5V
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Số phần tương tự - LM4666_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM4666 TI1-LM4666_14 Datasheet
1Mb / 20P
[Old version datasheet]   Filterless High Efficiency Stereo 1.2W Switching Audio Amplifier
More results

Mô tả tương tự - LM4666_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM4666 TI1-LM4666_14 Datasheet
1Mb / 20P
[Old version datasheet]   Filterless High Efficiency Stereo 1.2W Switching Audio Amplifier
logo
National Semiconductor ...
LM4666 NSC-LM4666 Datasheet
642Kb / 15P
   Filterless High Efficiency Stereo 1.2W Switching Audio Amplifier
logo
Analog Devices
SSM2302 AD-SSM2302 Datasheet
474Kb / 20P
   Filterless High Efficiency Class-D Stereo Audio Amplifier
REV. 0
SSM2302 AD-SSM2302_15 Datasheet
474Kb / 20P
   Filterless High Efficiency Class-D Stereo Audio Amplifier
logo
National Semiconductor ...
LM4671 NSC-LM4671_07 Datasheet
594Kb / 20P
   Filterless High Efficiency 2.5W Switching Audio Amplifier
LM4671 NSC-LM4671_08 Datasheet
588Kb / 18P
   Filterless High Efficiency 2.5W Switching Audio Amplifier
LM4667 NSC-LM4667 Datasheet
757Kb / 16P
   Filterless High Efficiency 1.3W Switching Audio Amplifier
LM4665 NSC-LM4665 Datasheet
1,018Kb / 18P
   Filterless High Efficiency 1W Switching Audio Amplifier
LM4670 NSC-LM4670 Datasheet
1Mb / 18P
   Filterless High Efficiency 3W Switching Audio Amplifier
LM4664 NSC-LM4664 Datasheet
550Kb / 14P
   Filterless High Efficiency 1.1W Switching Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com