công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADCMB-HSFMCEV1Z bảng dữ liệu(PDF) 8 Page - Intersil Corporation

tên linh kiện ADCMB-HSFMCEV1Z
Giải thích chi tiết về linh kiện  Dual 12-bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ADCMB-HSFMCEV1Z bảng dữ liệu(HTML) 8 Page - Intersil Corporation

Back Button ADCMB-HSFMCEV1Z Datasheet HTML 4Page - Intersil Corporation ADCMB-HSFMCEV1Z Datasheet HTML 5Page - Intersil Corporation ADCMB-HSFMCEV1Z Datasheet HTML 6Page - Intersil Corporation ADCMB-HSFMCEV1Z Datasheet HTML 7Page - Intersil Corporation ADCMB-HSFMCEV1Z Datasheet HTML 8Page - Intersil Corporation ADCMB-HSFMCEV1Z Datasheet HTML 9Page - Intersil Corporation ADCMB-HSFMCEV1Z Datasheet HTML 10Page - Intersil Corporation ADCMB-HSFMCEV1Z Datasheet HTML 11Page - Intersil Corporation ADCMB-HSFMCEV1Z Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
ISLA222S
8
FN8302.1
July 6, 2015
Submit Document Feedback
Digital Specifications Boldface limits apply across the operating temperature range, -40°C to +85°C.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 6)TYP
MAX
(Note 6)UNIT
CMOS INPUTS
Input Current High (RESETN)
IIH
VIN = 1.8V
1
10
µA
Input Current Low (RESETN)
IIL
VIN = 0V
-25
-12
-7
µA
Input Current High (SDIO, SCL, SDA SCLK)
IIH
VIN = 1.8V
4
12
µA
Input Current Low (SDIO, SCL, SDA SCLK)
IIL
VIN = 0V
-600
-400
-300
µA
Input Current High (CSB)
IIH
VIN = 1.8V
40
52
70
µA
Input Current Low (CSB)
IIL
VIN = 0V
1
10
µA
Input Voltage High (SDIO, RESETN)
VIH
1.17
V
Input Voltage Low (SDIO, RESETN)
VIL
0.63
V
Input Current High (NAPSLP, CLKDIV) (Note 11)IIH
19
25
30
µA
Input Current Low (NAPSLP, CLKDIV)
IIL
--30
-25
-19
µA
Input Capacitance
CDI
4pF
LVDS INPUTS (SYNCP, SYNCN)
Input Common Mode Range
VICM
825
1575
mV
Input Differential Swing (peak-to-peak, single-ended)
VID
250
450
mV
Input Pull-up and Pull-down Resistance
RIpu
100
CML OUTPUTS
Output Common Mode Voltage
1.14
V
Switching Specifications Boldface limits apply across the operating temperature range, -40°C to +85°C.
PARAMETER
SYMBOL
TEST CONDITION
MIN
(Note 6)TYP
MAX
(Note 6)UNIT
ADC OUTPUT
Aperture Delay
tA
190
ps
RMS Aperture Jitter
jA
100
fs
Synchronous Clock Divider Reset Recovery Time (Note 12)tRSTRT
DLL recovery
time after
Synchronous
Reset
250
µs
Latency (ADC Pipeline Delay)
L
10
cycles
Overvoltage Recovery
tOVR
1cycles
SERDES
PLL Lock Time
250
µs
PLL Bandwidth
2.2
MHz
Added Random Jitter
5ps
RMS
Added Deterministic Jitter
7ps P-P
Maximum Input Sample Clock Total Jitter to Maintain SERDES
BER <1E-12
Integrated from
1kHz to 10MHz
offset from
carrier
5ps rms


Số phần tương tự - ADCMB-HSFMCEV1Z

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
ADCMB-HSFMCEV1Z RENESAS-ADCMB-HSFMCEV1Z Datasheet
1Mb / 38P
   Dual 12-bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
More results

Mô tả tương tự - ADCMB-HSFMCEV1Z

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISLA222S INTERSIL-ISLA222S Datasheet
1Mb / 40P
   Dual 12-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Renesas Technology Corp
ISLA222S RENESAS-ISLA222S Datasheet
1Mb / 38P
   Dual 12-bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Intersil Corporation
ISLA224S INTERSIL-ISLA224S_12 Datasheet
1Mb / 39P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
ISLA224S INTERSIL-ISLA224S Datasheet
1Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Renesas Technology Corp
ISLA224S RENESAS-ISLA224S Datasheet
2Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Intersil Corporation
ISLA224S25IR1Z INTERSIL-ISLA224S25IR1Z Datasheet
1Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
April 25, 2013
logo
Renesas Technology Corp
ISLA216S RENESAS-ISLA216S Datasheet
1Mb / 34P
   16-Bit, 250/200/130 MSPS JESD204B High Speed Serial Output ADC
logo
Intersil Corporation
ISLA216S INTERSIL-ISLA216S Datasheet
1Mb / 34P
   16-Bit, 250/200/130 MSPS JESD204B High Speed Serial Output ADC
ISLA216S25IR1Z INTERSIL-ISLA216S25IR1Z Datasheet
1Mb / 34P
   16-Bit, 250/200/130 MSPS JESD204B High Speed Serial Output ADC
April 19, 2013
logo
Integrated Device Techn...
ADC1443D IDT-ADC1443D Datasheet
1Mb / 49P
   Dual channel 14-bit ADC; 125, 160 or 200 Msps; JESD204B serial outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com