công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISLA216S13IR1Z bảng dữ liệu(PDF) 1 Page - Intersil Corporation

tên linh kiện ISLA216S13IR1Z
Giải thích chi tiết về linh kiện  16-Bit, 250/200/130 MSPS JESD204B High Speed Serial Output ADC
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISLA216S13IR1Z bảng dữ liệu(HTML) 1 Page - Intersil Corporation

  ISLA216S13IR1Z Datasheet HTML 1Page - Intersil Corporation ISLA216S13IR1Z Datasheet HTML 2Page - Intersil Corporation ISLA216S13IR1Z Datasheet HTML 3Page - Intersil Corporation ISLA216S13IR1Z Datasheet HTML 4Page - Intersil Corporation ISLA216S13IR1Z Datasheet HTML 5Page - Intersil Corporation ISLA216S13IR1Z Datasheet HTML 6Page - Intersil Corporation ISLA216S13IR1Z Datasheet HTML 7Page - Intersil Corporation ISLA216S13IR1Z Datasheet HTML 8Page - Intersil Corporation ISLA216S13IR1Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
1
16-Bit, 250/200/130 MSPS JESD204B High Speed
Serial Output ADC
ISLA216S
The ISLA216S is a series of low-power, high-performance,
16-bit, analog-to-digital converters. Designed with
FemtoCharge™ technology on a standard CMOS process, the
series supports sampling rates of up to 250MSPS. The
ISLA216S is part of a pin-compatible family of 12-, 14-, and
16-bit A/Ds with maximum sample rates ranging from 130 to
500MSPS and shares the same analog core as Intersil's
proven ISLA216P series of ADCs. The family minimizes power
consumption while providing state-of-the art dynamic
performance, offering an optimal performance-vs-power
trade-off.
Differentiating the ISLA216S from the ISLA216P is its highly
configurable, JESD204B-compliant, high speed serial output
link. The link offers data rates up to 4.375Gbps per lane and
multiple packing modes. It uses two lanes to transmit the
conversion data. The SERDES transmitter also provides
deterministic latency and multi-chip time alignment support to
satisfy an application's complex synchronization requirements.
A serial peripheral interface (SPI) port allows for extensive
configurability of the JESD204B transmitter including access
to its built-in link and transport-layer test patterns. The SPI port
also provides control for numerous additional features
including the fine gain and offset adjustments of the two ADC
cores as well as the programmable clock divider, enabling 2x
and 4x harmonic clocking.
The ISLA216S is available in a space-saving 7mmx7mm 48 Ld
QFN package. The package features a thermal pad for
improved thermal performance and is specified over the full
industrial temperature range (-40°C to +85°C).
Features
•JESD204A/B High Speed Data Interface
-JESD204A Compliant
- JESD204B Device Subclass 0 Compliant
- JESD204B Device Subclass 2 Compatible
- JESD204 Output Lanes Run up to 4.375Gbps
- Highly Configurable JESD204 Transmitter
• Multiple Chip Time Alignment and Deterministic Latency
Support (JESD204B Device Subclass 2)
• SPI Programmable Debugging Features and Test Patterns
• 48-pin QFN 7mmx7mm Package
Key Specifications
• SNR @ 250/200/130MSPS
75.8/77.2/78.0 dBFS fIN = 30MHz
74.6/75.2/74.8 dBFS fIN = 190MHz
• SFDR @ 250/200/130MSPS
87/93/94 dBc fIN = 30MHz
82/81/81 dBc fIN = 190MHz
• Total Power Consumption: 887mW @ 250MSPS
Applications
• Radar and Satellite Antenna Array Processing
• Broadband Communications and Microwave Receivers
• High-Performance Data Acquisition
• Communications Test Equipment
• High-Speed Medical Imaging
FIGURE 1. SERDES DATA EYE AT 4.375Gbps
Pin-Compatible Family
MODEL
RESOLUTION
SPEED
(MSPS)
PRODUCT
AVAILABILITY
ISLA216S25
16
250
Now
ISLA216S20
16
200
Now
ISLA216S13
16
130
Now
ISLA214S50
14
500
Now
ISLA212S50
12
500
Soon
ISLA214S25
14
250
Soon
ISLA212S25
12
250
Soon
April 19, 2013
FN7996.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Copyright Intersil Americas LLC 2012, 2013. All Rights Reserved
Intersil (and design) and FemtoCharge are trademarks owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.


Số phần tương tự - ISLA216S13IR1Z

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISLA216S13IR1Z INTERSIL-ISLA216S13IR1Z Datasheet
1Mb / 34P
   16-Bit, 250/200/130 MSPS JESD204B High Speed Serial Output ADC
logo
Renesas Technology Corp
ISLA216S13IR1Z RENESAS-ISLA216S13IR1Z Datasheet
1Mb / 34P
   16-Bit, 250/200/130 MSPS JESD204B High Speed Serial Output ADC
More results

Mô tả tương tự - ISLA216S13IR1Z

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
ISLA216S RENESAS-ISLA216S Datasheet
1Mb / 34P
   16-Bit, 250/200/130 MSPS JESD204B High Speed Serial Output ADC
logo
Intersil Corporation
ISLA216S INTERSIL-ISLA216S Datasheet
1Mb / 34P
   16-Bit, 250/200/130 MSPS JESD204B High Speed Serial Output ADC
ISLA224S INTERSIL-ISLA224S_12 Datasheet
1Mb / 39P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
ISLA224S INTERSIL-ISLA224S Datasheet
1Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
ISLA222S25IR1Z INTERSIL-ISLA222S25IR1Z Datasheet
1Mb / 38P
   Dual 12-bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
July 6, 2015
logo
Renesas Technology Corp
ISLA224S RENESAS-ISLA224S Datasheet
2Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Intersil Corporation
ISLA222S INTERSIL-ISLA222S Datasheet
1Mb / 40P
   Dual 12-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Renesas Technology Corp
ISLA222S RENESAS-ISLA222S Datasheet
1Mb / 38P
   Dual 12-bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Intersil Corporation
ISLA224S25IR1Z INTERSIL-ISLA224S25IR1Z Datasheet
1Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
April 25, 2013
logo
Renesas Technology Corp
ISLA214S50 RENESAS-ISLA214S50 Datasheet
1Mb / 41P
   14-Bit, 500/350 MSPS JESD204B High Speed Serial Output ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com