công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISLA222S25IR1Z bảng dữ liệu(PDF) 7 Page - Intersil Corporation

tên linh kiện ISLA222S25IR1Z
Giải thích chi tiết về linh kiện  Dual 12-bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISLA222S25IR1Z bảng dữ liệu(HTML) 7 Page - Intersil Corporation

Back Button ISLA222S25IR1Z Datasheet HTML 3Page - Intersil Corporation ISLA222S25IR1Z Datasheet HTML 4Page - Intersil Corporation ISLA222S25IR1Z Datasheet HTML 5Page - Intersil Corporation ISLA222S25IR1Z Datasheet HTML 6Page - Intersil Corporation ISLA222S25IR1Z Datasheet HTML 7Page - Intersil Corporation ISLA222S25IR1Z Datasheet HTML 8Page - Intersil Corporation ISLA222S25IR1Z Datasheet HTML 9Page - Intersil Corporation ISLA222S25IR1Z Datasheet HTML 10Page - Intersil Corporation ISLA222S25IR1Z Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
ISLA222S
7
FN8302.1
July 6, 2015
Submit Document Feedback
Signal-to-noise and
Distortion (Note 10)
SINAD
fIN = 30MHz
70.5
71.1
71.7
dBFS
fIN = 105MHz
69.0
70.4
70.2
71.0
70.4
71.3
dBFS
fIN = 190MHz
70.0
70.5
70.7
dBFS
fIN = 363MHz
69.0
68.9
67.8
dBFS
fIN = 495MHz
65.4
64.0
61.4
dBFS
fIN = 605MHz
59.3
58.0
54.1
dBFS
Effective Number of Bits
(Note 10)
ENOB
fIN = 30MHz
11.42
11.52
11.61
Bits
fIN = 105MHz
11.17 11.40
11.37 11.50
11.40 11.55
Bits
fIN = 190MHz
11.34
11.42
11.46
Bits
fIN = 363MHz
11.16
11.16
10.97
Bits
fIN = 495MHz
10.57
10.34
9.91
Bits
fIN = 605MHz
9.56
9.35
8.69
Bits
Spurious-free Dynamic
Range (Note 10)
SFDR
fIN = 30MHz
87
93
95
dBc
fIN = 105MHz
74
83
76
89
76
87
dBc
fIN = 190MHz
84
93
86
dBc
fIN = 363MHz
79
88
71
dBc
fIN = 495MHz
66
85
61
dBc
fIN = 605MHz
58
83
52
dBc
Spurious-Free Dynamic
Range Excluding H2, H3
(Note 10)
SFDRX23 fIN = 30MHz
87
93
98
dBc
fIN = 105MHz
89
95
96
dBc
fIN = 190MHz
88
93
90
dBc
fIN = 363MHz
84
88
85
dBc
fIN = 495MHz
85
85
82
dBc
fIN = 605MHz
88
83
81
dBc
Intermodulation
Distortion
IMD
fIN = 70MHz
-84
-82
-81
dBFS
fIN = 170MHz
-92
-99
-100
dBFS
Channel-to-channel
Isolation
fIN = 10MHz
88
90
100
dB
fIN = 124MHz
82
87
86
dB
Word Error Rate
WER
10-13
10-13
10-13
Full Power Bandwidth
FPBW
675
675
675
MHz
NOTES:
6. Compliance to datasheet limits is assured by one or more methods: production test, characterization and/or design.
7. PSRR is calculated by the equation 20*log10(A/B), where B is the amplitude of a disturber sinusoid on AVDD at the device pins, and A is the amplitude
of the spur in the captured data at the frequency of the disturber sinusoid.
8. AC Specifications apply after internal calibration of the ADC is invoked at the given sample rate and temperature. Refer to “Power-on Calibration” on
page 15 and “User Initiated Reset” on page 16 for more detail.
9. The DLL Range setting must be changed via SPI for ADC core sample rates below 80MSPS. The JESD204 transmitter can support ADC sample rates
below 100MSPS, as long as the SERDES lane data rate is greater than or equal to 1Gbps.
10. Minimum specification guaranteed when calibrated at +85°C.
Electrical Specifications All specifications apply under the following conditions unless otherwise noted: AVDD = 1.8V, OVDD = 1.8V,
TA = -40°C to +85°C (typical specifications at +25°C), AIN = -2dBFS, fSAMPLE = Maximum Conversion Rate (per speed grade). Boldface limits apply
across the operating temperature range, -40°C to +85°C. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
ISLA222S25
ISLA222S20
ISLA222S12
UNIT
MIN
(Note 6)TYP
MAX
(Note 6)
MIN
(Note 6)TYP
MAX
(Note 6)
MIN
(Note 6)TYP
MAX
(Note 6)


Số phần tương tự - ISLA222S25IR1Z

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISLA222S25IR1Z INTERSIL-ISLA222S25IR1Z Datasheet
1Mb / 40P
   Dual 12-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Renesas Technology Corp
ISLA222S25IR1Z RENESAS-ISLA222S25IR1Z Datasheet
1Mb / 38P
   Dual 12-bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
More results

Mô tả tương tự - ISLA222S25IR1Z

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISLA222S INTERSIL-ISLA222S Datasheet
1Mb / 40P
   Dual 12-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Renesas Technology Corp
ISLA222S RENESAS-ISLA222S Datasheet
1Mb / 38P
   Dual 12-bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Intersil Corporation
ISLA224S INTERSIL-ISLA224S_12 Datasheet
1Mb / 39P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
ISLA224S INTERSIL-ISLA224S Datasheet
1Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Renesas Technology Corp
ISLA224S RENESAS-ISLA224S Datasheet
2Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Intersil Corporation
ISLA224S25IR1Z INTERSIL-ISLA224S25IR1Z Datasheet
1Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
April 25, 2013
logo
Renesas Technology Corp
ISLA216S RENESAS-ISLA216S Datasheet
1Mb / 34P
   16-Bit, 250/200/130 MSPS JESD204B High Speed Serial Output ADC
logo
Intersil Corporation
ISLA216S INTERSIL-ISLA216S Datasheet
1Mb / 34P
   16-Bit, 250/200/130 MSPS JESD204B High Speed Serial Output ADC
ISLA216S25IR1Z INTERSIL-ISLA216S25IR1Z Datasheet
1Mb / 34P
   16-Bit, 250/200/130 MSPS JESD204B High Speed Serial Output ADC
April 19, 2013
logo
Integrated Device Techn...
ADC1443D IDT-ADC1443D Datasheet
1Mb / 49P
   Dual channel 14-bit ADC; 125, 160 or 200 Msps; JESD204B serial outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com