công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMV951 bảng dữ liệu(PDF) 2 Page - Texas Instruments

tên linh kiện LMV951
Giải thích chi tiết về linh kiện  LMV951 1-V, 2.7-MHz, Zero Crossover Rail-to-Rail Input and Output Amplifier With Shutdown
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LMV951 bảng dữ liệu(HTML) 2 Page - Texas Instruments

  LMV951_15 Datasheet HTML 1Page - Texas Instruments LMV951_15 Datasheet HTML 2Page - Texas Instruments LMV951_15 Datasheet HTML 3Page - Texas Instruments LMV951_15 Datasheet HTML 4Page - Texas Instruments LMV951_15 Datasheet HTML 5Page - Texas Instruments LMV951_15 Datasheet HTML 6Page - Texas Instruments LMV951_15 Datasheet HTML 7Page - Texas Instruments LMV951_15 Datasheet HTML 8Page - Texas Instruments LMV951_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
LMV951
SNOSAI3D – OCTOBER 2006 – REVISED SEPTEMBER 2015
www.ti.com
Table of Contents
7.4
Device Functional Modes........................................ 15
1
Features .................................................................. 1
8
Application and Implementation ........................ 18
2
Applications ........................................................... 1
8.1
Application Information............................................ 18
3
Description ............................................................. 1
8.2
Typical Applications ................................................ 18
4
Revision History..................................................... 2
9
Power Supply Recommendations ...................... 21
5
Pin Configuration and Functions ......................... 3
10
Layout................................................................... 21
6
Specifications......................................................... 3
10.1
Layout Guidelines ................................................. 21
6.1
Absolute Maximum Ratings ...................................... 3
10.2
Layout Example .................................................... 21
6.2
ESD Ratings.............................................................. 3
11
Device and Documentation Support ................. 22
6.3
Recommended Operating Conditions ....................... 4
11.1
Device Support .................................................... 22
6.4
Thermal Information .................................................. 4
11.2
Documentation Support ....................................... 22
6.5
Electrical Characteristics: 1 V ................................... 4
11.3
Community Resources.......................................... 22
6.6
Electrical Characteristics: 1.8 V ................................ 5
11.4
Trademarks ........................................................... 22
6.7
Typical Characteristics .............................................. 7
11.5
Electrostatic Discharge Caution ............................ 22
7
Detailed Description ............................................ 15
11.6
Glossary ................................................................ 22
7.1
Overview ................................................................. 15
12
Mechanical, Packaging, and Orderable
7.2
Functional Block Diagram ....................................... 15
Information ........................................................... 22
7.3
Feature Description................................................. 15
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision C (April 2013) to Revision D
Page
Added Pin Configuration and Functions section, ESD Ratings table, Feature Description section, Device Functional
Modes, Application and Implementation section, Power Supply Recommendations section, Layout section, Device
and Documentation Support section, and Mechanical, Packaging, and Orderable Information section .............................. 1
Changes from Revision B (April 2013) to Revision C
Page
Changed layout of National Data Sheet to TI format ........................................................................................................... 18
2
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: LMV951


Số phần tương tự - LMV951_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMV951 NSC-LMV951_14 Datasheet
1Mb / 24P
   2.7 MHz, Rail-to-Rail Input and Output Amplifier with Shutdown Option
More results

Mô tả tương tự - LMV951_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMV951 TI1-LMV951 Datasheet
1Mb / 29P
[Old version datasheet]   1-V, 2.7-MHz, Zero Crossover Rail-to-Rail Input
logo
National Semiconductor ...
LMV951 NSC-LMV951_14 Datasheet
1Mb / 24P
   2.7 MHz, Rail-to-Rail Input and Output Amplifier with Shutdown Option
LMV951 NSC-LMV951 Datasheet
1Mb / 17P
   1V, 2.7 MHz, Rail-to-Rail Input and Output Amplifier with Shutdown Option
LMH6618 NSC-LMH6618 Datasheet
1Mb / 26P
   130 MHz, 1.25 mA Rail-to-Rail Input and Output Operational Amplifier with Shutdown
logo
Texas Instruments
LMH6645 TI1-LMH6645 Datasheet
1Mb / 36P
[Old version datasheet]   LMH664x 2.7 V, 650 關A, 55 MHz, Rail-to-Rail Input and Output Amplifiers with Shutdown Option
OPA388 TI1-OPA388_19 Datasheet
2Mb / 45P
[Old version datasheet]   Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail, Input/Output Operational Amplifiers
OPA388 TI1-OPA388_18 Datasheet
2Mb / 39P
[Old version datasheet]   Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail Input/Output, Operational Amplifiers
OPA388 TI1-OPA388 Datasheet
2Mb / 32P
[Old version datasheet]   Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail Input/Output, Operational Amplifiers
OPA388 TI1-OPA388_17 Datasheet
2Mb / 34P
[Old version datasheet]   Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail Input/Output, Operational Amplifiers
OPA388_1812 TI1-OPA388_1812 Datasheet
2Mb / 37P
[Old version datasheet]   Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail Input/Output, Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com