công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ISL23328WFRUZ-T7A bảng dữ liệu(PDF) 2 Page - Intersil Corporation |
|
ISL23328WFRUZ-T7A bảng dữ liệu(HTML) 2 Page - Intersil Corporation |
2 / 20 page ISL23328 2 FN7902.1 September 29, 2015 Block Diagram POWER UP INTERFACE, CONTROL AND STATUS LOGIC I/O BLOCK VCC GND SCL SDA A0 A1 RH0 RL0 RW0 RH1 RL1 RW1 WR0 VOLATILE REGISTER AND WIPER CONTROL CIRCUITRY WR1 VOLATILE REGISTER AND WIPER CONTROL CIRCUITRY A2 VLOGIC LEVEL SHIFTER Pin Configurations ISL23328 (14 LD TSSOP) TOP VIEW ISL23328 (16 LD UTQFN) TOP VIEW SDA VLOGIC A0 VCC SCL GND RL1 RW1 RH1 A1 RL0 A2 RH0 RW0 1 2 3 4 5 6 7 14 13 12 11 10 9 8 RH1 RW1 A1 RW0 SCL RH0 SDA A0 1 3 4 2 12 10 9 11 Pin Descriptions TSSOP UTQFN SYMBOL DESCRIPTION 1 6, 15 GND Ground pin 216 VLOGIC I2C bus/logic supply. Range 1.2V to 5.5V 3 1 SDA Logic Pin - Serial bus data input/open drain output 4 2 SCL Logic Pin - Serial bus clock input 5 3 A0 Logic Pin - Hardwire slave address pin for I2C serial bus. Range: VLOGIC or GND 6 4 A1 Logic Pin - Hardwire slave address pin for I2C serial bus. Range: VLOGIC or GND 7 5 A2 Logic Pin - Hardwire slave address pin for I2C serial bus. Range: VLOGIC or GND 8 8 RL1 DCP1 “low” terminal 9 9 RW1 DCP1 wiper terminal 10 10 RH1 DCP1 “high” terminal 11 11 RH0 DCP0 “high” terminal 12 12 RW0 DCP0 wiper terminal 13 13 RL0 DCP0 “low” terminal 14 14 VCC Analog power supply. Range 1.7V to 5.5V 7NC Not Connected |
Số phần tương tự - ISL23328WFRUZ-T7A |
|
Mô tả tương tự - ISL23328WFRUZ-T7A |