công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL23511WFB8Z bảng dữ liệu(PDF) 1 Page - Intersil Corporation

tên linh kiện ISL23511WFB8Z
Giải thích chi tiết về linh kiện  Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL23511WFB8Z bảng dữ liệu(HTML) 1 Page - Intersil Corporation

  ISL23511WFB8Z Datasheet HTML 1Page - Intersil Corporation ISL23511WFB8Z Datasheet HTML 2Page - Intersil Corporation ISL23511WFB8Z Datasheet HTML 3Page - Intersil Corporation ISL23511WFB8Z Datasheet HTML 4Page - Intersil Corporation ISL23511WFB8Z Datasheet HTML 5Page - Intersil Corporation ISL23511WFB8Z Datasheet HTML 6Page - Intersil Corporation ISL23511WFB8Z Datasheet HTML 7Page - Intersil Corporation ISL23511WFB8Z Datasheet HTML 8Page - Intersil Corporation ISL23511WFB8Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
FN6588.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas LLC
XDCP is a trademark of Intersil Americas Inc. Copyright Intersil Americas LLC 2007, 2008, 2015. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
ISL23511
Single Push Button Controlled Potentiometer (XDCP™)
Low Noise, Low Power, 32 Taps, Push
Button Controlled Potentiometer
The Intersil ISL23511 is a three-terminal digitally-controlled
potentiometer (XDCP) implemented by a resistor array
composed of 31 resistive elements and a wiper switching
network. The ISL23511 features a push button control, a
shutdown mode, as well as an industry-leading µTQFN
package.
The push button control has individual PU and PD inputs for
adjusting the wiper. To eliminate redundancy, the wiper
position will automatically increment or decrement if one of
these inputs is held longer than 1s.
Forcing both PU and PD low for more than 2s activates
shutdown mode. Shutdown mode disconnects the top of the
resistor chain and moves the wiper to the lowest position,
minimizing power consumption.
The three terminals accessing the resistor chain naturally
configure the ISL23511 as a voltage divider. A rheostat is
easily formed by floating an end terminal or connecting it to
the wiper.
Features
• Solid-state volatile potentiometer
• Push button controlled
• Single or Auto increment/decrement
- Fast Mode after 1s button press
• Shutdown Mode
• 32 wiper tap points
- Zero scale wiper position on power-up
• Low power CMOS
-VCC = 2.7V to 5.5V
- Terminal voltage, 0 to VCC
- Standby current, 3µA max
•RTOTAL value = 10k50k
• Packages
- 8 Ld SOIC and 10 Ld µTQFN (2.1mmx1.6mm)
• Pb-free (RoHS compliant)
Applications
• Volume Control
• LED/LCD Brightness Control
• Contrast Control
• Programming Bias Voltages
• Ladder Networks
VCC (SUPPLY VOLTAGE)
CONTROL
BLOCK
PU
PD
VSS (GROUND)
RH
RL
RW
9
8
7
6
1
2
3
4
NC
VSS
NC
RL
VCC
PU
RH
PD
O
RW
NC
VCC
NC
PU
PD
RH
VSS
1
2
3
4
8
7
6
5
RL
RW
O
µTFQFN
(TOP VIEW)
SOIC
(TOP VIEW)
NO
LO
NG
ER
AV
AIL
AB
LE
OR
SU
PP
OR
TE
D
Ordering Information
PART
NUMBER
PART
MARKING
RTOTAL
(k
)
TEMP.
RANGE (°C)
PACKAGE
(Pb-free)
PKG.
DWG. #
ISL23511WFB8Z* (Note 1)
23511 WFBZ
10
-40 to +125
8 Ld SOIC
M8.15
ISL23511WFRU10Z-TK (Note 2)
(No longer available or
supported)
GA
10
-40 to +125
10 Ld µTQFN
L10.2.1x1.6A
*Add “-TK” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
NOTES:
1. These Intersil Pb-free plastic packaged products employ special Pb-free material sets; molding compounds/die attach materials and 100%
matte tin plate PLUS ANNEAL - e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering
operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets; molding compounds/die attach materials and NiPdAu
plate - e4 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free
products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
Data Sheet
September 9, 2015


Số phần tương tự - ISL23511WFB8Z

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL23511WFB8Z INTERSIL-ISL23511WFB8Z Datasheet
389Kb / 11P
   Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
ISL23511WFB8Z INTERSIL-ISL23511WFB8Z Datasheet
407Kb / 10P
   Single Push Button Controlled Potentiometer
logo
Renesas Technology Corp
ISL23511WFB8Z RENESAS-ISL23511WFB8Z Datasheet
740Kb / 11P
   Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
More results

Mô tả tương tự - ISL23511WFB8Z

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL22511WFB8Z INTERSIL-ISL22511WFB8Z Datasheet
485Kb / 13P
   Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
September 9, 2015
ISL23511 INTERSIL-ISL23511 Datasheet
389Kb / 11P
   Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
ISL22511 INTERSIL-ISL22511 Datasheet
423Kb / 13P
   Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer Single Push Button Controlled Potentiometer XDCP
logo
Renesas Technology Corp
ISL22511 RENESAS-ISL22511 Datasheet
767Kb / 13P
   Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
ISL23511 RENESAS-ISL23511 Datasheet
740Kb / 11P
   Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
logo
Intersil Corporation
ISL22512WFB8Z INTERSIL-ISL22512WFB8Z Datasheet
372Kb / 12P
   Low Noise, Low Power, 16 Taps, Push Button Controlled Potentiometer
October 12, 2015
ISL23512 INTERSIL-ISL23512 Datasheet
236Kb / 9P
   Low Noise, Low Power, 16 Taps, Push Button Controlled Potentiometer
logo
Renesas Technology Corp
ISL22512 RENESAS-ISL22512 Datasheet
671Kb / 13P
   Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 16 Taps, Push Button Controlled Potentiometer
ISL23512 RENESAS-ISL23512 Datasheet
608Kb / 10P
   Single Push Button Controlled Potentiometer (XDCP™) Low Noise, Low Power, 16 Taps, Push Button Controlled Potentiometer
January 21, 2008
X93154 RENESAS-X93154 Datasheet
433Kb / 8P
   Low Noise, Low Power, 32 Taps Digitally Controlled Potentiometer (XDCP??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com