công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL22511UFRU10Z-TK bảng dữ liệu(PDF) 2 Page - Intersil Corporation

tên linh kiện ISL22511UFRU10Z-TK
Giải thích chi tiết về linh kiện  Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22511UFRU10Z-TK bảng dữ liệu(HTML) 2 Page - Intersil Corporation

  ISL22511UFRU10Z-TK Datasheet HTML 1Page - Intersil Corporation ISL22511UFRU10Z-TK Datasheet HTML 2Page - Intersil Corporation ISL22511UFRU10Z-TK Datasheet HTML 3Page - Intersil Corporation ISL22511UFRU10Z-TK Datasheet HTML 4Page - Intersil Corporation ISL22511UFRU10Z-TK Datasheet HTML 5Page - Intersil Corporation ISL22511UFRU10Z-TK Datasheet HTML 6Page - Intersil Corporation ISL22511UFRU10Z-TK Datasheet HTML 7Page - Intersil Corporation ISL22511UFRU10Z-TK Datasheet HTML 8Page - Intersil Corporation ISL22511UFRU10Z-TK Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
FN6678.2
September 9, 2015
Ordering Information
PART
NUMBER
PART
MARKING
RTOTAL
(k
)
TEMP.
RANGE(°C)
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL22511WFB8Z* (Note 1)
22511 WFBZ
10
-40 to +125
8 Ld SOIC
M8.15
ISL22511UFB8Z* (Note 1) (No longer
available, recommended
replacement:ISL22511WFRU10Z-TK)
22511 UFBZ
50
-40 to +125
8 Ld SOIC
M8.15
ISL22511WFRU10Z-TK (Note 2)
GD
10
-40 to +125
10 Ld UTQFN Tape and Reel
L10.2.1x1.6A
ISL22511UFRU10Z-TK (Note 2) (No
longer available, recommended
replacement:ISL22511WFRU10Z-TK)
GC
50
-40 to +125
10 Ld UTQFN Tape and Reel
L10.2.1x1.6A
*Add “-TK” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
NOTES:
1. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100%
matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations).
Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC
J STD-020.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets; molding compounds/die attach materials and NiPdAu
plate - e4 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free
products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
Pinouts
ISL22511
(8 LD SOIC)
TOP VIEW
ISL22511
(10 LD UTQFN)
TOP VIEW
VCC
ASE
PU
PD
RH
VSS
1
2
3
4
8
7
6
5
RL
RW
O
9
8
7
6
1
2
3
4
NC
VSS
ASE
RL
VCC
PU
RH
PD
O
RW
NC
Pin Descriptions
SOIC
PIN
UTQFN
PIN
SYMBOL
BRIEF DESCRIPTION
11
PU
The PU is a falling-edge triggered input with internal pull-up. Toggling PU will move the wiper close to RH terminal.
22
PD
The PD is a falling-edge triggered input with internal pull-up. Toggling PD will move the wiper close to RL terminal.
3
3
RH
The RH and RL pins of the ISL22511 are equivalent to the fixed terminals of a mechanical potentiometer. The
minimum voltage is VSS and the maximum is VCC. The terminology of RH and RL references the relative position
of the terminal in relation to wiper movement direction selected by the PU/PD input.
44
VSS
Ground
5
6
RW
The RW pin is the wiper terminal of the potentiometer which is equivalent to the movable terminal of a mechanical
potentiometer.
6
7
RL
The RH and RL pins of the ISL22511 are equivalent to the fixed terminals of a mechanical potentiometer. The
minimum voltage is VSS and the maximum is VCC. The terminology of RH and RL references the relative position
of the terminal in relation to wiper movement direction selected by the PU/PD input.
78
ASE
Active low AUTOSTORE enable input or Manual Store active low input.
89
VCC
Supply Voltage.
-
5, 10
NC
No connection.
ISL22511


Số phần tương tự - ISL22511UFRU10Z-TK

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL22511UFRU10Z-TK INTERSIL-ISL22511UFRU10Z-TK Datasheet
423Kb / 13P
   Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer Single Push Button Controlled Potentiometer XDCP
logo
Renesas Technology Corp
ISL22511UFRU10Z-TK RENESAS-ISL22511UFRU10Z-TK Datasheet
767Kb / 13P
   Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
More results

Mô tả tương tự - ISL22511UFRU10Z-TK

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL23511WFB8Z INTERSIL-ISL23511WFB8Z Datasheet
490Kb / 11P
   Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
September 9, 2015
ISL23511 INTERSIL-ISL23511 Datasheet
389Kb / 11P
   Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
ISL22511 INTERSIL-ISL22511 Datasheet
423Kb / 13P
   Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer Single Push Button Controlled Potentiometer XDCP
logo
Renesas Technology Corp
ISL22511 RENESAS-ISL22511 Datasheet
767Kb / 13P
   Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
ISL23511 RENESAS-ISL23511 Datasheet
740Kb / 11P
   Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
logo
Intersil Corporation
ISL22512WFB8Z INTERSIL-ISL22512WFB8Z Datasheet
372Kb / 12P
   Low Noise, Low Power, 16 Taps, Push Button Controlled Potentiometer
October 12, 2015
ISL23512 INTERSIL-ISL23512 Datasheet
236Kb / 9P
   Low Noise, Low Power, 16 Taps, Push Button Controlled Potentiometer
logo
Renesas Technology Corp
ISL22512 RENESAS-ISL22512 Datasheet
671Kb / 13P
   Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 16 Taps, Push Button Controlled Potentiometer
ISL23512 RENESAS-ISL23512 Datasheet
608Kb / 10P
   Single Push Button Controlled Potentiometer (XDCP™) Low Noise, Low Power, 16 Taps, Push Button Controlled Potentiometer
January 21, 2008
X93154 RENESAS-X93154 Datasheet
433Kb / 8P
   Low Noise, Low Power, 32 Taps Digitally Controlled Potentiometer (XDCP??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com