công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL22424TFR16Z bảng dữ liệu(PDF) 6 Page - Intersil Corporation

tên linh kiện ISL22424TFR16Z
Giải thích chi tiết về linh kiện  Low Noise, Low Power, SPI® Bus, 256 Taps
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22424TFR16Z bảng dữ liệu(HTML) 6 Page - Intersil Corporation

Back Button ISL22424TFR16Z Datasheet HTML 2Page - Intersil Corporation ISL22424TFR16Z Datasheet HTML 3Page - Intersil Corporation ISL22424TFR16Z Datasheet HTML 4Page - Intersil Corporation ISL22424TFR16Z Datasheet HTML 5Page - Intersil Corporation ISL22424TFR16Z Datasheet HTML 6Page - Intersil Corporation ISL22424TFR16Z Datasheet HTML 7Page - Intersil Corporation ISL22424TFR16Z Datasheet HTML 8Page - Intersil Corporation ISL22424TFR16Z Datasheet HTML 9Page - Intersil Corporation ISL22424TFR16Z Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
FN6425.1
September 9, 2015
fcutoff
(Note 20)
-3dB cut off frequency
Wiper at midpoint (80hex) W option (10k)
1000
kHz
Wiper at midpoint (80hex) U option (50k)
250
kHz
Wiper at midpoint (80hex) T option (100k)
120
kHz
RESISTOR MODE (Measurements between RW and RL with RH not connected, or between RW and RH with RL not connected)
RINL
(Note 15)
Integral non-linearity
W option
-3
±1.5
3
MI
(Note 12)
U, T option
-1
±0.4
1
MI
(Note 12)
RDNL
(Note 14)
Differential non-linearity
W option
-1.5
±0.5
1.5
MI
(Note 12)
U, T option
-0.5
±0.15
0.5
MI
(Note 12)
Roffset
(Note 13)
Offset
W option
0
1
5
MI
(Note 12)
U, T option
0
0.5
2
MI
(Note 12)
RMATCH
(Note 16)
DCP to DCP matching
Wipers at the same tap position with the
same terminal voltages
-2
2
MI
(Note 12)
TCR
(Note 17, 20)
Resistance temperature coefficient
DCP register set between 32hex and FF hex
±40
ppm/°C
Analog Specifications
Over recommended operating conditions unless otherwise stated. (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
(NOTE 4)
MAX
UNIT
Operating Specifications Over the recommended operating conditions unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
(NOTE 4)
MAX
UNIT
ICC1
VCC Supply Current (volatile
write/read)
VCC = 5.5V, V- = 5.5V, fSCK = 5MHz; (for SPI
Active, Read and Volatile Write states only)
0.6
1.0
mA
VCC = 2.25V, V- = -2.25V, fSCK = 5MHz; (for SPI
Active, Read and Volatile Write states only)
0.25
0.5
mA
IV-1
V- Supply Current (volatile
write/read)
V- = -5.5V, VCC = 5.5V, fSCK = 5MHz; (for SPI
Active, Read and Volatile Write states only)
-1.0
-0.3
mA
V- = -2.25V, VCC = 2.25V, fSCK = 5MHz; (for SPI
Active, Read and Volatile Write states only)
-0.5
-0.1
mA
ICC2
VCC Supply Current
(non-volatile write/read)
VCC = 5.5V, V- = 5.5V, fSCK = 5MHz; (for SPI
Active, Read and Non-volatile Write states only)
1.0
2.0
mA
VCC = 2.25V, V- = -2.25V, fSCK = 5MHz; (for SPI
Active, Read and Non-volatile Write states only)
0.3
1.0
mA
IV-2
V- Supply Current (non-volatile
write/read)
V- = -5.5V, VCC = 5.5V, fSCK = 5MHz; (for SPI
Active, Read and Non-volatile Write states only)
-2.0
-1.2
mA
V- Supply Current (non-volatile
write/read)
V- = -2.25V, VCC = 2.25V, fSCK = 5MHz; (for SPI
Active, Read and Non-volatile Write states only)
-1.0
-0.4
mA
ISB
VCC Current (standby)
VCC = +5.5V, V- = -5.5V @ +85°C, SPI interface
in standby state
0.5
2.0
µA
VCC = +5.5V, V- = -5.5V @ +125°C, SPI
interface in standby state
1.0
4.0
µA
VCC = +2.25V, V- = -2.25V @ +85°C, SPI
interface in standby state
0.2
1.0
µA
VCC = +2.25V, V- = -2.25V @ +125°C, SPI
interface in standby state
0.5
2.0
µA
ISL22424


Số phần tương tự - ISL22424TFR16Z

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL22424TFR16Z INTERSIL-ISL22424TFR16Z Datasheet
728Kb / 18P
   Dual Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
ISL22424TFR16Z RENESAS-ISL22424TFR16Z Datasheet
1Mb / 20P
   Dual Digitally Controlled Potentiometer (XDCP?? Low Noise, Low Power, SPI짰 Bus, 256 Taps
More results

Mô tả tương tự - ISL22424TFR16Z

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL22414TFU10Z INTERSIL-ISL22414TFU10Z Datasheet
697Kb / 17P
   Low Noise, Low Power, SPI® Bus, 256 Taps
September 9, 2015
X9250 INTERSIL-X9250 Datasheet
359Kb / 20P
   Low Noise/Low Power/SPI Bus/256 Taps
ISL90842UIV1427Z INTERSIL-ISL90842UIV1427Z Datasheet
676Kb / 10P
   Low Noise, Low Power I2C® Bus, 256 Taps
January 16, 2006
X95820WV14I-2.7 INTERSIL-X95820WV14I-2.7 Datasheet
1Mb / 12P
   Low Noise/Low Power/I2C® Bus/256 Taps
July 18, 2006
ISL22323TFV14Z INTERSIL-ISL22323TFV14Z Datasheet
751Kb / 19P
   Low Noise, Low Power, I2C® Bus, 256 Taps
August 17, 2015
logo
Renesas Technology Corp
ISL22444 RENESAS-ISL22444 Datasheet
1Mb / 19P
   Quad Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI® Bus, 256 Taps
May 24, 2007
ISL22414 RENESAS-ISL22414 Datasheet
1Mb / 17P
   Single Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI® Bus, 256 Taps
September 21, 2015
logo
Intersil Corporation
ISL22343TFV20Z INTERSIL-ISL22343TFV20Z Datasheet
738Kb / 19P
   Low Noise, Low Power, I2C Bus, 256 Taps
August 17, 2015
ISL90840 INTERSIL-ISL90840 Datasheet
1Mb / 12P
   Low Noise, Low Power I2C Bus, 256 Taps
ISL90810 INTERSIL-ISL90810 Datasheet
1Mb / 11P
   Low Noise/Low Power/I2C Bus/256 Taps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com