công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL22323UFR16Z bảng dữ liệu(PDF) 1 Page - Intersil Corporation

tên linh kiện ISL22323UFR16Z
Giải thích chi tiết về linh kiện  Low Noise, Low Power, I2C® Bus, 256 Taps
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22323UFR16Z bảng dữ liệu(HTML) 1 Page - Intersil Corporation

  ISL22323UFR16Z Datasheet HTML 1Page - Intersil Corporation ISL22323UFR16Z Datasheet HTML 2Page - Intersil Corporation ISL22323UFR16Z Datasheet HTML 3Page - Intersil Corporation ISL22323UFR16Z Datasheet HTML 4Page - Intersil Corporation ISL22323UFR16Z Datasheet HTML 5Page - Intersil Corporation ISL22323UFR16Z Datasheet HTML 6Page - Intersil Corporation ISL22323UFR16Z Datasheet HTML 7Page - Intersil Corporation ISL22323UFR16Z Datasheet HTML 8Page - Intersil Corporation ISL22323UFR16Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1
FN6422.2
ISL22323
Dual Digitally Controlled Potentiometer (XDCP™)
Low Noise, Low Power, I2C® Bus,
256 Taps
The ISL22323 integrates two digitally controlled
potentiometers (DCP), control logic and non-volatile memory
on a monolithic CMOS integrated circuit.
The digitally controlled potentiometer is implemented with a
combination of resistor elements and CMOS switches. The
position of the wipers are controlled by the user through the
I2C bus interface. The potentiometer has an associated
volatile Wiper Register (WRi) and a non-volatile Initial Value
Register (IVRi) that can be directly written to and read by the
user. The contents of the WRi control the position of the
corresponding wiper. At power up the device recalls the
contents of the DCP’s IVRi to the correspondent WRi.
The ISL22323 also has 13 general purpose non-volatile
registers that can be used as storage of lookup table for
multiple wiper position or any other valuable information.
The ISL22323 features a dual supply, that is beneficial for
applications requiring a bipolar range for DCP terminals
between V- and VCC.
Each DCP can be used as three-terminal potentiometers or
as two-terminal variable resistors in a wide variety of
applications including control, parameter adjustments, and
signal processing.
Features
• Two potentiometers in one package
• 256 resistor taps
•I2C serial interface
- Three address pins, up to eight devices per bus
• Non-volatile EEPROM storage of wiper position
• 13 General Purpose non-volatile registers
• High reliability
- Endurance: 1,000,000 data changes per bit per register
- Register data retention: 50 years @ T
+55°C
• Wiper resistance: 70
 typical @ 1mA
• Standby current <4µA max
• Shut-down current <4µA max
• Dual power supply
-VCC = 2.25V to 5.5V
- V- = -2.25V to -5.5V
•10k
 50kor 100k total resistance
• Extended industrial temperature range: -40 to +125°C
• 14 Ld TSSOP or 16 Ld QFN
• Pb-free (RoHS compliant)
Block Diagram
NON-VOLATILE
REGISTERS
POWER UP
INTERFACE,
CONTROL
AND
STATUS
LOGIC
I2C
INTERFACE
VCC
GND
SCL
SDA
A1
A0
V-
RH0
RL0
RW0
RH1
RL1
RW1
WR0
VOLATILE
REGISTER
AND
WIPER
CONTROL
CIRCUITRY
WR1
VOLATILE
REGISTER
AND
WIPER
CONTROL
CIRCUITRY
A2
Data Sheet
August 17, 2015
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Copyright Intersil Americas LLC 2007, 2008, 2015. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.


Số phần tương tự - ISL22323UFR16Z

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL22323UFR16Z INTERSIL-ISL22323UFR16Z Datasheet
703Kb / 18P
   Dual Digitally Controlled Potentiometer XDCP
logo
Renesas Technology Corp
ISL22323UFR16Z RENESAS-ISL22323UFR16Z Datasheet
1Mb / 19P
   Dual Digitally Controlled Potentiometer (XDCP) Low Noise, Low Power, I2C Bus, 256 Taps
Aug 17, 2015
More results

Mô tả tương tự - ISL22323UFR16Z

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL90842UIV1427Z INTERSIL-ISL90842UIV1427Z Datasheet
676Kb / 10P
   Low Noise, Low Power I2C® Bus, 256 Taps
January 16, 2006
X95820WV14I-2.7 INTERSIL-X95820WV14I-2.7 Datasheet
1Mb / 12P
   Low Noise/Low Power/I2C® Bus/256 Taps
July 18, 2006
ISL90840 INTERSIL-ISL90840 Datasheet
1Mb / 12P
   Low Noise, Low Power I2C Bus, 256 Taps
ISL90810 INTERSIL-ISL90810 Datasheet
1Mb / 11P
   Low Noise/Low Power/I2C Bus/256 Taps
ISL95810 INTERSIL-ISL95810_06 Datasheet
1Mb / 13P
   Low Noise, Low Power I2C Bus, 256 Taps
ISL22343TFV20Z INTERSIL-ISL22343TFV20Z Datasheet
738Kb / 19P
   Low Noise, Low Power, I2C Bus, 256 Taps
August 17, 2015
ISL90842 INTERSIL-ISL90842 Datasheet
1Mb / 12P
   Low Noise, Low Power, I2C Bus, 256 Taps
ISL90841 INTERSIL-ISL90841 Datasheet
1Mb / 12P
   Low Noise, Low Power I2C Bus, 256 Taps
ISL22424TFV14Z INTERSIL-ISL22424TFV14Z Datasheet
760Kb / 20P
   Low Noise, Low Power, SPI® Bus, 256 Taps
September 9, 2015
ISL22414TFU10Z INTERSIL-ISL22414TFU10Z Datasheet
697Kb / 17P
   Low Noise, Low Power, SPI® Bus, 256 Taps
September 9, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com