công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL22102IR20Z bảng dữ liệu(PDF) 9 Page - Intersil Corporation

tên linh kiện ISL22102IR20Z
Giải thích chi tiết về linh kiện  32 Tap, Push-button, Dual Audio Logarithmic Potentiometer with Buffer Amplifiers and Audio Detection
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22102IR20Z bảng dữ liệu(HTML) 9 Page - Intersil Corporation

Back Button ISL22102IR20Z Datasheet HTML 4Page - Intersil Corporation ISL22102IR20Z Datasheet HTML 5Page - Intersil Corporation ISL22102IR20Z Datasheet HTML 6Page - Intersil Corporation ISL22102IR20Z Datasheet HTML 7Page - Intersil Corporation ISL22102IR20Z Datasheet HTML 8Page - Intersil Corporation ISL22102IR20Z Datasheet HTML 9Page - Intersil Corporation ISL22102IR20Z Datasheet HTML 10Page - Intersil Corporation ISL22102IR20Z Datasheet HTML 11Page - Intersil Corporation ISL22102IR20Z Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
FN6788.2
September 21, 2015
Once an UP, DN or MUTE button has been validly pushed,
the left and right inputs are examined for Zero Amplitude
Crossing. When either audio input exhibits a zero crossing
prior to 32ms, that command is immediately applied to
appropriate wiper. If the zero crossing does not occur before
the end of 32ms, the command is executed at the end of
32ms period. Zero crossing determines for each channel
independently.
There is a 40ms lockout time after any of the UP, DN or
MUTE button has been validly pushed, when any new
command is ignored. If two or more buttons are pressed
simultaneously, all commands are ignored upon release of
ALL buttons.
Typical Application Diagram
25
-50dB
26
-52dB
27
-56dB
28
-60dB
29
-64dB
30
-68dB
31
-72dB
32
MUTE (-90dB)
TABLE 3. WIPER TAP POSITION vs ATTENUATION (Continued)
TAP POSITION
ATTENUATION
LEFT_IN
RIGHT_IN
LEFT_OUT
RIGHT_OUT
VB
VTH
CB
HPA
HPB
SB
UP
DN
MUTE
FLAG
D2
D1
D0
VCC*
VCC
AVCC
RTH
1µF
100nF
VB
VB
TO POWER AMPLIFIER
*FLAG LOW OUTPUT DELAY IS 240s
ISL22102


Số phần tương tự - ISL22102IR20Z

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL22102IR20Z INTERSIL-ISL22102IR20Z Datasheet
197Kb / 11P
   32 Tap, Push-button, Dual Audio Logarithmic Potentiometer with Buffer Amplifiers and Audio Detection
logo
Renesas Technology Corp
ISL22102IR20Z RENESAS-ISL22102IR20Z Datasheet
550Kb / 12P
   32 Tap, Push-Button, Dual Audio Logarithmic Potentiometer with Buffer Amplifiers and Audio Detection
More results

Mô tả tương tự - ISL22102IR20Z

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL22102 INTERSIL-ISL22102 Datasheet
197Kb / 11P
   32 Tap, Push-button, Dual Audio Logarithmic Potentiometer with Buffer Amplifiers and Audio Detection
logo
Renesas Technology Corp
ISL22102 RENESAS-ISL22102 Datasheet
550Kb / 12P
   32 Tap, Push-Button, Dual Audio Logarithmic Potentiometer with Buffer Amplifiers and Audio Detection
logo
Maxim Integrated Produc...
MAX5407 MAXIM-MAX5407 Datasheet
153Kb / 7P
   32-Tap Audio Logarithmic Taper Digital Potentiometer
Rev 0; 10/01
logo
Dallas Semiconductor
DS1801 DALLAS-DS1801 Datasheet
229Kb / 10P
   Dual Audio Taper Potentiometer
logo
Maxim Integrated Produc...
DS1801 MAXIM-DS1801 Datasheet
234Kb / 10P
   Dual Audio Taper Potentiometer
030300
logo
NXP Semiconductors
NCX8193 PHILIPS-NCX8193_15 Datasheet
281Kb / 21P
   Audio jack detection and configuration with false detection prevention
Rev. 2-21 November 2014
logo
Copal Electronics
DP7115 COPAL-DP7115 Datasheet
178Kb / 12P
   32-Tap Digital Potentiometer
DP7114 COPAL-DP7114 Datasheet
189Kb / 14P
   32-Tap Digital Potentiometer
DP7112 COPAL-DP7112 Datasheet
145Kb / 10P
   32-Tap Digital Potentiometer
logo
Intersil Corporation
ISL22511 INTERSIL-ISL22511 Datasheet
423Kb / 13P
   Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer Single Push Button Controlled Potentiometer XDCP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com