công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GS2965 bảng dữ liệu(PDF) 6 Page - Gennum Corporation

tên linh kiện GS2965
Giải thích chi tiết về linh kiện  Uses standard 27MHz crystal
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  GENNUM [Gennum Corporation]
Trang chủ  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS2965 bảng dữ liệu(HTML) 6 Page - Gennum Corporation

Back Button GS2965 Datasheet HTML 2Page - Gennum Corporation GS2965 Datasheet HTML 3Page - Gennum Corporation GS2965 Datasheet HTML 4Page - Gennum Corporation GS2965 Datasheet HTML 5Page - Gennum Corporation GS2965 Datasheet HTML 6Page - Gennum Corporation GS2965 Datasheet HTML 7Page - Gennum Corporation GS2965 Datasheet HTML 8Page - Gennum Corporation GS2965 Datasheet HTML 9Page - Gennum Corporation GS2965 Datasheet HTML 10Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
GS2965 Multi-Rate SDI Reclocker with Equalization &
De-emphasis
Data Sheet
52462 - 4
July 2012
6 of 41
Proprietary & Confidential
1.2 Pin Descriptions
Table 1-1: GS2965 Pin Descriptions
Pin Number
Name
Type
Description
1
LF+
Passive
Loop Filter capacitor connection. (CLF = 47nF). Connect as shown in Typical
Application Circuit on page 37.
2
CP_CAP
Power
External capacitor for internal LDO regulator supplying the charge pump
circuit.
3, 5
DDI0, DDI0
Input
Serial Digital Differential Input 0.
4HIF
Logic Input
Host interface selection pin. Active-low input. See Section 4.15.1.
6, 7
DDI1, DDI1
Input
Serial Digital Differential Input 1.
8RSVD
Reserved
Reserved pin. Do not connect to this pin.
9VCC_VCOPower
Most positive power supply connection for the internal
VCO section. Connect to a 3.3V supply with a 422
Ω resistor, or a 2.5V
supply with a 267
Ω resistor.
10
VEE_VCOPower
Most negative power supply connection for the internal
VCO section. Connect to GND.
11
VDD_1P8
Power
External capacitor for internal 1.8V digital supply.
12
LOCKED
Output
Lock Detect status signal. HIGH when the PLL is locked.
13
LOS
Output
Loss Of Signal status. HIGH when the input signal is invalid.
14
VDD_DIG
Power
Most positive power supply connection for the digital core.
Connect to 3.3V or 2.5V.
15
VSS_DIG
Power
Most negative power supply for the digital core.
Connect to GND.
16
SD/HD
Output
This signal will be LOW for all rates other than 270Mb/s.
This signal is HIGH for 270Mb/s.
17, 18
DDO1/RCO,
DDO1/RCO
Output
Differential serial clock or data outputs.
19
VCC_DDO1
Power
Most positive power supply connection for the DDO1/DDO1 output driver.
Connect to 3.3V or 2.5V.
20
VEE_DDO1
Power
Most negative power supply connection for the DDO1/DDO1 output
driver. Connect to GND.
21, 22
DDO0, DDO0
Output
Differential Serial Digital Outputs.
23
VCC_DDO0
Power
Most positive power supply connection for the DDO0/DDO0 output driver.
Connect to 3.3V or 2.5V.
24
VEE_DDO0
Power
Most negative power supply connection for the DDO0/DDO0 output
driver.
Connect to GND.
25
XTAL+
Output
Reference crystal output.
26
XTAL-
Input
Reference crystal input.


Số phần tương tự - GS2965

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Semtech Corporation
GS2965 SEMTECH-GS2965 Datasheet
3Mb / 41P
   Multi-Rate SDI Reclocker with Equalization & De-emphasis
More results

Mô tả tương tự - GS2965

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Gennum Corporation
GS2985 GENNUM-GS2985 Datasheet
3Mb / 45P
   Uses standard 27MHz crystal
logo
TAI-SAW TECHNOLOGY CO.,...
TZ2114A TAI-SAW-TZ2114A Datasheet
102Kb / 6P
   HC49SMD 27MHz Crystal Unit
REV. NO.: 1.0
TZ2531A TAI-SAW-TZ2531A Datasheet
435Kb / 6P
   HC49SMD 27MHz Crystal Unit
REV. NO.: 1.0
TZ2507A TAI-SAW-TZ2507A Datasheet
318Kb / 5P
   HC49US 27MHz Crystal Unit
REV. NO.: 1.0
TZ1132A TAI-SAW-TZ1132A Datasheet
339Kb / 6P
   SMD 6.0x3.5 27MHz Crystal Unit
REV. NO.: 2.0
TZ1323B TAI-SAW-TZ1323B Datasheet
174Kb / 8P
   Crystal Unit SMD 2.0x1.6 27MHz
REV. NO.: 5.0
TZ1936A TAI-SAW-TZ1936A Datasheet
171Kb / 8P
   Crystal Unit SMD 2.0x1.6 27MHz
REV. NO.: 4.0
TZ2542A TAI-SAW-TZ2542A Datasheet
209Kb / 8P
   Crystal Unit SMD 3.2x2.5 27MHz
REV. NO.: 1
TW0254A TAI-SAW-TW0254A Datasheet
182Kb / 5P
   SMD 7.0x5.0 27MHz Crystal Oscillator
TZ0462A TAI-SAW-TZ0462A Datasheet
433Kb / 8P
   Crystal Unit SMD 3.2x2.5 27MHz
REV. NO.: 8.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com