công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GS1671A bảng dữ liệu(PDF) 1 Page - Gennum Corporation

tên linh kiện GS1671A
Giải thích chi tiết về linh kiện  Integrated audio clock generator
Download  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  GENNUM [Gennum Corporation]
Trang chủ  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1671A bảng dữ liệu(HTML) 1 Page - Gennum Corporation

  GS1671A Datasheet HTML 1Page - Gennum Corporation GS1671A Datasheet HTML 2Page - Gennum Corporation GS1671A Datasheet HTML 3Page - Gennum Corporation GS1671A Datasheet HTML 4Page - Gennum Corporation GS1671A Datasheet HTML 5Page - Gennum Corporation GS1671A Datasheet HTML 6Page - Gennum Corporation GS1671A Datasheet HTML 7Page - Gennum Corporation GS1671A Datasheet HTML 8Page - Gennum Corporation GS1671A Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 136 page
background image
1 of 136
GS1671A HD/SD SDI Receiver
Data Sheet
54389 - 1
September 2012
HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with
SMPTE Audio and Video Processing
GS1671A
www.semtech.com
Key Features
• Operation at 1.485Gb/s, 1.485/1.001Gb/s and 270Mb/s
• Supports SMPTE 292M, SMPTE 259M-C and DVB-ASI
• Integrated adaptive cable equalizer
• Typical equalized length of Belden 1694A cable:
230m at 1.485Gb/s
440m at 270Mb/s
• Integrated Reclocker with low phase noise, integrated
VCO
• Serial digital reclocked, or non-reclocked output
• Integrated audio de-embedder for 8 channels of 48kHz
audio
• Integrated audio clock generator
• Ancillary data extraction
• Parallel data bus selectable as either 20-bit or 10-bit
• Comprehensive error detection and correction
features
• Output H, V, F or CEA 861 Timing Signals
• 1.2V digital core power supply, 1.2V and 3.3V analog
power supplies, and selectable 1.8V or 3.3V I/O power
supply
• GSPI Host Interface
• Wide temperature range of -40ºC to +85ºC
• Low power operation (typically 480mW)
• Small 11mm x 11mm 100-ball BGA package
• Pb-free and RoHS compliant
Applications
Application: 1080p30 or 720p60 Monitor
Audio
Selector
Video
Processor
10-bit
HV F/PCLK
CTRL/TIMECODE
AES - OUT
AUDIO 1/2
Audio Clocks
Speakers
Display
DAC
DAC
HD-SDI
GS1671A
AUDIO 3/4
AUDIO 5/6
AUDIO 7/8
Application: Multi-format Downconverter
Audio
Processing
& Delay
GS4901
Analog
Sync
Sync
Seperator
10-bit
HV F/PCLK
HD/SD
Serializer
(GS1672)
Video
Downconverter &
Aspect Ratio
Conversion
Memory
10-bit
10-bit SD Bypass
HV F/PCLK
Audio Clocks
AE S 1/2
AE S 3/4
AE S 5/6
AE S 7/8
HD/SD-SDI
SD/HD-SDI
GS1671A
AE S 1/2
AE S 3/4
AE S 5/6
AE S 7/8
Application: Multi-input Video Monitoring System
GS4911
Analog
Sync
Sync
Seperator
Video
Formatter
Video
Memory
HV F/PCLK
Audio Clocks
10-bit
HV F/PCLK
AE S OUT 1/2
AE S OUT 3/4
AE S OUT 5/6
AE S OUT 7/8
HV F/PCLK
HV F/PCLK
Audio
Select
10-bit
10-bit
On Screen
Display
Generator
AES BUS
Audio
Processor
HV/DE/PCLK
DVI/
VGA DAC
Video
Output
HD-SDI
Input 1
GS1671A
GS1671A
GS1671A
HD-SDI
Input 2
HD-SDI
Input n


Số phần tương tự - GS1671A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Semtech Corporation
GS1671A SEMTECH-GS1671A Datasheet
9Mb / 136P
   HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
More results

Mô tả tương tự - GS1671A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Gennum Corporation
GS2971A GENNUM-GS2971A Datasheet
4Mb / 152P
   Integrated audio clock generator
GS2970A GENNUM-GS2970A Datasheet
4Mb / 150P
   Integrated audio clock generator
logo
PhaseLink Corporation
PLL601-26 PLL-PLL601-26 Datasheet
114Kb / 4P
   Audio Clock Generator
logo
Asahi Kasei Microsystem...
AK8128C AKM-AK8128C Datasheet
174Kb / 8P
   Audio Clock Generator
logo
Maxim Integrated Produc...
MAX9485 MAXIM-MAX9485 Datasheet
858Kb / 16P
   Programmable Audio Clock Generator
Rev 0; 7/04
logo
Cypress Semiconductor
W48C20 CYPRESS-W48C20 Datasheet
92Kb / 4P
   Audio Subsystem Clock Generator
logo
Asahi Kasei Microsystem...
AK8128MV AKM-AK8128MV Datasheet
302Kb / 10P
   Multi Clock Generator for Audio
AK8128ME AKM-AK8128ME Datasheet
302Kb / 10P
   Multi Clock Generator for Audio
logo
Integrated Circuit Syst...
ICS9120-47 ICST-ICS9120-47 Datasheet
107Kb / 5P
   Modem and Audio Clock Generator
logo
Asahi Kasei Microsystem...
AK8138MV AKM-AK8138MV Datasheet
310Kb / 10P
   Multi Clock Generator for Audio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com