công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GS1660A bảng dữ liệu(PDF) 6 Page - Gennum Corporation

tên linh kiện GS1660A
Giải thích chi tiết về linh kiện  Ancillary data extraction
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  GENNUM [Gennum Corporation]
Trang chủ  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1660A bảng dữ liệu(HTML) 6 Page - Gennum Corporation

Back Button GS1660A Datasheet HTML 2Page - Gennum Corporation GS1660A Datasheet HTML 3Page - Gennum Corporation GS1660A Datasheet HTML 4Page - Gennum Corporation GS1660A Datasheet HTML 5Page - Gennum Corporation GS1660A Datasheet HTML 6Page - Gennum Corporation GS1660A Datasheet HTML 7Page - Gennum Corporation GS1660A Datasheet HTML 8Page - Gennum Corporation GS1660A Datasheet HTML 9Page - Gennum Corporation GS1660A Datasheet HTML 10Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 83 page
background image
GS1660A HD/SD SDI Receiver Complete with SMPTE
Video Processing
Data Sheet
54386 - 3
September 2012
6 of 83
List of Tables
Table 1-1: Pin Descriptions ............................................................................................................................ 7
Table 2-1: Absolute Maximum Ratings................................................................................................... 14
Table 2-2: Recommended Operating Conditions................................................................................ 14
Table 2-3: DC Electrical Characteristics ................................................................................................. 15
Table 2-4: AC Electrical Characteristics ................................................................................................. 16
Table 4-1: Serial Digital Output................................................................................................................. 24
Table 4-2: PLL Loop Bandwidth ................................................................................................................ 25
Table 4-3: Input Clock Requirements...................................................................................................... 26
Table 4-4: Lock Detect Conditions............................................................................................................ 27
Table 4-5: GS1660A Output Video Data Format Selections ............................................................ 30
Table 4-6: GS1660A PCLK Output Rates ................................................................................................ 32
Table 4-7: Switch Line Position for Digital Systems ........................................................................... 35
Table 4-8: Output Signals Available on Programmable Multi-Function Pins............................ 36
Table 4-9: Supported CEA-861 Formats................................................................................................. 39
Table 4-10: Supported Video Standard Codes ..................................................................................... 46
Table 4-11: Data Format Register Codes ................................................................................................ 49
Table 4-12: Error Status Register and Error Mask Register.............................................................. 51
Table 4-13: IOPROC_DISABLE Register Bits......................................................................................... 57
Table 4-14: GSPI Time Delay...................................................................................................................... 65
Table 4-15: GSPI Timing Parameters (50% levels; 3.3V or 1.8V operation) ................................ 66
Table 4-16: Configuration and Status Registers................................................................................... 67
Table 4-17: ANC Extraction FIFO Access Registers............................................................................ 75
Table 7-1: Packaging Data........................................................................................................................... 81


Số phần tương tự - GS1660A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Semtech Corporation
GS1660A SEMTECH-GS1660A Datasheet
6Mb / 83P
   HD/SD SDI Receiver Complete with SMPTE Video Processing
More results

Mô tả tương tự - GS1660A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Gennum Corporation
GS1670A GENNUM-GS1670A Datasheet
9Mb / 130P
   Ancillary data extraction
GS2961A GENNUM-GS2961A Datasheet
7Mb / 104P
   Ancillary data extraction
GS1661A GENNUM-GS1661A Datasheet
6Mb / 85P
   Ancillary data extraction
GS2960A GENNUM-GS2960A Datasheet
7Mb / 99P
   Ancillary data extraction
logo
RF Monolithics, Inc
IC1000 RFM-IC1000 Datasheet
89Kb / 4P
   Data/Clock Extraction IC
logo
Mill-Max Mfg. Corp.
0295-0-15-01-06-27-10-0 MILL-MAX-0295-0-15-01-06-27-10-0 Datasheet
207Kb / 1P
   CONTACT DATA Insertion / Extraction Force Graphs
logo
National Semiconductor ...
CLC031A NSC-CLC031A Datasheet
375Kb / 31P
   SMPTE 292M/259M Digital Video Deserializer / Descrambler with Video and Ancillary Data FIFOs
LMH0031 NSC-LMH0031 Datasheet
770Kb / 31P
   SMPTE 292M/259M Digital Video Deserializer Descrambler with Video and Ancillary Data FIFOs
logo
Molex Electronics Ltd.
11-03-0001 MOLEX11-11-03-0001 Datasheet
25Kb / 1P
   Extraction Tool
11-03-0046 MOLEX11-11-03-0046 Datasheet
25Kb / 1P
   Extraction Tool
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com