công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM4041AIM3-1.2 bảng dữ liệu(PDF) 8 Page - Micrel Semiconductor

tên linh kiện LM4041AIM3-1.2
Giải thích chi tiết về linh kiện  Precision Micropower Shunt Voltage Reference
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICREL [Micrel Semiconductor]
Trang chủ  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

LM4041AIM3-1.2 bảng dữ liệu(HTML) 8 Page - Micrel Semiconductor

Back Button LM4041AIM3-1.2 Datasheet HTML 4Page - Micrel Semiconductor LM4041AIM3-1.2 Datasheet HTML 5Page - Micrel Semiconductor LM4041AIM3-1.2 Datasheet HTML 6Page - Micrel Semiconductor LM4041AIM3-1.2 Datasheet HTML 7Page - Micrel Semiconductor LM4041AIM3-1.2 Datasheet HTML 8Page - Micrel Semiconductor LM4041AIM3-1.2 Datasheet HTML 9Page - Micrel Semiconductor LM4041AIM3-1.2 Datasheet HTML 10Page - Micrel Semiconductor LM4041AIM3-1.2 Datasheet HTML 11Page - Micrel Semiconductor LM4041AIM3-1.2 Datasheet HTML 12Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LM4040/4041
Micrel
LM4040/4041
8
January 2000
LM4041-1.2 Electrical Characteristics
Boldface limits apply for T
A = TJ = TMIN to TMAX; all other limits TA = TJ = 25°C. The grades A, B, C, and D designate initial Reverse
Breakdown Voltage tolerance of
±0.1%, ±0.2%, ±0.5%, and ± 1.0%, respectively.
LM4041AIM3 LM4041BIM3 LM4041CIM3
Symbol
Parameter
Conditions
Typical
Units
(Note 4)
Limits
Limits
Limits
(Limit)
(Note 5)
(Note 5)
(Note 5)
V
R
Reverse Breakdown Voltage
I
R = 100µA
1.225
V
Reverse Breakdown Voltage
I
R = 100µA
±1.2
±2.4
±6
mV (max)
Tolerance
±9.2
±10.4
±14
mV (max)
I
RMIN
Minimum Operating Current
45
µA
60
60
60
µA (max)
65
65
65
µA (max)
∆V
R/∆T
Average Reverse Breakdown
I
R = 10mA
20
ppm/
°C
Voltage Temperature
I
R = 1mA
15
±100
±100
±100
ppm/
°C (max)
Coefficient
I
R = 100µA
15
ppm/
°C (max)
∆V
R/∆IR
Reverse Breakdown Voltage
I
RMIN ≤ IR 1mA
0.7
mV
Change with Operating
1.5
1.5
1.5
mV (max)
Current Change
2.0
2.0
2.0
mV (max)
1mA
≤ I
R 15mA
4.0
mV
6.0
6.0
6.0
mV (max)
8.0
8.0
8.0
mV (max)
Z
R
Reverse Dynamic Impedance
I
R = 1mA, f = 120Hz
0.5
I
AC = 0.1 IR
1.5
1.5
1.5
Ω (max)
e
N
Wideband Noise
I
R = 100µA
10Hz
≤ f ≤ 10kHz
20
µV
RMS
∆V
R
Reverse Breakdown Voltage
t = 1000hrs
Long Term Stability
T = 25
°C ±0.1°C
120
ppm
I
R = 100µA
LM4041DIM3
LM4041EIM3
Symbol
Parameter
Conditions
Typical
Units
(Note 4)
Limits
Limits
(Limit)
(Note 5)
(Note 5)
V
R
Reverse Breakdown Voltage
I
R = 100µA
1.225
V
Reverse Breakdown Voltage
I
R = 100µA
±12
±25
mV (max)
Tolerance
±24
±36
mV (max)
I
RMIN
Minimum Operating Current
45
µA
65
65
µA (max)
70
70
µA (max)
∆V
R/∆T
Average Reverse Breakdown
I
R = 10mA
20
ppm/
°C
Voltage Temperature
I
R = 1mA
15
±150
±150
ppm/
°C (max)
Coefficient
I
R = 100µA
15
ppm/
°C (max)
∆V
R/∆IR
Reverse Breakdown Voltage
I
RMIN ≤ IR 1mA
0.3
mV
Change with Operating
2.0
2.0
mV (max)
Current Change
2.5
2.5
mV (max)
1mA
≤ I
R 15mA
2.5
mV
8.0
8.0
mV (max)
10.0
10.0
mV (max)
Z
R
Reverse Dynamic Impedance
I
R = 1mA, f = 120Hz
0.3
I
AC = 0.1 IR
2.0
2.0
Ω (max)
e
N
Wideband Noise
I
R = 100µA
10Hz
≤ f ≤ 10kHz
35
µV
RMS
∆V
R
Reverse Breakdown Voltage
t = 1000hrs
Long Term Stability
T = 25
°C ±0.1°C
120
ppm
I
R = 100µA


Số phần tương tự - LM4041AIM3-1.2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM4041AIM3-1.2 NSC-LM4041AIM3-1.2 Datasheet
277Kb / 19P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041AIM3-1.2 TI1-LM4041AIM3-1.2 Datasheet
806Kb / 21P
[Old version datasheet]   LM4041 Precision Micropower Shunt Voltage Reference
LM4041AIM3-1.2 TI1-LM4041AIM3-1.2 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041AIM3-1.2 TI1-LM4041AIM3-1.2 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041AIM3-1.2 TI1-LM4041AIM3-1.2 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
More results

Mô tả tương tự - LM4041AIM3-1.2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_15 Datasheet
1Mb / 67P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4041 TI-LM4041_15 Datasheet
1Mb / 30P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_10 Datasheet
709Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_08 Datasheet
717Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040C25-EP TI1-LM4040C25-EP Datasheet
569Kb / 12P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4050A10 TI1-TL4050A10 Datasheet
719Kb / 37P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com