công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL28130FHZ-T7A bảng dữ liệu(PDF) 1 Page - Intersil Corporation

tên linh kiện ISL28130FHZ-T7A
Giải thích chi tiết về linh kiện  Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28130FHZ-T7A bảng dữ liệu(HTML) 1 Page - Intersil Corporation

  ISL28130FHZ-T7A Datasheet HTML 1Page - Intersil Corporation ISL28130FHZ-T7A Datasheet HTML 2Page - Intersil Corporation ISL28130FHZ-T7A Datasheet HTML 3Page - Intersil Corporation ISL28130FHZ-T7A Datasheet HTML 4Page - Intersil Corporation ISL28130FHZ-T7A Datasheet HTML 5Page - Intersil Corporation ISL28130FHZ-T7A Datasheet HTML 6Page - Intersil Corporation ISL28130FHZ-T7A Datasheet HTML 7Page - Intersil Corporation ISL28130FHZ-T7A Datasheet HTML 8Page - Intersil Corporation ISL28130FHZ-T7A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1
Single, Dual, and Quad Micropower, Low Drift, RRIO
Operational Amplifiers
ISL28130, ISL28230, ISL28430
The ISL28130, ISL28230 and ISL28430 are single, dual and
quad micropower, low offset drift operational amplifiers that
are optimized for single and dual supply operation from 1.8V
to 5.5V and ±0.9V to ±2.75V. Their low supply current of 20µA
and rail-to-rail input/output enable the ISL28130, ISL28230,
and ISL28430 to be an excellent general-purpose op amp for a
range of applications. The ISL28130, ISL28230 and ISL28430
are ideal for handheld devices that operate off 2AA or single
Li-ion batteries.
The ISL28130 is available in industry standard pinouts for 5 Ld
SOT-23, 5 Ld SC70 and 8 Ld SOIC packages. The ISL28230 is
available in industry standard pinouts for 8 Ld MSOP, 8 Ld
SOIC and 8 Ld DFN packages. The ISL28430 is available in
14 Ld TSSOP and 14 Ld SOIC packages. Commercial devices
operate over the temperature range of 0°C to 70°C. Full
temperature range devices operate over the temperature
range of -40°C to 125°C.
Features
• Low input offset voltage . . . . . . . . . . . . . . . . . . . . . 40µV, Max.
• Low offset drift . . . . . . . . . . . . . . . . . . . . . . . . .150nV/°C, Max.
• Input bias current. . . . . . . . . . . . . . . . . . . . . . . . . . 250pA, Max.
• Quiescent current (per amplifier). . . . . . . . . . . . . . .20µA, Typ.
• Single supply range . . . . . . . . . . . . . . . . . . . . . .+1.8V to +5.5V
• Dual supply range . . . . . . . . . . . . . . . . . . . . . .±0.9V to ±2.75V
• Low noise (0.01Hz to 10Hz) . . . . . . . . . . . . . . . . 1.1µVP-P, Typ.
• Rail-to-rail inputs and output
Applications
• Bi-directional current sense
• Temperature measurement
• Medical equipment
• Electronic weigh scales
• Precision/strain gauge sensor
•Precision regulation
• Low Ohmic current sense
• High gain analog front ends
FIGURE 1. TYPICAL APPLICATION DIAGRAM
FIGURE 2. IB vs TEMPERATURE
BI-DIRECTIONAL CURRENT SENSE AMPLIFIER
I-SENSE+
0.1
4.99k
4.99k
499k
499k
+
-
V+
V-
GND
VSENSE
OUT
VREF
V+
+1.8V TO +5.5V
I-SENSE-
TEMPERATURE (°C)
0
100
200
300
400
-50
-25
0
25
50
75
100
125
-100
VS = ±0.9V
VS = ±2.5V
February 13, 2014
FN7623.7
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Copyright Intersil Americas LLC 2010-2013, 2014. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.


Số phần tương tự - ISL28130FHZ-T7A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
ISL28130FHZ-T7A RENESAS-ISL28130FHZ-T7A Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
More results

Mô tả tương tự - ISL28130FHZ-T7A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL28130 INTERSIL-ISL28130_11 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
ISL28130_1012 INTERSIL-ISL28130_1012 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
ISL28130 INTERSIL-ISL28130_10 Datasheet
903Kb / 17P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28130 RENESAS-ISL28130 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
logo
Intersil Corporation
ISL28133 INTERSIL-ISL28133 Datasheet
1Mb / 20P
   Single, Dual, and Quad Micropower, Zero-Drift, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28233I RENESAS-ISL28233I Datasheet
1Mb / 19P
   Dual Micropower, Zero-Drift, RRIO Operational Amplifiers
November 17, 2011
logo
Intersil Corporation
ISL28114 INTERSIL-ISL28114 Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
ISL28114 INTERSIL-ISL28114_11 Datasheet
1Mb / 22P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28114 RENESAS-ISL28114 Datasheet
1Mb / 23P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
logo
Intersil Corporation
ISL28233 INTERSIL-ISL28233_10 Datasheet
1Mb / 23P
   Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com