công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL28117FRTZ bảng dữ liệu(PDF) 10 Page - Intersil Corporation

tên linh kiện ISL28117FRTZ
Giải thích chi tiết về linh kiện  40V Precision Low Power Operational Amplifiers
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28117FRTZ bảng dữ liệu(HTML) 10 Page - Intersil Corporation

Back Button ISL28117FRTZ Datasheet HTML 6Page - Intersil Corporation ISL28117FRTZ Datasheet HTML 7Page - Intersil Corporation ISL28117FRTZ Datasheet HTML 8Page - Intersil Corporation ISL28117FRTZ Datasheet HTML 9Page - Intersil Corporation ISL28117FRTZ Datasheet HTML 10Page - Intersil Corporation ISL28117FRTZ Datasheet HTML 11Page - Intersil Corporation ISL28117FRTZ Datasheet HTML 12Page - Intersil Corporation ISL28117FRTZ Datasheet HTML 13Page - Intersil Corporation ISL28117FRTZ Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
ISL28117, ISL28217, ISL28417
10
November 30, 2012
FN6632.10
en
Voltage Noise Density
f = 10kHz
8
nV/
√Hz
in
Current Noise Density
f = 1kHz
0.1
pA/
√Hz
TRANSIENT RESPONSE
SR
Slew Rate, VOUT 20% to 80%
AV=11, RL = 2kΩ, VO =4VP-P
0.5
V/µs
tr, tf, Small Signal Rise Time
10% to 90% of VOUT
AV = 1, VOUT = 50mVP-P,
RL = 10kΩ to VCM
130
ns
Fall Time
90% to 10% of VOUT
AV = 1, VOUT = 50mVP-P,
RL = 10kΩ to VCM
130
ns
ts
Settling Time to 0.1%
4V Step; 10% to VOUT
AV = -1, VOUT = 4VP-P,
RL = 5kΩ to VCM
12
µs
Settling Time to 0.01%
4V Step; 10% to VOUT
AV = -1, VOUT = 4VP-P,
RL = 5kΩ to VCM
19
µs
tOL
Output Positive Overload Recovery Time
AV = -100, VIN = 0.2VP-P
RL = 2kΩ to VCM
7µs
Output Negative Overload Recovery Time AV = -100, VIN = 0.2VP-P
RL = 2kΩ to VCM
5.8
µs
NOTE:
8. Compliance to datasheet limits is assured by one or more methods: production test, characterization and/or design.
Electrical Specifications VS ± 5V, VCM = 0, VO = 0V, TA = +25°C, unless otherwise noted. Boldface limits apply over the operating
temperature range, -40°C to +125°C.
(Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 8)
TYP
MAX
(Note 8)
UNIT
Typical Performance Curves V
S = ±15V, VCM = 0V, RL = Open, unless otherwise specified.
FIGURE 3. VOS DISTRIBUTION FOR GRADE B
FIGURE 4. VOS DISTRIBUTION FOR GRADE B
VS = ±5V
0
20
40
60
80
100
120
140
-50
-30
-10
10
30
50
VOS (µV)
ISL28217FBBZ
VS = ±15V
0
20
40
60
80
100
120
140
-50
-30
-10
10
30
50
VOS (µV)
ISL28217FBBZ


Số phần tương tự - ISL28117FRTZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL28117FRTZ INTERSIL-ISL28117FRTZ Datasheet
1Mb / 32P
   40V Precision Low Power Operational Amplifiers
ISL28117FRTZ INTERSIL-ISL28117FRTZ Datasheet
1Mb / 33P
   40V Precision Low Power Operational Amplifiers
ISL28117FRTZ INTERSIL-ISL28117FRTZ Datasheet
1Mb / 34P
   40V Precision Low Power Operational Amplifiers
November 30, 2012
logo
Renesas Technology Corp
ISL28117FRTZ RENESAS-ISL28117FRTZ Datasheet
2Mb / 39P
   40V Precision Low Power Operational Amplifiers
More results

Mô tả tương tự - ISL28117FRTZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL28117_1110 INTERSIL-ISL28117_1110 Datasheet
1Mb / 33P
   40V Precision Low Power Operational Amplifiers
logo
Renesas Technology Corp
ISL28117 RENESAS-ISL28117 Datasheet
2Mb / 39P
   40V Precision Low Power Operational Amplifiers
logo
Intersil Corporation
ISL28117 INTERSIL-ISL28117 Datasheet
844Kb / 18P
   40V Precision Low Power Operational Amplifiers
ISL28117 INTERSIL-ISL28117_11 Datasheet
1Mb / 32P
   40V Precision Low Power Operational Amplifiers
ISL28117 INTERSIL-ISL28117_10 Datasheet
1Mb / 25P
   40V Precision Low Power Operational Amplifiers
ISL28117FBBZ INTERSIL-ISL28117FBBZ Datasheet
1Mb / 34P
   40V Precision Low Power Operational Amplifiers
November 30, 2012
ISL70417SEH INTERSIL-ISL70417SEH Datasheet
1Mb / 22P
   Rad Hard 40V Quad Precision Low Power Operational Amplifiers
logo
Renesas Technology Corp
ISL70417SEH RENESAS-ISL70417SEH Datasheet
1Mb / 22P
   Radiation Hardened 40V Quad Precision Low Power Operational Amplifiers
Oct 24, 2019
logo
Intersil Corporation
ISL28108_1107 INTERSIL-ISL28108_1107 Datasheet
1Mb / 26P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
ISL28108_1111 INTERSIL-ISL28108_1111 Datasheet
1Mb / 32P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com