công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL24212IRTZ bảng dữ liệu(PDF) 3 Page - Intersil Corporation

tên linh kiện ISL24212IRTZ
Giải thích chi tiết về linh kiện  Programmable VCOM Calibrator with EEPROM and Output Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL24212IRTZ bảng dữ liệu(HTML) 3 Page - Intersil Corporation

  ISL24212IRTZ Datasheet HTML 1Page - Intersil Corporation ISL24212IRTZ Datasheet HTML 2Page - Intersil Corporation ISL24212IRTZ Datasheet HTML 3Page - Intersil Corporation ISL24212IRTZ Datasheet HTML 4Page - Intersil Corporation ISL24212IRTZ Datasheet HTML 5Page - Intersil Corporation ISL24212IRTZ Datasheet HTML 6Page - Intersil Corporation ISL24212IRTZ Datasheet HTML 7Page - Intersil Corporation ISL24212IRTZ Datasheet HTML 8Page - Intersil Corporation ISL24212IRTZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ISL24212
3
FN7590.0
March 15, 2011
CE
8
Counter Enable Pin. Connect CE to VDD to enable adjustment of the output sink current. Float or connect CE to GND to prevent
further adjustment or programming (Note: the CE pin has an internal 500nA pull-down sink current). The EEPROM value will be
copied to the register on a VOH to VOL transition.
SET
9
Maximum Sink Current Adjustment Point. Connect a resistor from SET to GND to set the maximum adjustable sink current of the
DVR_OUT pin. The maximum adjustable sink current is equal to (AVDD/20) divided by RSET.
VCOM_OUT
10
Output of the buffer amplifier
PAD
-
Thermal pad should be connected to system ground plane to optimize thermal performance.
Pin Descriptions (Continued)
PIN
NAME
PIN
NUMBER
FUNCTION
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
PART
MARKING
INTERFACE
TEMP RANGE
(°C)
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL24212IRTZ
4212
COUNTER
-40 to +85
10 Ld 3x3 TDFN
L10.3x3A
ISL24212IRTZ-EVALZ
Evaluation Board
NOTES:
1. Add “-T*” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page ISL24212. For more information on MSL please see techbrief TB363.


Số phần tương tự - ISL24212IRTZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL24212IRTZ INTERSIL-ISL24212IRTZ Datasheet
468Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
logo
Renesas Technology Corp
ISL24212IRTZ RENESAS-ISL24212IRTZ Datasheet
585Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
logo
Intersil Corporation
ISL24212IRTZ-EVALZ INTERSIL-ISL24212IRTZ-EVALZ Datasheet
468Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
logo
Renesas Technology Corp
ISL24212IRTZ-EVALZ RENESAS-ISL24212IRTZ-EVALZ Datasheet
585Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
More results

Mô tả tương tự - ISL24212IRTZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
ISL24212 RENESAS-ISL24212 Datasheet
585Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
logo
Intersil Corporation
ISL24211 INTERSIL-ISL24211 Datasheet
455Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
ISL24212 INTERSIL-ISL24212 Datasheet
468Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
ISL24211IRTZ INTERSIL-ISL24211IRTZ Datasheet
453Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
February 23, 2011
logo
Renesas Technology Corp
ISL24211 RENESAS-ISL24211 Datasheet
574Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
ISL24202 RENESAS-ISL24202 Datasheet
576Kb / 12P
   Programmable VCOM Calibrator with EEPROM
logo
Intersil Corporation
ISL24202 INTERSIL-ISL24202 Datasheet
437Kb / 12P
   Programmable VCOM Calibrator with EEPROM
ISL24201IRTZ INTERSIL-ISL24201IRTZ Datasheet
465Kb / 12P
   Programmable VCOM Calibrator with EEPROM
December 9, 2010
ISL24202IRTZ INTERSIL-ISL24202IRTZ Datasheet
435Kb / 12P
   Programmable VCOM Calibrator with EEPROM
March 15, 2011
logo
Renesas Technology Corp
ISL24201 RENESAS-ISL24201 Datasheet
609Kb / 12P
   Programmable VCOM Calibrator with EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com