công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL24211IRTZ-EVALZ bảng dữ liệu(PDF) 1 Page - Intersil Corporation

tên linh kiện ISL24211IRTZ-EVALZ
Giải thích chi tiết về linh kiện  Programmable VCOM Calibrator with EEPROM and Output Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL24211IRTZ-EVALZ bảng dữ liệu(HTML) 1 Page - Intersil Corporation

  ISL24211IRTZ-EVALZ Datasheet HTML 1Page - Intersil Corporation ISL24211IRTZ-EVALZ Datasheet HTML 2Page - Intersil Corporation ISL24211IRTZ-EVALZ Datasheet HTML 3Page - Intersil Corporation ISL24211IRTZ-EVALZ Datasheet HTML 4Page - Intersil Corporation ISL24211IRTZ-EVALZ Datasheet HTML 5Page - Intersil Corporation ISL24211IRTZ-EVALZ Datasheet HTML 6Page - Intersil Corporation ISL24211IRTZ-EVALZ Datasheet HTML 7Page - Intersil Corporation ISL24211IRTZ-EVALZ Datasheet HTML 8Page - Intersil Corporation ISL24211IRTZ-EVALZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
Programmable VCOM Calibrator with EEPROM and
Output Buffer
ISL24211
The ISL24211 is an 8-bit programmable current sink that can be
used in conjunction with an external voltage divider to generate a
voltage source (VCOM) positioned between the analog supply
voltage and ground. The current sink’s full-scale range is
controlled by an external resistor, RSET. With the appropriate
choice of external resistors R1 and R2, the VCOM voltage range
can be controlled between any arbitrary voltage range. The
ISL24211 has an 8-bit data register and 8-bit EEPROM for storing
both a volatile and a permanent value for its output, with an I2C
interface to read and write to the register and EEPROM. After the
part is programmed, the I2C interface is no longer needed; on
power-up the EEPROM contents are automatically transferred to
the data register, and the pre-programmed output voltage
appears on the VCOM_OUT pin.
The ISL24211 also features an integrated, wide-bandwidth, high
output drive buffer amplifier that can directly drive the VCOM
input of an LCD panel.
The ISL24211 is available in an 10 Ld 3mm x 3mm TDFN
package. This package has a maximum height of 0.8mm for very
low profile designs. The ambient operating temperature range is
-40°C to +85°C.
Features
• 8-bit, 256-Step, Adjustable Sink Current Output
• 60MHz VCOM Buffer/Amplifier
• 4.5V to 19.0V Analog Supply Range for Normal Operation
(10.8V Minimum Analog Supply Voltage for Programming)
• 2.25V to 3.6V Logic Supply Voltage Operating Range
• 400kHz, I2C Interface
• On-Chip 8-Bit EEPROM
• Guaranteed Monotonic Over-Temperature
• Compatible with applications using the 7-bit ISL45041
• Pb-free (RoHS-compliant)
• Ultra-Thin 10 Ld TDFN (3 x 3 x 0.8mm max)
Applications
•LCD Panel VCOM Generator
• Electrophoretic Display VCOM Generator
Related Literature
•AN1627 “ISL24211IRTZ-EVALZ Evaluation Board User Guide”
Typical Application
MICRO-
CONTROLLER
ISL24211
SCL
SDA
WP
DVR_OUT
SET
3.3V
VDD
AVDD
9
6
5
4
8
7
2
3
RSET
R1
R2
LCD PANEL
VCOM
I2C
PORT
I/O PIN
VCOM_OUT
10
INN
1
FIGURE 1. TYPICAL ISL24211 APPLICATION
February 23, 2011
FN7585.0
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
|Copyright Intersil Americas Inc. 2011. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.


Số phần tương tự - ISL24211IRTZ-EVALZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL24211IRTZ-EVALZ INTERSIL-ISL24211IRTZ-EVALZ Datasheet
455Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
logo
Renesas Technology Corp
ISL24211IRTZ-EVALZ RENESAS-ISL24211IRTZ-EVALZ Datasheet
574Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
More results

Mô tả tương tự - ISL24211IRTZ-EVALZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
ISL24212 RENESAS-ISL24212 Datasheet
585Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
logo
Intersil Corporation
ISL24211 INTERSIL-ISL24211 Datasheet
455Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
ISL24212 INTERSIL-ISL24212 Datasheet
468Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
ISL24212IRTZ INTERSIL-ISL24212IRTZ Datasheet
465Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
March 15, 2011
logo
Renesas Technology Corp
ISL24211 RENESAS-ISL24211 Datasheet
574Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
ISL24202 RENESAS-ISL24202 Datasheet
576Kb / 12P
   Programmable VCOM Calibrator with EEPROM
logo
Intersil Corporation
ISL24202 INTERSIL-ISL24202 Datasheet
437Kb / 12P
   Programmable VCOM Calibrator with EEPROM
ISL24201IRTZ INTERSIL-ISL24201IRTZ Datasheet
465Kb / 12P
   Programmable VCOM Calibrator with EEPROM
December 9, 2010
ISL24202IRTZ INTERSIL-ISL24202IRTZ Datasheet
435Kb / 12P
   Programmable VCOM Calibrator with EEPROM
March 15, 2011
logo
Renesas Technology Corp
ISL24201 RENESAS-ISL24201 Datasheet
609Kb / 12P
   Programmable VCOM Calibrator with EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com