công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL24021IRT065Z-T13 bảng dữ liệu(PDF) 1 Page - Intersil Corporation

tên linh kiện ISL24021IRT065Z-T13
Giải thích chi tiết về linh kiện  1A Rail-to-Rail Input-Output Operational Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL24021IRT065Z-T13 bảng dữ liệu(HTML) 1 Page - Intersil Corporation

  ISL24021IRT065Z-T13 Datasheet HTML 1Page - Intersil Corporation ISL24021IRT065Z-T13 Datasheet HTML 2Page - Intersil Corporation ISL24021IRT065Z-T13 Datasheet HTML 3Page - Intersil Corporation ISL24021IRT065Z-T13 Datasheet HTML 4Page - Intersil Corporation ISL24021IRT065Z-T13 Datasheet HTML 5Page - Intersil Corporation ISL24021IRT065Z-T13 Datasheet HTML 6Page - Intersil Corporation ISL24021IRT065Z-T13 Datasheet HTML 7Page - Intersil Corporation ISL24021IRT065Z-T13 Datasheet HTML 8Page - Intersil Corporation ISL24021IRT065Z-T13 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
1A Rail-to-Rail Input-Output Operational Amplifier
ISL24021
The ISL24021 is a high output current, high voltage, rail-to-rail
voltage feedback amplifier. The ISL24021 is capable of ±1A
peak output short circuit current. The amplifier exhibits beyond
the rail input capability, rail-to-rail output capability and is unity
gain stable.
The operating supply voltage range is from 4.5V to 19V
maximum and the ISL24021 can be configured for single or
dual supply operation. The ISL24021 has the ability to quickly
source and sink large peak currents up to ±1A and to drive
large continuous currents of ±300mA.
The ISL24021 features fast slewing and settling times. Also, the
device provides common mode input capability beyond the
supply rails, and rail-to-rail output capability. This enables the
amplifier to offer maximum dynamic range at any supply
voltage. These features make the ISL24021 an ideal solution as
a VCOM driver in TFT-LCD panel applications. Other applications
may include battery power and portable devices, and especially
where low power consumption is important.
The ISL24021 is available in a 8 Ld 3mmx3mm TDFN package
featuring a standard operational amplifier pinout with a lead
pitch of 0.65mm. The device utilizes a thermally enhanced
package and has a built-in thermal protection circuit. It is
specified for operation over an ambient temperature range of
-40°C to +85°C.
Pin Configuration
Features
• ±1A Output Short Circuit Current
• 4.5V to 19V Maximum Supply Voltage Range
• 2.0mA Supply Current
• 18V/µs Slew Rate
• 25MHz -3dB Bandwidth
• ±300mA Continuous Output Current
• Unity-Gain Stable
• Beyond the Rails Input Capability
• Rail-to-Rail Output Swing
• Built-in Thermal Protection
• -40°C to +85°C Ambient Temperature Range
• Pb-Free (RoHS Compliant)
Applications
•TFT-LCD Panels
•VCOM Driver
• Video Processing
• Audio Processing
• Active Filters
•Test Equipment
• Battery-Powered Applications
• Portable Equipment
ISL24021
(8 LD TDFN)
TOP VIEW
2
3
4
1
7
6
5
8
NC
INN
INP
VSS
NC
VDD
OUT
NC
THERMAL
PAD
THERMAL PAD IS ELECTRICALLY
ISOLATED, OR CONNECTED TO VSS
Ordering Information
PART
NUMBER
(Notes 1, 2, 3)
LEAD
PITCH
(mm)
PART
MARKING
PACKAGE
Tape & Reel
(Pb-Free)
PKG.
DWG. #
ISL24021IRT065Z-T7A
0.65 P021
8 Ld TDFN
L8.3x3K
ISL24021IRT065Z-T13
0.65 P021
8 Ld TDFN
L8.3x3K
NOTES:
1. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-
free material sets, molding compounds/die attach materials, and
100% matte tin plate plus anneal (e3 termination finish, which is
RoHS compliant and compatible with both SnPb and Pb-free
soldering operations). Intersil Pb-free products are MSL classified
at Pb-free peak reflow temperatures that meet or exceed the Pb-
free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information
page for ISL24021. For more information on MSL please see
techbrief TB363.
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
|Copyright Intersil Americas Inc. 2009, 2011. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.
October 18, 2011
FN6637.1


Số phần tương tự - ISL24021IRT065Z-T13

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL24021IRT065Z-T13 INTERSIL-ISL24021IRT065Z-T13 Datasheet
333Kb / 12P
   1A Rail-to-Rail Input-Output Operational Amplifier
logo
Renesas Technology Corp
ISL24021IRT065Z-T13 RENESAS-ISL24021IRT065Z-T13 Datasheet
704Kb / 13P
   1A Rail-to-Rail Input-Output Operational Amplifier
More results

Mô tả tương tự - ISL24021IRT065Z-T13

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL24021 INTERSIL-ISL24021 Datasheet
333Kb / 12P
   1A Rail-to-Rail Input-Output Operational Amplifier
logo
Renesas Technology Corp
ISL24021 RENESAS-ISL24021 Datasheet
704Kb / 13P
   1A Rail-to-Rail Input-Output Operational Amplifier
logo
Intersil Corporation
EL5411T INTERSIL-EL5411T_10 Datasheet
815Kb / 16P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Renesas Technology Corp
EL5211T RENESAS-EL5211T Datasheet
850Kb / 15P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
May 12, 2010
EL5411T RENESAS-EL5411T Datasheet
1,002Kb / 16P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
August 3, 2010
logo
Intersil Corporation
EL5420T INTERSIL-EL5420T Datasheet
470Kb / 17P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Renesas Technology Corp
EL5220T RENESAS-EL5220T Datasheet
813Kb / 15P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Intersil Corporation
EL5120T INTERSIL-EL5120T Datasheet
511Kb / 14P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
logo
New Japan Radio
NJM8532 NJRC-NJM8532 Datasheet
303Kb / 10P
   Rail-to-Rail Input/Output Dual Operational Amplifier
logo
Intersil Corporation
EL5211T INTERSIL-EL5211T Datasheet
403Kb / 15P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com