công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL24021IRT065Z-T13 bảng dữ liệu(PDF) 3 Page - Intersil Corporation

tên linh kiện ISL24021IRT065Z-T13
Giải thích chi tiết về linh kiện  1A Rail-to-Rail Input-Output Operational Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL24021IRT065Z-T13 bảng dữ liệu(HTML) 3 Page - Intersil Corporation

  ISL24021IRT065Z-T13 Datasheet HTML 1Page - Intersil Corporation ISL24021IRT065Z-T13 Datasheet HTML 2Page - Intersil Corporation ISL24021IRT065Z-T13 Datasheet HTML 3Page - Intersil Corporation ISL24021IRT065Z-T13 Datasheet HTML 4Page - Intersil Corporation ISL24021IRT065Z-T13 Datasheet HTML 5Page - Intersil Corporation ISL24021IRT065Z-T13 Datasheet HTML 6Page - Intersil Corporation ISL24021IRT065Z-T13 Datasheet HTML 7Page - Intersil Corporation ISL24021IRT065Z-T13 Datasheet HTML 8Page - Intersil Corporation ISL24021IRT065Z-T13 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
ISL24021
3
FN6637.1
October 18, 2011
.Electrical Specifications V
DD = 5V, VSS = GND = 0V, RL = 1kΩ to 2.5V, TA = +25°C, Unless Otherwise Specified.
PARAMETER
DESCRIPTION
CONDITION
MIN
(Note 6)
TYP
MAX
(Note 6)
UNIT
POWER SUPPLY PERFORMANCE
VDD - VSS
Supply Voltage Range
4.5
19
V
IS
Supply Current
No load
2.0
2.8
mA
PSRR
Power Supply Rejection Ratio
VS is moved from +4.5V to +19V
60
80
dB
INPUT CHARACTERISTICS
VOS
Input Offset Voltage
VCM = 2.5V
1.4
15
mV
TCVOS
Average Offset Voltage Drift (Note 7)
1
µV/°C
ILEAK
Input Leakage Current
VCM = 2.5V
2
10
nA
RIN
Input Resistance
1G
Ω
CIN
Input Capacitance
2pF
CMIR
Common-Mode Input Range
VSS-
0.5
VDD+
0.5
V
CMRR
Common-Mode Rejection Ratio
For VIN from -0.5V to 5.5V
45
70
dB
AVOL
Open-Loop Gain
0.5V
≤ VOUT ≤ 4.5V
70
100
dB
OUTPUT CHARACTERISTICS
VOH
Output Swing High
IL= 5mA, VIN = VDD
VDD-
0.15
VDD-
0.025
V
VOL
Output Swing Low
IL= -5mA,VIN = VSS
VSS+
0.025
VSS+
0.15
V
ISC
Short-Circuit Current
±0.5
A
IOUT
Continuous Output Current (Note 10)
±300
mA
DYNAMIC PERFORMANCE
SR
Slew Rate (Note 8)
1V
≤ VOUT ≤ 4V
15
V/µs
tS
Settling to 0.1% (Note 9)
AV = +1, VO = 2V step
80
ns
BW
-3dB Bandwidth
AV = +1, RL = 1kΩ, CL= 8pF
22
MHz
PM
Phase Margin
RL = 1kΩ, CL= 8pF
46
°
THERMAL PERFORMANCE
TTS
Thermal Shutdown Temperature
Die temperature at which the device will
shutdown until it cools by TTSH °C
+165
°C
TTSH
Thermal Shutdown Hysteresis
Die temperature below TTS °C when the
device will become operational after
shutdown
15
°C
Electrical Specifications
VDD = 15V, VSS = GND = 0V, RL = 1kΩ to 7.5V, TA = +25°C, Unless Otherwise Specified.
PARAMETER
DESCRIPTION
CONDITION
MIN
(Note 6)
TYP
MAX
(Note 6)
UNIT
POWER SUPPLY PERFORMANCE
VDD - VSS
Supply Voltage Range
4.5
19
V
IS
Supply Current
No load
2.2
2.8
mA
PSRR
Power Supply Rejection Ratio
VS is moved from +4.5V to +19V
60
80
dB
INPUT CHARACTERISTICS
VOS
Input Offset Voltage
VCM = 7.5V
1.4
15
mV
TCVOS
Average Offset Voltage Drift (Note 7)
1
µV/°C


Số phần tương tự - ISL24021IRT065Z-T13

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL24021IRT065Z-T13 INTERSIL-ISL24021IRT065Z-T13 Datasheet
333Kb / 12P
   1A Rail-to-Rail Input-Output Operational Amplifier
logo
Renesas Technology Corp
ISL24021IRT065Z-T13 RENESAS-ISL24021IRT065Z-T13 Datasheet
704Kb / 13P
   1A Rail-to-Rail Input-Output Operational Amplifier
More results

Mô tả tương tự - ISL24021IRT065Z-T13

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL24021 INTERSIL-ISL24021 Datasheet
333Kb / 12P
   1A Rail-to-Rail Input-Output Operational Amplifier
logo
Renesas Technology Corp
ISL24021 RENESAS-ISL24021 Datasheet
704Kb / 13P
   1A Rail-to-Rail Input-Output Operational Amplifier
logo
Intersil Corporation
EL5411T INTERSIL-EL5411T_10 Datasheet
815Kb / 16P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Renesas Technology Corp
EL5211T RENESAS-EL5211T Datasheet
850Kb / 15P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
May 12, 2010
EL5411T RENESAS-EL5411T Datasheet
1,002Kb / 16P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
August 3, 2010
logo
Intersil Corporation
EL5420T INTERSIL-EL5420T Datasheet
470Kb / 17P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Renesas Technology Corp
EL5220T RENESAS-EL5220T Datasheet
813Kb / 15P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Intersil Corporation
EL5120T INTERSIL-EL5120T Datasheet
511Kb / 14P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
logo
New Japan Radio
NJM8532 NJRC-NJM8532 Datasheet
303Kb / 10P
   Rail-to-Rail Input/Output Dual Operational Amplifier
logo
Intersil Corporation
EL5211T INTERSIL-EL5211T Datasheet
403Kb / 15P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com