công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL1539AIRZ-T13 bảng dữ liệu(PDF) 5 Page - Intersil Corporation

tên linh kiện ISL1539AIRZ-T13
Giải thích chi tiết về linh kiện  Dual Port VDSL2 Line Driver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL1539AIRZ-T13 bảng dữ liệu(HTML) 5 Page - Intersil Corporation

  ISL1539AIRZ-T13 Datasheet HTML 1Page - Intersil Corporation ISL1539AIRZ-T13 Datasheet HTML 2Page - Intersil Corporation ISL1539AIRZ-T13 Datasheet HTML 3Page - Intersil Corporation ISL1539AIRZ-T13 Datasheet HTML 4Page - Intersil Corporation ISL1539AIRZ-T13 Datasheet HTML 5Page - Intersil Corporation ISL1539AIRZ-T13 Datasheet HTML 6Page - Intersil Corporation ISL1539AIRZ-T13 Datasheet HTML 7Page - Intersil Corporation ISL1539AIRZ-T13 Datasheet HTML 8Page - Intersil Corporation ISL1539AIRZ-T13 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
5
FN6916.0
September 23, 2009
4MHz Harmonic
Distortion
2nd Harmonic
VOUT = 10VP-P-DIFF
(Note 6)
-72
dBc
3rd Harmonic
VOUT = 10VP-P-DIFF
(Note 6)
-70
dBc
THD
VOUT = 10VP-P-DIFF
(Note 6)
-68
dBc
8MHz Harmonic
Distortion
2nd Harmonic
VOUT = 2VP-P-DIFF (Note 6)
-83
dBc
3rd Harmonic
VOUT = 2VP-P-DIFF (Note 6)
-78
dBc
THD
VOUT = 2VP-P-DIFF (Note 6)
-76
dBc
eN
Non-Inverting Input Voltage
Noise at each of the 4 Inputs
f = 1MHZ
4.0
nV/√Hz
+iN
Non-Inverting Input Current
Noise at each of the 4 Inputs
f = 1MHZ
2.7
pA/√Hz
-iN
Inverting Input Current Noise
at each of the 4 Inputs
f = 1MHZ
23
pA/√Hz
eN-CM
Common Mode Output Noise
at each Port Pair
f = 1MHZ
90
nV/√Hz
POWER CONTROL FEATURES
VIH
Logic High Voltage
C0 and C1 inputs
2.0
V
VIL
Logic Low Voltage
C0 and C1 inputs
0.8
V
IIH0 , IIH1
Logic High Current for C0, C1 C0 = 3.3V, C1 = 3.3V
-5
1
+5
µA
IIL0, IIL1
Logic Low Current for C0 or C1 C0 = 0V, C1 = 0V
-17
-13
-10
µA
IADJ
Input Resistance
500
Ω
SUPPLY CHARACTERISTICS
Maximum Operating Supply
Voltage
±12.6
V
Minimum Operating Supply
Voltage
±7.5
V
IGND
GND Pin Current per Port
All outputs at 0V (Note 7)
0.2
0.4
0.5
mA
IS+ (Full Power)
Positive Supply Current per
Port
All outputs at 0V, C0 = C1 = 0V, No
Load
21
27.2
31.5
mA
IS+ (Medium)
Positive Supply Current per
Port
All outputs at 0V, C0 = 3.3V, C1 = 0V,
No Load
17.8
23
26.7
mA
IS+ (Low)
Positive Supply Current per
Port
All outputs at 0V, C0 = 0V, C1 = 3.3V,
No Load
10.4
13.5
15.6
mA
IS+ (Power-down) Positive Supply Current per
Port
All outputs at 0V, C0 = C1 = 3.3V, No
Load
0.2
0.4
0.5
mA
OUTPUT CHARACTERISTICS
VOUT
Output Swing
RL-DIFF = No Load
±10.7
±10.9
V
Lightly Loaded Positive Swing
RL-DIFF = 100Ω
+10.3
+10.5
V
Lightly Loaded Negative Swing
RL-DIFF = 100Ω
-10.4
-10.2
V
Heavy Loaded Positive Swing
RL-DIFF = 60Ω
+9.4
+9.8
V
Heavy Loaded Negative Swing
RL-DIFF = 60Ω
-9.7
-9.3
V
IOL
Linear Output Current
RL = 25Ω, f = 100kHz, THD = -60dBc
±360
mA
Electrical Specifications VS = ±12V, RL= 100Ω differential, IADJ = C0 = C1 = 0V, AV = 10V/V, RF = 3.2kΩ,
TA = +25°C. Amplifier pairs tested separately unless otherwise indicated. (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
ISL1539A


Số phần tương tự - ISL1539AIRZ-T13

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL1539A INTERSIL-ISL1539A Datasheet
91Kb / 2P
   Dual Port VDSL2 Line Driver
ISL1539A INTERSIL-ISL1539A Datasheet
938Kb / 18P
   Fixed Gain, Dual Port, VDSL2 Line Driver
ISL1539A INTERSIL-ISL1539A Datasheet
709Kb / 13P
   Single Port, VDSL2 Differential Line Driver
logo
Renesas Technology Corp
ISL1539A RENESAS-ISL1539A Datasheet
2Mb / 23P
   Dual Port VDSL2 Line Driver
September 23, 2009
ISL1539A RENESAS-ISL1539A Datasheet
1Mb / 18P
   Fixed Gain, Dual Port, VDSL2 Line Driver
October 31, 2012
More results

Mô tả tương tự - ISL1539AIRZ-T13

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL1539A INTERSIL-ISL1539A Datasheet
91Kb / 2P
   Dual Port VDSL2 Line Driver
logo
Renesas Technology Corp
ISL1539A RENESAS-ISL1539A Datasheet
2Mb / 23P
   Dual Port VDSL2 Line Driver
September 23, 2009
logo
Intersil Corporation
ISL1591 INTERSIL-ISL1591 Datasheet
938Kb / 18P
   Fixed Gain, Dual Port, VDSL2 Line Driver
logo
Texas Instruments
THS6214 TI-THS6214 Datasheet
1Mb / 41P
[Old version datasheet]   Dual-Port, Differential, VDSL2 Line Driver Amplifiers
THS6204 TI-THS6204 Datasheet
1Mb / 43P
[Old version datasheet]   Dual-Port, Differential VDSL2 Line Driver Amplifiers
logo
Renesas Technology Corp
ISL1591 RENESAS-ISL1591 Datasheet
1Mb / 18P
   Fixed Gain, Dual Port, VDSL2 Line Driver
October 31, 2012
logo
Texas Instruments
THS6204 TI1-THS6204 Datasheet
1Mb / 43P
[Old version datasheet]   Dual-Port, Differential VDSL2 Line Driver Amplifiers
logo
Intersil Corporation
ISL1591IRTZ INTERSIL-ISL1591IRTZ Datasheet
938Kb / 18P
   Fixed Gain, Dual Port, VDSL2 Line Driver
October 31, 2012
logo
Texas Instruments
THS6226 TI-THS6226_15 Datasheet
966Kb / 21P
[Old version datasheet]   Gated-Class H, Dual-Port VDSL2 Line Driver
THS6226 TI1-THS6226 Datasheet
693Kb / 20P
[Old version datasheet]   Gated-Class H, Dual-Port VDSL2 Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com