công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL1536IRZ-T13 bảng dữ liệu(PDF) 8 Page - Intersil Corporation

tên linh kiện ISL1536IRZ-T13
Giải thích chi tiết về linh kiện  Dual Channel Central Office ADSL2 Line Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL1536IRZ-T13 bảng dữ liệu(HTML) 8 Page - Intersil Corporation

  ISL1536IRZ-T13 Datasheet HTML 1Page - Intersil Corporation ISL1536IRZ-T13 Datasheet HTML 2Page - Intersil Corporation ISL1536IRZ-T13 Datasheet HTML 3Page - Intersil Corporation ISL1536IRZ-T13 Datasheet HTML 4Page - Intersil Corporation ISL1536IRZ-T13 Datasheet HTML 5Page - Intersil Corporation ISL1536IRZ-T13 Datasheet HTML 6Page - Intersil Corporation ISL1536IRZ-T13 Datasheet HTML 7Page - Intersil Corporation ISL1536IRZ-T13 Datasheet HTML 8Page - Intersil Corporation ISL1536IRZ-T13 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
FN6508.4
February 15, 2013
Intersil products are manufactured, assembled and tested utilizing ISO9000 quality systems as noted
in the quality certifications found at www.intersil.com/en/support/qualandreliability.html
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at
any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by
Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements
of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent
rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
For additional products, see www.intersil.com/en/products.html
Revision History
DATE
REVISION
CHANGE
November 20, 2012
FN6508.4
Added Note 3 to “Ordering Information” on page 1.
Changed HBM from 3kV to 4kV in “Absolute Maximum Ratings” on page 3.
Changed MM from 300V to 250V in “Absolute Maximum Ratings” on page 3
Added Note 5 to “Electrical Specifications” table on page 4.
March 8, 2010
FN6508.3
On page 4, changed the “Maximum Operating Supply Voltage” TYP from ±12.6V to ±13.2V
February 8, 2010
On page 3 in the “Electrical Specifications” table, changed VOUT-DIS Max spec from ±300mV to ±800mV
May 29, 2009
Added Revision History beginning from rev 3.
Changed the logic high level (VIH) on page 3 from Min 2.0V to Min 2.2V, which is consistent with the intended
applications (AFE output logic high levels are typically at 3.3V with 2.4V minimum) while providing added margin
to internal threshold variation.
On page 1 in the first paragraph, changed: "This device features a high drive capability of 400mA while
consuming only 3mA..." to "This device features a high drive capability of 400mA while consuming only 4mA...".
Added Theta JA and applicable note to “Thermal Information” on page 3.
Removed VS, Supply Voltage row in spec table. Added Maximum and Minimum Operating Supply Voltages
(VS(MAX) and VS(MIN)) with typical specs of ±12.6V and ±7.5V to “SUPPLY CHARACTERISTICS” on page 4.
Added “DISAB = DISCD = 0” to “Electrical Specifications” table common conditions.


Số phần tương tự - ISL1536IRZ-T13

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL1536IRZ-T13 INTERSIL-ISL1536IRZ-T13 Datasheet
134Kb / 2P
   Dual Channel Central Office ADSL2 Line Driver
logo
Renesas Technology Corp
ISL1536IRZ-T13 RENESAS-ISL1536IRZ-T13 Datasheet
612Kb / 9P
   Dual Channel Central Office ADSL2 Line Driver
More results

Mô tả tương tự - ISL1536IRZ-T13

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL1535 INTERSIL-ISL1535 Datasheet
46Kb / 2P
   Dual Channel Central Office ADSL2 Line Driver
EL1537 INTERSIL-EL1537 Datasheet
46Kb / 2P
   Dual Channel Central Office ADSL2 Line Driver
logo
Renesas Technology Corp
ISL1536 RENESAS-ISL1536 Datasheet
612Kb / 9P
   Dual Channel Central Office ADSL2 Line Driver
logo
Intersil Corporation
ISL1535A INTERSIL-ISL1535A Datasheet
53Kb / 2P
   Dual Channel Central Office ADSL2 Line Driver
ISL1535AIVEZ INTERSIL-ISL1535AIVEZ Datasheet
114Kb / 2P
   Dual Channel Central Office ADSL2 Line Driver
March 11, 2008
EL1537A INTERSIL-EL1537A Datasheet
48Kb / 2P
   Dual Channel Central Office ADSL2 Line Driver
ISL1535_0707 INTERSIL-ISL1535_0707 Datasheet
46Kb / 2P
   Dual Channel Central Office ADSL2 Line Driver
ISL1536 INTERSIL-ISL1536 Datasheet
134Kb / 2P
   Dual Channel Central Office ADSL2 Line Driver
EL1537B INTERSIL-EL1537B Datasheet
46Kb / 2P
   Dual Channel CO ADSL2 Line Driver
logo
Texas Instruments
THS6032 TI1-THS6032_14 Datasheet
1Mb / 35P
[Old version datasheet]   LOW-POWER ADSL CENTRAL-OFFICE LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com