công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL1534IVEZ bảng dữ liệu(PDF) 1 Page - Intersil Corporation

tên linh kiện ISL1534IVEZ
Giải thích chi tiết về linh kiện  Dual Channel Fixed Gain Differential DSL Line Driver
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL1534IVEZ bảng dữ liệu(HTML) 1 Page - Intersil Corporation

  ISL1534IVEZ Datasheet HTML 1Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9001 quality systems.
Intersil Corporation’s quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
FN6465.3
ISL1534
Dual Channel Fixed Gain Differential DSL
Line Driver
The ISL1534 is a dual channel differential amplifier designed
for driving full rate ADSL2+ signals at very low power
dissipation. The high drive capability of 450mA makes this
driver ideal for DMT designs. It contains two pairs of
wideband, high-voltage, current mode feedback amplifiers
designed on Intersil’s HS30 Bipolar SOI process for low
power consumption in DSL systems. The amplifiers have an
internal fixed gain, which helps eliminate both feedback and
gain resistors reducing board size and cost.
These drivers consuming typically 4mA per DSL channel of
total supply current at 1/2 IS mode. This supply current can
be set using a resistor on the IADJ pin. Two other pins (C0
and C1) can also be used to adjust supply current to one of
four pre-set modes (full IS, 3/4 IS, 1/2 IS, and full power-
down). C0 and C1 inputs are design to pull high initially.
Floating these inputs will put the device in disable mode.
This is contrary to EL1528 where C0 and C1 inputs pull low
initially and is in the enable state when C0 and C1 pins are
floated.
The device is supplied in a thermally-enhanced small
footprint (4mmx5mm) 24 Ld QFN and a 20 Ld HTSSOP
packages. The ISL1534 is specified for operation over the
full -40°C to +85°C temperature range.
The ISL1534 provides larger output swing at heavy loads,
higher slew rate, and higher bandwidth while maintaining
pin-to-pin drop-in compatibility with the ISL1532A. The
ISL1534 integrates 50k pull-up resistors on C0 and C1 pins.
Features
• 450mA output drive capability
•44.4VP-P differential output drive into 100Ω
• ±5V to ±15V supply operation
• Internal fixed gain and biasing network
• Reduces BOM by 7 resistors and 1 capacitor per channel
• Low differential input offset
• Channel separation
- 80dB @ 500kHz
-75dB @ 1MHz
• Direct pin-to-pin replacement for ISL1532A
• Pb-free (RoHS compliant)
Applications
• Dual channel ADSL2+ line drivers
• SHDSL line drivers
Ordering Information
PART NUMBER
(Note)
PART
MARKING
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL1534IRZ
1534 IRZ
24 Ld 4x5 QFN MDP0046
ISL1534IRZ-T13*
1534 IRZ
24 Ld 4x5 QFN MDP0046
ISL1534IVEZ
(No longer available or
supported)
1534 IVEZ 20 Ld HTSSOP MDP0048
*Please refer to TB347 for details on reel specifications.
NOTE: These Intersil Pb-free plastic packaged products employ
special Pb-free material sets, molding compounds/die attach
materials, and 100% matte tin plate plus anneal (e3 termination
finish, which is RoHS compliant and compatible with both SnPb and
Pb-free soldering operations). Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed
the Pb-free requirements of IPC/JEDEC J STD-020.
Data Sheet
October 12, 2015
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774 | Copyright Intersil Americas LLC 2007-2010, 2015. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.
To request the full datasheet, please visit www.intersil.com/products/ISL1534


Số phần tương tự - ISL1534IVEZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL1534IVEZ INTERSIL-ISL1534IVEZ Datasheet
48Kb / 2P
   Dual Channel Fixed Gain Differential DSL Line Driver
ISL1534IVEZ-T13 INTERSIL-ISL1534IVEZ-T13 Datasheet
48Kb / 2P
   Dual Channel Fixed Gain Differential DSL Line Driver
More results

Mô tả tương tự - ISL1534IVEZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL1534 INTERSIL-ISL1534 Datasheet
48Kb / 2P
   Dual Channel Fixed Gain Differential DSL Line Driver
ISL1532A INTERSIL-ISL1532A Datasheet
59Kb / 2P
   Dual Channel Fixed Gain Differential DSL Line Driver
ISL1532IRZ INTERSIL-ISL1532IRZ Datasheet
1,008Kb / 19P
   Dual Channel Differential DSL Line Driver
ISL1532 INTERSIL-ISL1532 Datasheet
58Kb / 2P
   Dual Channel Differential DSL Line Driver
ISL1533AIRZ INTERSIL-ISL1533AIRZ Datasheet
928Kb / 14P
   Dual Channel Differential DSL Line Driver
May 9, 2014
ISL1533 INTERSIL-ISL1533 Datasheet
43Kb / 2P
   Dual Channel Differential DSL Line Driver
logo
Renesas Technology Corp
ISL1533A RENESAS-ISL1533A Datasheet
1Mb / 16P
   Dual Channel Differential DSL Line Driver
Jan 31, 2019
ISL1532 RENESAS-ISL1532 Datasheet
1Mb / 21P
   Dual Channel Differential DSL Line Driver
May 1, 2015
logo
Intersil Corporation
EL1528 INTERSIL-EL1528 Datasheet
130Kb / 2P
   Dual Channel Differential DSL Line Driver
ISL1533 INTERSIL-ISL1533 Datasheet
106Kb / 2P
   Dual Channel Differential DSL Line Driver
October 12, 2015
More results


Html Pages

1


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com