công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SMBJ5335B bảng dữ liệu(PDF) 4 Page - Micro Commercial Components

tên linh kiện SMBJ5335B
Giải thích chi tiết về linh kiện  5 Watt Surface Mount Silicon Zener Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MCC [Micro Commercial Components]
Trang chủ  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SMBJ5335B bảng dữ liệu(HTML) 4 Page - Micro Commercial Components

  SMBJ5335B Datasheet HTML 1Page - Micro Commercial Components SMBJ5335B Datasheet HTML 2Page - Micro Commercial Components SMBJ5335B Datasheet HTML 3Page - Micro Commercial Components SMBJ5335B Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Note 1
Devices listed have a
± 5% tolerance on nominal V Z.
The suffix A denotes a
± 20% tolerance, suffix C
denotes
± 2%, and suffix D denotes ± 1%.
Note 2
Nominal Zener Voltage (V Z) is read with the device in
standard test clips with 3/8 to ½ inch spacing between
clip and case of the diode. Before reading, the diode is
allowed so stabilize for a period of 40
± 10 milliseconds
at 25
°C (+8, -2°C).
Note 3
The Zener impedance (Z ZT or ZZK is derived from the 60
HZ ac voltage, which results when an ac current having
a rms value equal to 10% of the dc zener current (I ZT or
IZK) is superimposed on I ZT or IZK respectively. Dynamic
impedance variations with other current values are
described in Micronote 202.
Note 4
The Maximum Reverse (leakage) Current is specified
for devices with
± 20% and ± 10% voltage tolerances
on nominal VZ in another column.
Note 5
The Maximum Zener Current (I ZM) shown is for
± 5%
tolerance devices. I ZM for
± 10% and ± 20% devices
can be calculated using the formula:
IZM =
P
V ZM
Where “VZM” is VZ at the high end of the voltage
tolerance specified and “P” is the rated power of the
device.
Note 6
The Surge Current (I ZM) is specified as the maximum
peak of a nonrecurring sine wave of 8.3 milliseconds
duration.
Note 7
Voltage Regulation (
∆VZ) is the difference between the
voltage measured at 10% and 50% I ZM).
SMB(G or J)5333B thru SMB(G or J)5388B
1
5344B
5350B
5335B
5338B
5342B
5357B
5365B
5378B
5388B
S
www.mccsemi.com
MCC


Số phần tương tự - SMBJ5335B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microsemi Corporation
SMBJ5335B MICROSEMI-SMBJ5335B Datasheet
242Kb / 3P
   5 Watt Surface Mount Silicon Zener Diodes
logo
SynSemi, Inc.
SMBJ5335B SYNSEMI-SMBJ5335B Datasheet
38Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotech Company.
SMBJ5335B DIOTECH-SMBJ5335B Datasheet
733Kb / 3P
   5W SURFACE MOUNT SILICON ZENER DIODE
logo
EIC discrete Semiconduc...
SMBJ5335B EIC-SMBJ5335B Datasheet
125Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Shenzhen Luguang Electr...
SMBJ5335B LUGUANG-SMBJ5335B Datasheet
285Kb / 3P
   Surface Mount Silicon Zener Diodes
More results

Mô tả tương tự - SMBJ5335B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microsemi Corporation
SMBG5333B MICROSEMI-SMBG5333B Datasheet
242Kb / 3P
   5 Watt Surface Mount Silicon Zener Diodes
logo
Micro Commercial Compon...
3SMBJ5913B-TP MCC-3SMBJ5913B-TP Datasheet
250Kb / 4P
   3.0 Watt Surface Mount Silicon Zener Diodes
SMBJ5925BHE3 MCC-SMBJ5925BHE3 Datasheet
384Kb / 4P
   1.5 Watt Surface Mount Silicon Zener Diodes
3SMBJ5918B MCC-3SMBJ5918B_18 Datasheet
347Kb / 4P
   3.0 Watt Surface Mount Silicon Zener Diodes
3SMAJ5930B-TP MCC-3SMAJ5930B-TP Datasheet
266Kb / 4P
   3.0 Watt Surface Mount Silicon Zener Diodes
SMA5C5V1 MCC-SMA5C5V1 Datasheet
281Kb / 3P
   3.0 Watt Surface Mount Silicon Zener Diodes
3SMAJ5913B MCC-3SMAJ5913B_18 Datasheet
329Kb / 4P
   3.0 Watt Surface Mount Silicon Zener Diodes
3MSMA1J59138B MCC-3MSMA1J59138B Datasheet
330Kb / 4P
   3.0 Watt Surface Mount Silicon Zener Diodes
SMBJ5918B MCC-SMBJ5918B Datasheet
348Kb / 4P
   1.5 Watt Surface Mount Silicon Zener Diodes
3SMBJ5913B MCC-3SMBJ5913B_18 Datasheet
333Kb / 4P
   3.0 Watt Surface Mount Silicon Zener Diodes
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com