công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SA03-11CGKWA bảng dữ liệu(PDF) 2 Page - Kingbright Corporation

tên linh kiện SA03-11CGKWA
Giải thích chi tiết về linh kiện  Mechanically rugged
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  KINGBRIGHT [Kingbright Corporation]
Trang chủ  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

SA03-11CGKWA bảng dữ liệu(HTML) 2 Page - Kingbright Corporation

  SA03-11CGKWA Datasheet HTML 1Page - Kingbright Corporation SA03-11CGKWA Datasheet HTML 2Page - Kingbright Corporation SA03-11CGKWA Datasheet HTML 3Page - Kingbright Corporation SA03-11CGKWA Datasheet HTML 4Page - Kingbright Corporation SA03-11CGKWA Datasheet HTML 5Page - Kingbright Corporation SA03-11CGKWA Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SPEC NO: DSAM8390
REV NO: V.2A
DATE: MAR/28/2015
PAGE: 2 OF 6
APPROVED: WYNEC
CHECKED: Joe Lee
DRAWN: L.Q.Xie
ERP: 1301003037
Selection Guide
Note:
1. Luminous intensity/ luminous Flux: +/-15%.
* Luminous intensity value is traceable to the CIE127-2007 compliant national standards.
Absolute Maximum Ratings at TA=25°C
Electrical / Optical Characteristics at TA=25°C
Notes:
1.Wavelength: +/-1nm.
2.Forward Voltage: +/-0.1V.
3.Wavelength value is traceable to the CIE127-2007 compliant national standards.
4.Excess driving current and/or operating temperature higher than recommended conditions may result in severe light degradation or
premature failure.
Notes:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
2. 2mm below package base.
Part No.
Dice
Lens Type
Iv (ucd) [1]
@ 10mA
Description
Min.
Typ.
Green (AlGaInP)
White Diffused
21000
57000
Common Anode,
Rt. Hand Decimal.
*9000
*17000
SA03-11CGKWA
Symbol
Parameter
Device
Typ.
Max.
Units
Test Conditions
λpeak
Peak Wavelength
Green
574
nm
IF=20mA
λD [1]
Dominant Wavelength
Green
570
nm
IF=20mA
Δλ1/2
Spectral Line Half-width
Green
20
nm
IF=20mA
C
Capacitance
Green
15
pF
VF=0V;f=1MHz
VF [2]
Forward Voltage
Green
2.1
2.5
V
IF=20mA
IR
Reverse Current
Green
10
uA
VR=5V
Parameter
Green
Units
Power dissipation
75
mW
DC Forward Current
30
mA
Peak Forward Current [1]
150
mA
Reverse Voltage
5
V
Operating / Storage Temperature
-40°C To +85°C
Lead Solder Temperature[2]
260°C For 3-5 Seconds


Số phần tương tự - SA03-11CGKWA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Kingbright Corporation
SA03-11EWA KINGBRIGHT-SA03-11EWA Datasheet
153Kb / 5P
   7MM (0.3 INCH) SINGLE DIGIT NUMERIC DISPLAYS
SA03-11EWA KINGBRIGHT-SA03-11EWA Datasheet
162Kb / 3P
   Standard-Displays
SA03-11EWA KINGBRIGHT-SA03-11EWA Datasheet
185Kb / 4P
   7.62mm (0.3INCH) SINGLE DIGIT NUMERIC DISPLAY
SA03-11EWA KINGBRIGHT-SA03-11EWA_07 Datasheet
185Kb / 4P
   7.62mm (0.3INCH) SINGLE DIGIT NUMERIC DISPLAY
SA03-11GWA KINGBRIGHT-SA03-11GWA Datasheet
153Kb / 5P
   7MM (0.3 INCH) SINGLE DIGIT NUMERIC DISPLAYS
More results

Mô tả tương tự - SA03-11CGKWA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Taoglas antenna solutio...
TLS.01.1F11 TAOGLAS-TLS.01.1F11 Datasheet
8Mb / 19P
   Mechanically robust for indoor
logo
Data Delay Devices, Inc...
1509 DATADELAY-1509 Datasheet
172Kb / 2P
   MECHANICALLY VARIABLE DELAY LINE
logo
Taoglas antenna solutio...
TLS.01.305721 TAOGLAS-TLS.01.305721 Datasheet
3Mb / 23P
   Mechanically robust for indoor
TLS.01.1F21 TAOGLAS-TLS.01.1F21 Datasheet
10Mb / 19P
   Mechanically robust for indoor
logo
Data Delay Devices, Inc...
DDU37F DATADELAY-DDU37F Datasheet
40Kb / 3P
   MECHANICALLY VARIABLE TTL DELAY LINE
1503 DATADELAY-1503 Datasheet
238Kb / 3P
   MECHANICALLY VARIABLE DELAY LINE
logo
Banner Engineering Corp...
Q2XAPAF150-2M BANNER-Q2XAPAF150-2M Datasheet
1Mb / 8P
   Q2X Mechanically Adjustable Background
14 October 2021
logo
Kingbright Corporation
APT2012SF4C-PRV KINGBRIGHT-APT2012SF4C-PRV Datasheet
231Kb / 5P
   Mechanically and spectrally matched to the phototransistor
logo
Data Delay Devices, Inc...
DDU47F DATADELAY-DDU47F Datasheet
37Kb / 3P
   MECHANICALLY VARIABLE TTL DELAY LINE (SERIES DDU47F)
logo
Taoglas antenna solutio...
TLS.01.305111 TAOGLAS-TLS.01.305111 Datasheet
3Mb / 22P
   Mechanically robust for indoor/outdoor applications
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com