công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL28023EVKIT1Z bảng dữ liệu(PDF) 11 Page - Intersil Corporation

tên linh kiện ISL28023EVKIT1Z
Giải thích chi tiết về linh kiện  Precision Digital Power Monitor with Margining
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28023EVKIT1Z bảng dữ liệu(HTML) 11 Page - Intersil Corporation

Back Button ISL28023EVKIT1Z Datasheet HTML 7Page - Intersil Corporation ISL28023EVKIT1Z Datasheet HTML 8Page - Intersil Corporation ISL28023EVKIT1Z Datasheet HTML 9Page - Intersil Corporation ISL28023EVKIT1Z Datasheet HTML 10Page - Intersil Corporation ISL28023EVKIT1Z Datasheet HTML 11Page - Intersil Corporation ISL28023EVKIT1Z Datasheet HTML 12Page - Intersil Corporation ISL28023EVKIT1Z Datasheet HTML 13Page - Intersil Corporation ISL28023EVKIT1Z Datasheet HTML 14Page - Intersil Corporation ISL28023EVKIT1Z Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 55 page
background image
ISL28023
11
FN8389.4
June 17, 2015
Submit Document Feedback
Only ADC in Idle Mode
All other blocks are disabled
640
705
µA
Only Threshold Detectors
All three detectors are active
760
945
µA
Only Margin DAC
All other blocks are disabled
240
286
µA
Fully Enabled Chip Current
All functional blocks enabled
1240
1545
µA
Fully Disabled Chip Current
All functional blocks disabled
5
15
µA
Ivreg_in
Voltage Regulator
Vreg_in = 4.5V to 60V; Rload = open
26
35
µA
Ii2cvcc
I2C Supply Current
SMBCLK = 100kHz; I2CVCC = 3.3V
15
µA
Ii2cvcc_pd
I2C Idle supply current
Input signals are static
100
nA
NOTE:
6. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Compliance to datasheet limits is assured by one or
more of the following methods: production test, characterization and design.
Electrical Specifications TA=+25°C,I2CVCC=VCC=3.3V,VINP=VBUS=12V,VSENSE=VINP-VINM=80mV,AUXP-AUXM=80mV,AuxV = 3V,
Conversion Time: Aux = Primary = 2.05ms, Internal AVG Aux = Primary = 128, unless otherwise specified. All voltages with respect to GND pin. (Continued)
PARAMETER
DESCRIPTION
TEST CONDITIONS
MIN
(Note 6)TYP
MAX
(Note 6)UNIT


Số phần tương tự - ISL28023EVKIT1Z

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
ISL28023EVKIT1Z RENESAS-ISL28023EVKIT1Z Datasheet
3Mb / 55P
   Precision Digital Power Monitor with Margining
logo
Intersil Corporation
ISL28023EVKIT1Z INTERSIL-ISL28023EVKIT1Z Datasheet
2Mb / 55P
   Precision Digital Power Monitor with Margining
March 18, 2016
More results

Mô tả tương tự - ISL28023EVKIT1Z

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL28023 INTERSIL-ISL28023 Datasheet
2Mb / 55P
   Precision Digital Power Monitor with Margining
March 18, 2016
logo
Renesas Technology Corp
ISL28023 RENESAS-ISL28023 Datasheet
3Mb / 55P
   Precision Digital Power Monitor with Margining
logo
Intersil Corporation
ISL28022 INTERSIL-ISL28022 Datasheet
795Kb / 28P
   Precision Digital Power Monitor
ISL28022FUZ INTERSIL-ISL28022FUZ Datasheet
1Mb / 32P
   Precision Digital Power Monitor
October 2, 2015
logo
Renesas Technology Corp
ISL28022 RENESAS-ISL28022 Datasheet
1Mb / 32P
   Precision Digital Power Monitor
logo
Intersil Corporation
ISL28025 INTERSIL-ISL28025 Datasheet
1Mb / 47P
   Precision Digital Power Monitor with Real Time Alerts
June 17, 2015
logo
Renesas Technology Corp
ISL28025 RENESAS-ISL28025 Datasheet
2Mb / 53P
   Precision Digital Power Monitor with Real Time Alerts
logo
Texas Instruments
INA260 TI1-INA260 Datasheet
362Kb / 30P
[Old version datasheet]   Precision Digital Current and Power Monitor with Low-Drift, Precision Integrated Shunt
logo
Linear Technology
LTC2970 LINER-LTC2970_15 Datasheet
876Kb / 38P
   Dual I2C Power Supply Monitor and Margining Controller
LTC2970 LINER-LTC2970 Datasheet
400Kb / 36P
   Dual I2C Power Supply Monitor and Margining Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com