công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM1707 bảng dữ liệu(PDF) 1 Page - Texas Instruments

tên linh kiện AM1707
Giải thích chi tiết về linh kiện  AM1707 ARM짰 Microprocessor
Download  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

AM1707 bảng dữ liệu(HTML) 1 Page - Texas Instruments

  AM1707_15 Datasheet HTML 1Page - Texas Instruments AM1707_15 Datasheet HTML 2Page - Texas Instruments AM1707_15 Datasheet HTML 3Page - Texas Instruments AM1707_15 Datasheet HTML 4Page - Texas Instruments AM1707_15 Datasheet HTML 5Page - Texas Instruments AM1707_15 Datasheet HTML 6Page - Texas Instruments AM1707_15 Datasheet HTML 7Page - Texas Instruments AM1707_15 Datasheet HTML 8Page - Texas Instruments AM1707_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 200 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
AM1707
www.ti.com
SPRS637E – FEBRUARY 2010 – REVISED JUNE 2014
AM1707 ARM® Microprocessor
1
AM1707 ARM Microprocessor
1.1
Features
1
Clock Gating
• 375- and 456-MHz ARM926EJ-S™ RISC Core
Entire Subsystem Under a Single PSC Clock
– 32-Bit and 16-Bit (Thumb®) Instructions
Gating Domain
– Single-Cycle MAC
– Dedicated Interrupt Controller
– ARM Jazelle® Technology
– Dedicated Switched Central Resource
– Embedded ICE-RT™ for Real-Time Debug
• Multimedia Card (MMC)/Secure Digital (SD) Card
• ARM9™ Memory Architecture
Interface with Secure Data I/O (SDIO)
– 16KB of Instruction Cache
• Two Master and Slave Inter-Integrated Circuit (I2C
– 16KB of Data Cache
Bus™)
– 8KB of RAM (Vector Table)
• One Host-Port Interface (HPI) with 16-Bit-Wide
– 64KB of ROM
Muxed Address/Data Bus for High Bandwidth
• Enhanced Direct Memory Access Controller 3
• USB 1.1 OHCI (Host) with Integrated PHY (USB1)
(EDMA3):
• USB 2.0 OTG Port with Integrated PHY (USB0)
– 2 Transfer Controllers
– USB 2.0 High- and Full-Speed Client
– 32 Independent DMA Channels
– USB 2.0 High-, Full-, and Low-Speed Host
– 8 Quick DMA Channels
– End Point 0 (Control)
– Programmable Transfer Burst Size
– End Points 1,2,3,4 (Control, Bulk, Interrupt or
• 128KB of RAM Memory
ISOC) RX and TX
• 3.3-V LVCMOS I/Os (Except for USB Interfaces)
• Three Multichannel Audio Serial Ports (McASPs):
• Two External Memory Interfaces:
– Six Clock Zones and 28 Serial Data Pins
– EMIFA
– Supports TDM, I2S, and Similar Formats
NOR (8- or 16-Bit-Wide Data)
– DIT-Capable (McASP2)
NAND (8- or 16-Bit-Wide Data)
– FIFO Buffers for Transmit and Receive
16-Bit SDRAM with 128-MB Address Space
• 10/100 Mbps Ethernet MAC (EMAC):
– EMIFB
– IEEE 802.3 Compliant (3.3-V I/O Only)
32-Bit or 16-Bit SDRAM with 256-MB
– RMII Media-Independent Interface
Address Space
– Management Data I/O (MDIO) Module
• Three Configurable 16550-Type UART Modules:
• Real-Time Clock (RTC) with 32-kHz Oscillator and
– UART0 with Modem Control Signals
Separate Power Rail
– 16-Byte FIFO
• One 64-Bit General-Purpose Timer (Configurable
– 16x or 13x Oversampling Option
as Two 32-Bit Timers)
– Autoflow Control Signals (CTS, RTS) on UART0
• One 64-Bit General-Purpose Watchdog Timer
Only
(Configurable as Two 32-Bit General-Purpose
• LCD Controller
Timers)
• Two Serial Peripheral Interfaces (SPIs) Each with
• Three Enhanced Pulse Width Modulators
One Chip Select
(eHRPWMs):
• Programmable Real-Time Unit Subsystem
– Dedicated 16-Bit Time-Base Counter with
(PRUSS)
Period and Frequency Control
– Two Independent Programmable Real-Time Unit
– 6 Single Edge, 6 Dual Edge Symmetric, or 3
(PRU) Cores
Dual Edge Asymmetric Outputs
32-Bit Load-Store RISC Architecture
– Dead-Band Generation
4KB of Instruction RAM per Core
– PWM Chopping by High-Frequency Carrier
512 Bytes of Data RAM per Core
– Trip Zone Input
PRUSS can be Disabled via Software to
• Three 32-Bit Enhanced Capture (eCAP) Modules:
Save Power
– Configurable as 3 Capture Inputs or 3 Auxiliary
– Standard Power-Management Mechanism
Pulse Width Modulator (APWM) Outputs
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Số phần tương tự - AM1707_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
AM1707_1004 TI-AM1707_1004 Datasheet
1Mb / 198P
[Old version datasheet]   AM1707 ARM Microprocessor
AM1707_1008 TI-AM1707_1008 Datasheet
1Mb / 199P
[Old version datasheet]   ARM Microprocessor
AM1707 TI1-AM1707_14 Datasheet
1Mb / 201P
[Old version datasheet]   Microprocessor
AM1707 TI1-AM1707_16 Datasheet
1Mb / 200P
[Old version datasheet]   AM1707 ARM짰 Microprocessor
More results

Mô tả tương tự - AM1707_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
AM1707 TI1-AM1707_16 Datasheet
1Mb / 200P
[Old version datasheet]   AM1707 ARM짰 Microprocessor
AM1707 TI-AM1707 Datasheet
1Mb / 198P
[Old version datasheet]   AM1707 ARM Microprocessor
AM1707_1004 TI-AM1707_1004 Datasheet
1Mb / 198P
[Old version datasheet]   AM1707 ARM Microprocessor
AM1705 TI1-AM1705_16 Datasheet
1Mb / 165P
[Old version datasheet]   AM1705 ARM짰 Microprocessor
AM1808 TI1-AM1808_16 Datasheet
1Mb / 265P
[Old version datasheet]   AM1808 ARM짰 Microprocessor
AM1705 TI-AM1705_15 Datasheet
1Mb / 165P
[Old version datasheet]   AM1705 ARM짰 Microprocessor
AM1802 TI-AM1802_15 Datasheet
1Mb / 182P
[Old version datasheet]   AM1802 ARM짰 Microprocessor
AM1806 TI1-AM1806_16 Datasheet
1Mb / 245P
[Old version datasheet]   AM1806 ARM짰 Microprocessor
AM1802 TI1-AM1802_16 Datasheet
1Mb / 182P
[Old version datasheet]   AM1802 ARM짰 Microprocessor
AM1806 TI-AM1806_15 Datasheet
1Mb / 245P
[Old version datasheet]   AM1806 ARM짰 Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com