công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BUK953R5-60E bảng dữ liệu(PDF) 6 Page - NXP Semiconductors

tên linh kiện BUK953R5-60E
Giải thích chi tiết về linh kiện  N-channel TrenchMOS logic level FET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK953R5-60E bảng dữ liệu(HTML) 6 Page - NXP Semiconductors

Back Button BUK953R5-60E_15 Datasheet HTML 2Page - NXP Semiconductors BUK953R5-60E_15 Datasheet HTML 3Page - NXP Semiconductors BUK953R5-60E_15 Datasheet HTML 4Page - NXP Semiconductors BUK953R5-60E_15 Datasheet HTML 5Page - NXP Semiconductors BUK953R5-60E_15 Datasheet HTML 6Page - NXP Semiconductors BUK953R5-60E_15 Datasheet HTML 7Page - NXP Semiconductors BUK953R5-60E_15 Datasheet HTML 8Page - NXP Semiconductors BUK953R5-60E_15 Datasheet HTML 9Page - NXP Semiconductors BUK953R5-60E_15 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
NXP Semiconductors
BUK953R5-60E
N-channel TrenchMOS logic level FET
BUK953R5-60E
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved
Product data sheet
11 September 2012
6 / 13
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
QGD
gate-drain charge
-
31
-
nC
Ciss
input capacitance
-
10115 13490 pF
Coss
output capacitance
-
822
990
pF
Crss
reverse transfer
capacitance
VGS = 0 V; VDS = 25 V; f = 1 MHz;
Tj = 25 °C; Fig. 15
-
427
585
pF
td(on)
turn-on delay time
-
54.2
-
ns
tr
rise time
-
100
-
ns
td(off)
turn-off delay time
-
158
-
ns
tf
fall time
VDS = 45 V; RL = 1.8 Ω; VGS = 5 V;
RG(ext) = 5 Ω
-
109
-
ns
from upper edge of drain mounting
base to center of die ; Tj = 25 °C
-
2.5
-
nH
LD
internal drain
inductance
from drain lead 6mm from package to
centre of die ; Tj = 25 °C
-
4.5
-
nH
LS
internal source
inductance
from source lead to source bonding
pad ; Tj = 25 °C
-
7.5
-
nH
Source-drain diode
VSD
source-drain voltage
IS = 25 A; VGS = 0 V; Tj = 25 °C; Fig. 16
-
0.78
1.2
V
trr
reverse recovery time
-
43
-
ns
Qr
recovered charge
IS = 20 A; dIS/dt = -100 A/µs; VGS = 0 V;
VDS = 25 V
-
67
-
nC
003aah529
0
120
240
360
0
1
2
3
VDS(V)
ID
(A)
VGS(V) = 10
2.6
2.8
3.5
4.5
2.4
3
Tj = 25 °C; tp = 300 μs
Fig. 6. Output characteristics; drain current as a
function of drain-source voltage; typical values
003aah830
0
5
10
15
0
2.5
5
7.5
10
VGS(V)
RDSon
(mΩ)
Fig. 7. Drain-source on-state resistance as a function
of gate-source voltage; typical values


Số phần tương tự - BUK953R5-60E_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Nexperia B.V. All right...
BUK953R5-60E NEXPERIA-BUK953R5-60E Datasheet
726Kb / 13P
   N-channel TrenchMOS logic level FET
More results

Mô tả tương tự - BUK953R5-60E_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
PHP152NQ03LTA PHILIPS-PHP152NQ03LTA Datasheet
83Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-05 March 2004
PHB32N06LT NXP-PHB32N06LT Datasheet
376Kb / 11P
   N-channel TrenchMOS logic level FET
Rev. 02-30 November 2009
PHD97NQ03LT NXP-PHD97NQ03LT Datasheet
178Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 01-24 March 2009
PHU78NQ03LT NXP-PHU78NQ03LT Datasheet
184Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 06-15 June 2009
BUK9E2R4-40C NXP-BUK9E2R4-40C Datasheet
206Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-11 April 2008
BUK964R2-80E PHILIPS-BUK964R2-80E Datasheet
271Kb / 13P
   N-channel TrenchMOS logic level FET
13 March 2014
BUK961R5-30E NXP-BUK961R5-30E Datasheet
216Kb / 14P
   N-channel TrenchMOS logic level FET
5 October 2012
BUK962R2-40C NXP-BUK962R2-40C Datasheet
206Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 02-17 April 2008
PHP110NQ06LT PHILIPS-PHP110NQ06LT Datasheet
94Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-04 May 2004
PSMN7R0-30YL NXP-PSMN7R0-30YL Datasheet
192Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-15 October 2008
PH3330L NXP-PH3330L Datasheet
194Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 02-22 October 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com