công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL1904FAZ bảng dữ liệu(PDF) 8 Page - Intersil Corporation

tên linh kiện ISL1904FAZ
Giải thích chi tiết về linh kiện  Dimmable AC Mains LED Driver with PFC and Primary Side Regulation
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL1904FAZ bảng dữ liệu(HTML) 8 Page - Intersil Corporation

Back Button ISL1904FAZ Datasheet HTML 4Page - Intersil Corporation ISL1904FAZ Datasheet HTML 5Page - Intersil Corporation ISL1904FAZ Datasheet HTML 6Page - Intersil Corporation ISL1904FAZ Datasheet HTML 7Page - Intersil Corporation ISL1904FAZ Datasheet HTML 8Page - Intersil Corporation ISL1904FAZ Datasheet HTML 9Page - Intersil Corporation ISL1904FAZ Datasheet HTML 10Page - Intersil Corporation ISL1904FAZ Datasheet HTML 11Page - Intersil Corporation ISL1904FAZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
ISL1904
8
FN8286.1
September 20, 2012
15
PWMOUT The PWM gate drive output for LED dimming. The output level is clamped to ~12V for VDD greater than 12V. PWMOUT has pull-
down capability when UVLO is active or when the IC is not biased. This output is used to drive the dimming FET in series with the
LED string. The PWM operates at ~ 320Hz.
16
OUT
The gate drive output for the external power FET. OUT is capable of sourcing and sinking 1A @ VDD = 8V. The output level is clamped
to ~12V for VDD greater than 12V. OUT has pull-down capability when UVLO is active or when the IC is not biased.
Pin Descriptions (Continued)
PIN #
SYMBOL
DESCRIPTION
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
PART
MARKING
TEMP. RANGE
(°C)
PACKAGE
(Pb-free)
PKG.
DWG. #
ISL1904FAZ
1904 FAZ
-40 to +125
16 Ld QSOP
M16.15A
ISL1904EVAL2Z
Evaluation Board
1. Add “-T*” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for ISL1904. For more information on MSL please see tech brief TB363.
Related Products
PART NUMBER
KEY DIFFERENTIATORS
ISL1901
Isolated and non-isolated single-stage flyback regulator.
ISL1902
Isolated and non-isolated single-stage flyback regulator with inrush control and interface features for temperature and
ambient light sensors.
ISL1903
Non-isolated single-stage buck regulator using switch current for regulation.
ISL1904
Isolated single-stage flyback regulator with primary side current sense regulation.
ISL1907
Non-isolated two-stage cascaded boost PFC + buck regulator eliminates dependency on electrolytic capacitors.
ISL1908
Isolated two-stage cascaded boost PFC + flyback regulator eliminates dependency on electrolytic capacitors.


Số phần tương tự - ISL1904FAZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
ISL1904FAZ RENESAS-ISL1904FAZ Datasheet
952Kb / 21P
   Dimmable AC Mains LED Driver with PFC and Primary Side Regulation
More results

Mô tả tương tự - ISL1904FAZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
ISL1904 RENESAS-ISL1904 Datasheet
952Kb / 21P
   Dimmable AC Mains LED Driver with PFC and Primary Side Regulation
logo
Richtek Technology Corp...
RT7302 RICHTEK-RT7302 Datasheet
275Kb / 15P
   Primary-Side-Regulation Dimmable LED Driver Controller
logo
Intersil Corporation
ISL1902 INTERSIL-ISL1902 Datasheet
872Kb / 25P
   Full-Featured, Dimmable AC Mains LED Driver with PFC
logo
Renesas Technology Corp
ISL1902 RENESAS-ISL1902 Datasheet
1Mb / 25P
   Full-Featured, Dimmable AC Mains LED Driver with PFC
logo
Diodes Incorporated
AP1690 DIODES-AP1690 Datasheet
388Kb / 9P
   SINGLE STAGE PRIMARY SIDE REGULATION PFC CONTROLLER FOR DIMMABLE LED DRIVER
logo
Richtek Technology Corp...
RT7304 RICHTEK-RT7304 Datasheet
273Kb / 14P
   Primary-Side-Regulation LED Driver Controller with Active PFC
logo
Taiwan Semiconductor Co...
TS19705 TSC-TS19705 Datasheet
359Kb / 7P
   Single-Stage PFC Primary-Side-Regulation LED Driver
logo
Holtek Semiconductor In...
HT7L5610 HOLTEK-HT7L5610 Datasheet
1Mb / 9P
   Primary Side Regulation Off Line LED Driver with Active PFC
HT7L5600 HOLTEK-HT7L5600 Datasheet
1Mb / 10P
   Primary side regulation off line LED driver with active PFC
logo
Fairchild Semiconductor
FL7730MY FAIRCHILD-FL7730MY Datasheet
1,009Kb / 13P
   Single-Stage Primary-Side-Regulation PWM Controller for PFC and LED Dimmable Driving
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com