công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC14511 bảng dữ liệu(PDF) 3 Page - Unisonic Technologies |
|
MC14511 bảng dữ liệu(HTML) 3 Page - Unisonic Technologies |
3 / 9 page UTCMC14511 CMOS IC UTC UNISONIC TECHNOLOGIES CO., LTD. 3 QW-R502-021,B This device contains protection circuitry to protect the inputs against damage due to high static voltages or electric fields. However, it is advised that normal precautions be taken to avoid application of any voltage higher than maximum rated voltages to this high-impedance circuit. A destructive high current mode may occur if Vin and Vout are not constrained to the range: VSS ≤ (Vin or Vout) ≤ VDD. Due to the sourcing capability of this circuit, damage can occur to the device if VDD is applied, and the outputs are shorted to VSS and are at a logical 1 (See Maximum Ratings). Unused inputs must always be tied to an appropriate logic voltage level (e.g., either VSS or VDD). BLOCK DIAGRAM LE 5 D6 C2 B1 A7 VDD=PIN 16 Vss=PIN 8 14 g 15 f 9 e 10 d 11 c 12 b 13 a BI 4 LT 3 |
Số phần tương tự - MC14511_15 |
|
Mô tả tương tự - MC14511_15 |