công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM3310 bảng dữ liệu(PDF) 8 Page - Texas Instruments

tên linh kiện LM3310
Giải thích chi tiết về linh kiện  Step-Up PWM DC/DC Converter with Integrated Op-Amp and Gate Pulse Modulation Switch
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LM3310 bảng dữ liệu(HTML) 8 Page - Texas Instruments

Back Button LM3310_15 Datasheet HTML 4Page - Texas Instruments LM3310_15 Datasheet HTML 5Page - Texas Instruments LM3310_15 Datasheet HTML 6Page - Texas Instruments LM3310_15 Datasheet HTML 7Page - Texas Instruments LM3310_15 Datasheet HTML 8Page - Texas Instruments LM3310_15 Datasheet HTML 9Page - Texas Instruments LM3310_15 Datasheet HTML 10Page - Texas Instruments LM3310_15 Datasheet HTML 11Page - Texas Instruments LM3310_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
VDPM PIN VOLTAGE (V)
0
5
10
15
20
25
0.5
1.5
2.5
3.5
4.5
5.5
6.5
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
T
J
= 25°C
J
T = -40°C
J
T = 125°C
2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.5 7.0
INPUT VOLTAGE (V)
T
J
= 25°C
10.4
10.9
11.4
11.9
12.4
12.9
13.4
T
J
= -40°C
T
J
= 125°C
FB = 1.265V
0
10
20
30
40
50
60
-40 -25 -10 5
20 35 50 65 80 95 110 125
JUNCTION TEMPERATURE (°C)
V
= 7.0V
IN
V
= 2.5V
IN
2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.5 7.0
INPUT VOLTAGE (V)
T
J
= 25°C
1.5
2.0
2.5
3.0
3.5
4.0
4.5
6.5
7.0
T
J
= 125°C
T
J
= -40°C
5.0
5.5
6.0
SHDN PIN VOLTAGE (V)
0
5
10
15
20
30
0.5
1.5
2.5
3.5
4.5
5.5
6.5
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
T
J = 25°C
J
T = -40°C
T = 125°C
J
25
2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.5 7.0
INPUT VOLTAGE (V)
T
J
= 25°C
T
J
= -40°C
T
J
= 125°C
10.4
10.6
10.8
11.0
11.2
11.4
11.6
11.8
12.0
LM3310
SNVS341E – AUGUST 2005 – REVISED MAY 2013
www.ti.com
Typical Performance Characteristics
SHDN Pin Current
SS Pin Current
vs.
vs.
SHDN Pin Voltage
Input Voltage
Figure 5.
Figure 6.
FREQ Pin Current
FB Pin Current
vs.
vs.
Input Voltage
Temperature
Figure 7.
Figure 8.
CE Pin Current
VDPM Pin Current
vs.
vs.
Input Voltage
VDPM Pin Voltage
Figure 9.
Figure 10.
8
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM3310


Số phần tương tự - LM3310_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM3310SQ NSC-LM3310SQ Datasheet
1Mb / 25P
   Step-up PWM DC/DC Converter with Integrated Op-Amp and Gate Pulse Modulation Switch
LM3310SQ NSC-LM3310SQ Datasheet
1Mb / 26P
   Step-Up PWM DC/DC Converter with Integrated Op-Amp and Gate Pulse Modulation Switch
LM3310SQX NSC-LM3310SQX Datasheet
1Mb / 25P
   Step-up PWM DC/DC Converter with Integrated Op-Amp and Gate Pulse Modulation Switch
LM3310SQX NSC-LM3310SQX Datasheet
1Mb / 26P
   Step-Up PWM DC/DC Converter with Integrated Op-Amp and Gate Pulse Modulation Switch
LM3310 NSC-LM3310_07 Datasheet
1Mb / 26P
   Step-Up PWM DC/DC Converter with Integrated Op-Amp and Gate Pulse Modulation Switch
More results

Mô tả tương tự - LM3310_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM3310 NSC-LM3310 Datasheet
1Mb / 25P
   Step-up PWM DC/DC Converter with Integrated Op-Amp and Gate Pulse Modulation Switch
LM3310 NSC-LM3310_07 Datasheet
1Mb / 26P
   Step-Up PWM DC/DC Converter with Integrated Op-Amp and Gate Pulse Modulation Switch
LM3311 NSC-LM3311_07 Datasheet
2Mb / 32P
   Step-Up PWM DC/DC Converter with Integrated LDO, Op-Amp, and Gate Pulse Modulation Switch
LM3311 NSC-LM3311 Datasheet
2Mb / 29P
   Step-Up PWM DC/DC Converter with Integrated LDO, Op-Amp, and Gate Pulse Modulation Switch
LM3211 NSC-LM3211 Datasheet
821Kb / 21P
   Step-up PWM DC/DC Converter Integrated with 4 Buffers
LM2710 NSC-LM2710 Datasheet
853Kb / 20P
   Step-up PWM DC/DC Converter Integrated with 5 Buffers
logo
Eutech Microelectronics...
EUP2644 EUTECH-EUP2644 Datasheet
105Kb / 1P
   TFT LCD DC-DC Converter with Integrated LDO, OP-AMP and GPM Switch
logo
Diodes Incorporated
PAM2421 DIODES-PAM2421 Datasheet
561Kb / 10P
   PWM STEP-UP DC-DC CONVERTER
logo
Advanced Power Electron...
APE1911 A-POWER-APE1911 Datasheet
330Kb / 9P
   STEP-UP PWM DC/DC Converter
logo
Anpec Electronics Corop...
APW7077 ANPEC-APW7077 Datasheet
454Kb / 21P
   PWM Step-Up DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com