công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM2735-Q1 bảng dữ liệu(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM2735-Q1
Giải thích chi tiết về linh kiện  LM2735-xx 520-kHz and 1.6-MHz Space-Efficient Boost and SEPIC DC-DC Regulator
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LM2735-Q1 bảng dữ liệu(HTML) 11 Page - Texas Instruments

Back Button LM2735-Q1 Datasheet HTML 7Page - Texas Instruments LM2735-Q1 Datasheet HTML 8Page - Texas Instruments LM2735-Q1 Datasheet HTML 9Page - Texas Instruments LM2735-Q1 Datasheet HTML 10Page - Texas Instruments LM2735-Q1 Datasheet HTML 11Page - Texas Instruments LM2735-Q1 Datasheet HTML 12Page - Texas Instruments LM2735-Q1 Datasheet HTML 13Page - Texas Instruments LM2735-Q1 Datasheet HTML 14Page - Texas Instruments LM2735-Q1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 59 page
background image
cv
1.6 MHz
S
R
R
Q
+
-
+
-


EN
VIN
ThermalSHDN
SW
ILIMIT
NMOS
UVLO = 2.3V
ISENSE-AMP
Internal
Compensation
Soft-Start
Corrective - Ramp
Oscillator
Control Logic
VREF = 1.255V
FB
GND
LM2735, LM2735-Q1
www.ti.com
SNVS485G – JUNE 2007 – REVISED AUGUST 2015
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Current Limit
The LM2735 uses cycle-by-cycle current limiting to protect the internal NMOS switch. It is important to note that
this current limit will not protect the output from excessive current during an output short circuit. The input supply
is connected to the output by the series connection of an inductor and a diode. If a short circuit is placed on the
output, excessive current can damage both the inductor and diode.
7.3.2 Thermal Shutdown
Thermal shutdown limits total power dissipation by turning off the output switch when the IC junction temperature
exceeds 160°C. After thermal shutdown occurs, the output switch does not turn on until the junction temperature
drops to approximately 150°C.
7.3.3 Soft Start
This function forces VOUT to increase at a controlled rate during start-up. During soft start, the error amplifier’s
reference voltage ramps to its nominal value of 1.255 V in approximately 4 ms. This forces the regulator output to
ramp up in a more linear and controlled fashion, which helps reduce inrush current.
7.3.4 Compensation
The LM2735 uses constant-frequency peak current mode control. This mode of control allows for a simple
external compensation scheme that can be optimized for each application. A complicated mathematical analysis
can be completed to fully explain the internal and external compensation of the LM2735, but for simplicity, a
graphical approach with simple equations will be used. Below is a Gain and Phase plot of a LM2735 that
produces a 12-V output from a 5-V input voltage. The Bode plot shows the total loop Gain and Phase without
external compensation.
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM2735 LM2735-Q1


Số phần tương tự - LM2735-Q1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM2735 NSC-LM2735 Datasheet
760Kb / 38P
   520kHz/1.6MHz - Space-Efficient Boost and SEPIC DC-DC Regulator
LM2735 NSC-LM2735 Datasheet
746Kb / 42P
   520kHz/1.6MHz - Space-Efficient Boost and SEPIC DC-DC Regulator
logo
Texas Instruments
LM2735 TI1-LM2735 Datasheet
1Mb / 58P
[Old version datasheet]   LM2735/LM2735-Q1 520kHz/1.6MHz ??Space-Efficient Boost and SEPIC DC-DC Regulator
logo
National Semiconductor ...
LM2735XMF NSC-LM2735XMF Datasheet
760Kb / 38P
   520kHz/1.6MHz - Space-Efficient Boost and SEPIC DC-DC Regulator
LM2735XMF NSC-LM2735XMF Datasheet
746Kb / 42P
   520kHz/1.6MHz - Space-Efficient Boost and SEPIC DC-DC Regulator
More results

Mô tả tương tự - LM2735-Q1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM2735 TI1-LM2735 Datasheet
1Mb / 58P
[Old version datasheet]   LM2735/LM2735-Q1 520kHz/1.6MHz ??Space-Efficient Boost and SEPIC DC-DC Regulator
logo
National Semiconductor ...
LM2735 NSC-LM2735_08 Datasheet
746Kb / 42P
   520kHz/1.6MHz - Space-Efficient Boost and SEPIC DC-DC Regulator
LM2735 NSC-LM2735 Datasheet
760Kb / 38P
   520kHz/1.6MHz - Space-Efficient Boost and SEPIC DC-DC Regulator
logo
Infineon Technologies A...
TLD5098EL INFINEON-TLD5098EL Datasheet
1Mb / 39P
   DC/DC Boost, Buck-Boost, SEPIC controller
Rev. 1.0, 2010-10-13
TLD5095EL INFINEON-TLD5095EL Datasheet
1Mb / 31P
   DC/DC Boost, Buck-Boost, SEPIC controller
Rev. 1.1, 2009-12-16
logo
Texas Instruments
TPS55330 TI-TPS55330 Datasheet
1Mb / 27P
[Old version datasheet]   Integrated 5-A 24-V Boost/SEPIC/Flyback DC-DC Regulator
logo
Linear Technology
LT8570 LINER-LT8570_15 Datasheet
663Kb / 34P
   Boost/SEPIC/Inverting DC/DC Converter with 65V Switch, Soft-Start and Synchronization
LT8570-1 LINER-LT8570-1_15 Datasheet
663Kb / 34P
   Boost/SEPIC/Inverting DC/DC Converter with 65V Switch, Soft-Start and Synchronization
logo
Texas Instruments
LM3481 TI-LM3481_15 Datasheet
1Mb / 38P
[Old version datasheet]   LM3481 / -Q1 High-Efficiency Controller for Boost, SEPIC and Flyback DC-DC Converters
TPS55330 TI-TPS55330_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPS55330 Integrated 5-A, 24-V Boost/SEPIC/Flyback DC-DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com