công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STW9Q14D bảng dữ liệu(PDF) 4 Page - Seoul Semiconductor

tên linh kiện STW9Q14D
Giải thích chi tiết về linh kiện  Enabling the best lm-W in Mid Power Range
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SEOUL [Seoul Semiconductor]
Trang chủ  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

STW9Q14D bảng dữ liệu(HTML) 4 Page - Seoul Semiconductor

  STW9Q14D Datasheet HTML 1Page - Seoul Semiconductor STW9Q14D Datasheet HTML 2Page - Seoul Semiconductor STW9Q14D Datasheet HTML 3Page - Seoul Semiconductor STW9Q14D Datasheet HTML 4Page - Seoul Semiconductor STW9Q14D Datasheet HTML 5Page - Seoul Semiconductor STW9Q14D Datasheet HTML 6Page - Seoul Semiconductor STW9Q14D Datasheet HTML 7Page - Seoul Semiconductor STW9Q14D Datasheet HTML 8Page - Seoul Semiconductor STW9Q14D Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
www.seoulsemicon.com
Product Data Sheet
STW9Q14D
– Mid-Power LED
 “제품 명 – 제품 군” 을 기입하십시오.
제품 군은 홈페이지 응용분야 분류기준을 참고한다.
(예) SZ5M0WWC9 – High-power LED
4
Font 글씨체
표(Table) - 제목: Arial 10pt, 표 내부: Arial 8pt, 본문(Body)
– Arial 9pt
 Revision numbering 기준:
• 가스펙은 0.0 부터 시작 0.x….
• Final 승인원: 1.0 부터 시작
• 기존에서 일부 수정: +0.1
• 새로운 Data 추가 /또는 기존 것 삭제: +1.0
 수정일자 표기형식; YYYY-MM-DD
(예) 2013-04-01
Rev1.2, Sep 1, 2015
Performance Characteristics
 전기적 특성 및 광 특성 스펙 테이블
(1) Seoul Semiconductor maintains a tolerance of
7% on Intensity and power measurements.
(2) Correlated Color Temperature is derived from the CIE 1931 Chromaticity diagram.
Color coordinate :
0.005, CCT 5% tolerance.
(3) Tolerance is
2.0 on CRI measurements.
(4) Thermal resistance is junction to Solder.
(5) I
FP conditions with pulse width ≤10ms and duty cycle ≤10%
LED’s properties might be different from suggested values like above and below tables if
operation condition will be exceeded our parameter range. Care is to be taken that power
dissipation does not exceed the absolute maximum rating of the product.
Thermal resistance can be increased substantially depending on the heat sink design/operating
condition, and the maximum possible driving current will decrease accordingly.
All measurements were made under the standardized environment of Seoul Semiconductor.
Table 3. Characteristics, I
F=65mA, Tj= 25ºC, RH30%
Table 4. Absolute Maximum Ratings
Notes :
Parameter
Symbol
Value
Unit
Forward Current
I
F
200
mA
Power Dissipation
P
D
0.68
W
Junction Temperature
T
j
125
ºC
Operating Temperature
T
opr
-40 ~ + 85
ºC
Storage Temperature
T
stg
-40 ~ + 100
ºC
Parameter
Symbol
Value
Unit
Min.
Typ.
Max.
Forward Current
I
F
-
65
200
mA
Forward Voltage
V
F
2.7
-
-
V
Luminous Intensity[1] (5,000K)[2]
Iv
-
8.3
-
Cd
CRI [3]
Ra
90
93
Viewing Angle
2
Θ
1/2
-
120
-
Deg.
Storage Temperature
T
stg
- 40
-
+ 100
ºC
Thermal resistance (J to S) [4]
J-S
-
15
-
℃/W
ESD Sensitivity(HBM)
-
Class 3A JESD22-A114-E


Số phần tương tự - STW9Q14D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Seoul Semiconductor
STW9Q14D-E3 SEOUL-STW9Q14D-E3 Datasheet
1Mb / 31P
   Enabling the Best lm/W in Mid Power Range
More results

Mô tả tương tự - STW9Q14D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Seoul Semiconductor
SFT825G-S SEOUL-SFT825G-S Datasheet
1,018Kb / 32P
   Enabling the best lm/W in Mid Power Range
SAW8Q24D SEOUL-SAW8Q24D Datasheet
1Mb / 31P
   Enabling the Best lm/W in Mid Power Range
STW8Q14D-E3 SEOUL-STW8Q14D-E3 Datasheet
1Mb / 31P
   Enabling the Best lm/W in Mid Power Range
STW7Q14D-E3 SEOUL-STW7Q14D-E3 Datasheet
864Kb / 23P
   Enabling the Best lm/W in Mid Power Range
E2-STW8Q14D SEOUL-E2-STW8Q14D Datasheet
1Mb / 31P
   Enabling the Best lm/W in Mid Power Range
STW8Q14D-E4 SEOUL-STW8Q14D-E4 Datasheet
953Kb / 26P
   Enabling the Best lm/W in Mid Power Range
STW8Q14YE SEOUL-STW8Q14YE Datasheet
1Mb / 33P
   Enabling the best lm-W in Mid Power Range
STW9Q14D-E3 SEOUL-STW9Q14D-E3 Datasheet
1Mb / 31P
   Enabling the Best lm/W in Mid Power Range
STF0A36B SEOUL-STF0A36B Datasheet
986Kb / 21P
   The Best lm-W in Full Color Products
STF0A36C SEOUL-STF0A36C Datasheet
714Kb / 18P
   The Best lm/W in Full Color Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com