công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STW0G16A bảng dữ liệu(PDF) 3 Page - Seoul Semiconductor

tên linh kiện STW0G16A
Giải thích chi tiết về linh kiện  Applicable for automotive exterior light
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SEOUL [Seoul Semiconductor]
Trang chủ  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

STW0G16A bảng dữ liệu(HTML) 3 Page - Seoul Semiconductor

  STW0G16A Datasheet HTML 1Page - Seoul Semiconductor STW0G16A Datasheet HTML 2Page - Seoul Semiconductor STW0G16A Datasheet HTML 3Page - Seoul Semiconductor STW0G16A Datasheet HTML 4Page - Seoul Semiconductor STW0G16A Datasheet HTML 5Page - Seoul Semiconductor STW0G16A Datasheet HTML 6Page - Seoul Semiconductor STW0G16A Datasheet HTML 7Page - Seoul Semiconductor STW0G16A Datasheet HTML 8Page - Seoul Semiconductor STW0G16A Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
www.seoulsemicon.com
Product Data Sheet
 “제품 명 – 제품 군” 을 기입하십시오.
제품 군은 홈페이지 응용분야 분류기준을 참고한다.
(예) SZ5M0WWC9 – High-power LED
3
글씨체는 : Arial, 10pt
 Revision numbering 기준:
• 가스펙은 0.0 부터 시작 0.x….
• Final 승인원: 1.0 부터 시작
• 기존에서 일부 수정: +0.1
• 새로운 Data 추가 /또는 기존 것 삭제: +1.0
 수정일자 표기형식; YYYY-MM-DD
(예) 2013-04-01
STW0G16A -T6 Series White
Rev13.0, Aug 21, 2015
Performance Characteristics
 전기적 특성 및 광 특성 스펙 테이블
Table 1. Electro Optical Characteristics, I
F =140mA, Ta = 25ºC, RH30%
(1) Tolerance : VF :±0.1V, IV :±7%, x,y :±0.005
(2) The luminous intensity IV was measured at the peak of the spatial pattern which may not be
aligned with the mechanical axis of the LED package.
(3) Correlated Color is derived from the CIE 1931 Chromaticity diagram.
(4) Θ
1/2 is the off-axis where the luminous intensity is 1/2 of the peak intensity
(5) Thermal resistance = Rth JA : Junction/ambient , Rth JS : Junction/solder point
PCB design for improved heat dissipation : area of 950 mm2 per LED, Metal core PCB
Notes :
Parameter
Symbol
Value
Unit
Min.
Typ.
Max.
Forward Voltage [1]
V
F
2.9
3.5
3.8
V
Luminous Intensity [2] [1]
I
V
9000
10550
14000
mcd
Luminous Flux
Φ
V
31650
mlm
Color Coordinate [3] [1]
X
0.33
-
Y
0.32
-
Viewing Angle [4]
1/2
120
deg.
Optical Efficiency
η
op
64.6
lm/W
Thermal resistance [5]
Rth JA
90
℃ / W
Rth JS
40
℃ / W
Temperature coefficient of V
F
-10℃
≤ T ≤ 100 ℃
TC
v
-3.01
mV/℃
Temperature coefficient of X
-10℃
≤ T ≤ 100 ℃
TC
x
-0.11
10-3/℃
Temperature coefficient of Y
-10℃
≤ T ≤ 100 ℃
TC
y
-0.11
10-3/℃
Luminous Intensity Phi V / IV
Ω
3.0
3.1
lm/cd


Số phần tương tự - STW0G16A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Seoul Semiconductor
STW0A12AE SEOUL-STW0A12AE Datasheet
903Kb / 25P
   Applicable for automotive interior light
STW0A12AE SEOUL-STW0A12AE Datasheet
927Kb / 25P
   Applicable for automotive interior light
STW0C1LX SEOUL-STW0C1LX Datasheet
988Kb / 24P
   Applicable for automotive exterior light
STW0C1MX SEOUL-STW0C1MX Datasheet
973Kb / 24P
   Applicable for automotive exterior light
STW0Q14A SEOUL-STW0Q14A Datasheet
1,003Kb / 18P
   Pb-Free Reflow soldering application RoHS copliant
More results

Mô tả tương tự - STW0G16A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Seoul Semiconductor
SAT802-SB SEOUL-SAT802-SB Datasheet
890Kb / 24P
   Applicable for automotive Exterior light
SZ5-L1-W0-00 SEOUL-SZ5-L1-W0-00 Datasheet
804Kb / 24P
   Applicable for automotive exterior light
SZ5-P0-WN-00 SEOUL-SZ5-P0-WN-00 Datasheet
1,023Kb / 24P
   Applicable for automotive exterior light
SNW0ND08S SEOUL-SNW0ND08S Datasheet
886Kb / 19P
   Applicable for automotive Exterior light
STW0C1MX SEOUL-STW0C1MX Datasheet
973Kb / 24P
   Applicable for automotive exterior light
STR0G16C SEOUL-STR0G16C Datasheet
873Kb / 23P
   Applicable for automotive exterior light
SYT802-SB SEOUL-SYT802-SB Datasheet
908Kb / 24P
   Applicable for automotive Exterior light
SZ5-P0-W0-00 SEOUL-SZ5-P0-W0-00 Datasheet
1Mb / 24P
   Applicable for automotive exterior light
STR0G16AB SEOUL-STR0G16AB Datasheet
853Kb / 24P
   Applicable for automotive exterior light
STY0G16A SEOUL-STY0G16A Datasheet
838Kb / 25P
   Applicable for automotive exterior light
SDT802-SB SEOUL-SDT802-SB Datasheet
899Kb / 24P
   Applicable for automotive Exterior light
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com