công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STF0A36B bảng dữ liệu(PDF) 1 Page - Seoul Semiconductor

tên linh kiện STF0A36B
Giải thích chi tiết về linh kiện  The Best lm-W in Full Color Products
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SEOUL [Seoul Semiconductor]
Trang chủ  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

STF0A36B bảng dữ liệu(HTML) 1 Page - Seoul Semiconductor

  STF0A36B Datasheet HTML 1Page - Seoul Semiconductor STF0A36B Datasheet HTML 2Page - Seoul Semiconductor STF0A36B Datasheet HTML 3Page - Seoul Semiconductor STF0A36B Datasheet HTML 4Page - Seoul Semiconductor STF0A36B Datasheet HTML 5Page - Seoul Semiconductor STF0A36B Datasheet HTML 6Page - Seoul Semiconductor STF0A36B Datasheet HTML 7Page - Seoul Semiconductor STF0A36B Datasheet HTML 8Page - Seoul Semiconductor STF0A36B Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
STF0A36B
– Full Color LED
Product Data Sheet
Product Brief
Description
제품사진
•아래규격에 부합하는 이미지만 가능: 없을 경우 마케팅
팀에 의뢰
•고해상도
•흰 배경
•표준크기: 제품이 가득 차게 가로 5cm 규격 으로
사각 위치에 맞게 (가로세로 비율 고정)
Key Applications
Features and Benefits
Key Message:
- ex) Enabling high flux systems while reduces LED count
- ex) Enabling compact systems with high reliability
- ex) High reliability and High quality of light
- ex) Flicker-free AC/DC LED Solution
- ex) High-efficient Dimming Solution
Product Family:
- ex) Mid-Power LED
- ex) High-Power LED for Automotive
- ex) Chip on Board
Product ID (part number):
- ex) STW8C2SA
- ex) SZ5-M0-WN-C8
Description
Features and Benefits
Key Applications
•표는 반드시
“Table 번호#. 표 설명” 을 제목으로 한다.
www.seoulsemicon.com
Rev5.0, Jul 17, 2014
1
Advertising light
Electric appliance
Other decoration lighting
TV, PC, NB,
MNT, Mobile
Automotive
Lighting, MR16, PAR,
down light
Bulb, LFT
Outdoor, streetlight,
tunnel, parking
Home appliance
Architectural,
Entertainment
Sign, Channel
Sensor, Torch
Application 응용제품 아이콘 삽입
Reflector type package
Market standard 3528 package
3 chips in a package
Low Thermal Resistance
Red, Green, Blue color & White balance
UL certification
RoHS compliant
RoHS
Table 1. Product Selection Table
The Best lm/W in Full Color Products
Full Color LED - 3528 Series
STF0A36B (Full Color)
This surface-mount LED comes in
standard package dimension
(3.5mmx2.8mmx0.7mm). It has a
substrate made up of a molded plastic
reflector sitting on top of a bent lead
frame. The die is attached within the
reflector cavity and the cavity is
encapsulated by silicone.
The package design coupled with
careful selection of component
materials allow these products to
perform with high reliability.
Part Number
Dominant wavelength [nm]
Color
Min.
Typ.
Max.
STF0A36B
Red
-
625
-
Green
-
525
-
Blue
-
457
-


Số phần tương tự - STF0A36B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Seoul Semiconductor
STF0A36C SEOUL-STF0A36C Datasheet
714Kb / 18P
   The Best lm/W in Full Color Products
More results

Mô tả tương tự - STF0A36B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Seoul Semiconductor
STF0A36C SEOUL-STF0A36C Datasheet
714Kb / 18P
   The Best lm/W in Full Color Products
STW9Q14D SEOUL-STW9Q14D Datasheet
1Mb / 31P
   Enabling the best lm-W in Mid Power Range
SFT825G-S SEOUL-SFT825G-S Datasheet
1,018Kb / 32P
   Enabling the best lm/W in Mid Power Range
SAW8Q24D SEOUL-SAW8Q24D Datasheet
1Mb / 31P
   Enabling the Best lm/W in Mid Power Range
STW8Q14D-E3 SEOUL-STW8Q14D-E3 Datasheet
1Mb / 31P
   Enabling the Best lm/W in Mid Power Range
STW7Q14D-E3 SEOUL-STW7Q14D-E3 Datasheet
864Kb / 23P
   Enabling the Best lm/W in Mid Power Range
E2-STW8Q14D SEOUL-E2-STW8Q14D Datasheet
1Mb / 31P
   Enabling the Best lm/W in Mid Power Range
STW8Q14D-E4 SEOUL-STW8Q14D-E4 Datasheet
953Kb / 26P
   Enabling the Best lm/W in Mid Power Range
STW8Q14YE SEOUL-STW8Q14YE Datasheet
1Mb / 33P
   Enabling the best lm-W in Mid Power Range
STW9Q14D-E3 SEOUL-STW9Q14D-E3 Datasheet
1Mb / 31P
   Enabling the Best lm/W in Mid Power Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com