công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMH6502MA bảng dữ liệu(PDF) 6 Page - Texas Instruments

tên linh kiện LMH6502MA
Giải thích chi tiết về linh kiện  LMH6502 Wideband, Low Power, Linear-in-dB Variable Gain Amplifier
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LMH6502MA bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button LMH6502MA Datasheet HTML 2Page - Texas Instruments LMH6502MA Datasheet HTML 3Page - Texas Instruments LMH6502MA Datasheet HTML 4Page - Texas Instruments LMH6502MA Datasheet HTML 5Page - Texas Instruments LMH6502MA Datasheet HTML 6Page - Texas Instruments LMH6502MA Datasheet HTML 7Page - Texas Instruments LMH6502MA Datasheet HTML 8Page - Texas Instruments LMH6502MA Datasheet HTML 9Page - Texas Instruments LMH6502MA Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
1
1k
100k
10M
1G
FREQUENCY (Hz)
-7
-5
-2
100M
1M
10k
0
-1
-3
-4
-8
-6
-9
1.1V
0.3V
0.1V
1.1V
0.3V
0.1V
GAIN
PHASE
AVMAX = 10
VS = ±2.5V
40
0
-40
-80
-120
-160
SEE NOTE 12
f (25 MHz/DIV)
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
-270
-225
-180
-135
-90
-45
0
45
90
135
180
2
3
GAIN
PHASE
AVMAX
RF (k:)
100
10
2
2k:
1k:
2k:
100
10
2
SEE NOTE 12
225
270
0.5VPP
1
1k
100k
10M
1G
FREQUENCY (Hz)
-9
-6
100M
1M
10k
0
-1
-4
-5
-7
-2
-3
-8
150
-350
-200
100
50
-100
-150
-250
0
-50
-300
GAIN
PHASE
-40°C
85°C
25°C
-40°C
85°C
25°C
AVMAX = 10
VG = VGMAX
VO = 0.5VPP
SEE NOTE 11
1
1k
100k
10M
1G
FREQUENCY (Hz)
-9
-6
100M
1M
10k
0
-1
-4
-5
-7
-2
-3
-8
40
-160
-100
20
0
-60
-80
-120
-40
-140
GAIN
PHASE
0.80V
2.1V
1.0V
2.1V
0.80V
1.0V
AVMAX = 10
SEE NOTE 12
-20
FREQUENCY (Hz)
SEE NOTE 12
AVMAX = 2
PIN = -8dBm
PHASE
GAIN
2.0V
1.0V
2.0V
-7
-4
-1
1
-5
-2
-3
0
-6
-100
50
150
-150
0
-50
100
-200
-250
1.0V
100
1k
10k
100k 1M
10M 100M 1G
FREQUENCY (Hz)
SEE NOTE 12
AVMAX = 2
PIN = 12dBm
PHASE
GAIN
2.0V
1.0V
2.0V
-7
-4
-1
1
-5
-2
-3
0
-6
-100
50
150
-150
0
-50
100
-200
-250
1.0V
100
1k
10k 100k 1M
10M 100M 1G
LMH6502
SNOSA65D – OCTOBER 2003 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics
Unless otherwise specified: VS = ±5V, 25°C, VG = VGMAX, VCM = 0V, RF = 1kΩ, RG = 174Ω, both inputs terminated in 50Ω, RL
= 100
Ω, Typical values, results referred to device output.
Small Signal Frequency for Various VG
Large Signal Frequency for Various VG
Figure 3.
Figure 4.
Frequency Response Over Temperature (AV = 10)
Frequency Response for Various VG (AVMAX = 10)
Figure 5.
Figure 6.
Frequency Response for Various VG (AVMAX = 10)
(±2.5V)
Small Signal Frequency Response for Various AVMAX
Figure 7.
Figure 8.
6
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LMH6502


Số phần tương tự - LMH6502MA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMH6502MA NSC-LMH6502MA Datasheet
941Kb / 19P
   Wideband, Low Power, Linear-in-dB Variable Gain Amplifier
LMH6502MAX NSC-LMH6502MAX Datasheet
941Kb / 19P
   Wideband, Low Power, Linear-in-dB Variable Gain Amplifier
More results

Mô tả tương tự - LMH6502MA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMH6502 NSC-LMH6502 Datasheet
941Kb / 19P
   Wideband, Low Power, Linear-in-dB Variable Gain Amplifier
logo
Intersil Corporation
LMH6505 INTERSIL-LMH6505 Datasheet
715Kb / 18P
   Wideband, Low Power, Linear-in-dB, Variable Gain Amplifier
logo
National Semiconductor ...
LMH6505 NSC-LMH6505 Datasheet
1Mb / 20P
   Wideband, Low Power, Linear-in-dB, Variable Gain Amplifier
logo
Texas Instruments
LMH6505 TI1-LMH6505 Datasheet
1Mb / 30P
[Old version datasheet]   LMH6505 Wideband, Low Power, Linear-in-dB, Variable Gain Amplifier
logo
National Semiconductor ...
LMH6503 NSC-LMH6503 Datasheet
1,009Kb / 20P
   Wideband, Low Power, Linear Variable Gain Amplifier
logo
Texas Instruments
VCA820IDGSRG4 TI-VCA820IDGSRG4 Datasheet
1Mb / 37P
[Old version datasheet]   Wideband, > 40dB Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA820IDGSR TI-VCA820IDGSR Datasheet
1Mb / 37P
[Old version datasheet]   Wideband, 40dB Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA821 TI1-VCA821_12 Datasheet
1Mb / 37P
[Old version datasheet]   Ultra-Wideband, > 40dB Gain Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA821IDGSRG4 TI1-VCA821IDGSRG4 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Wideband, > 40dB Gain Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
LMH6503MAX TI-LMH6503MAX Datasheet
1Mb / 33P
[Old version datasheet]   LMH6503 Wideband, Low Power, Linear Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com