công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS12A4514 bảng dữ liệu(PDF) 2 Page - Texas Instruments

tên linh kiện TS12A4514
Giải thích chi tiết về linh kiện  SPST CMOS ANALOG SWITCHES
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TS12A4514 bảng dữ liệu(HTML) 2 Page - Texas Instruments

  TS12A4514_15 Datasheet HTML 1Page - Texas Instruments TS12A4514_15 Datasheet HTML 2Page - Texas Instruments TS12A4514_15 Datasheet HTML 3Page - Texas Instruments TS12A4514_15 Datasheet HTML 4Page - Texas Instruments TS12A4514_15 Datasheet HTML 5Page - Texas Instruments TS12A4514_15 Datasheet HTML 6Page - Texas Instruments TS12A4514_15 Datasheet HTML 7Page - Texas Instruments TS12A4514_15 Datasheet HTML 8Page - Texas Instruments TS12A4514_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
PIN CONFIGURATIONS
N.C. – Notinternally connected
AE = TS12A4514
AF = TS12A4515
MARKNG INFORMATION (SOTs onl y)
LOT SPECIFIC CODE
XX XX
INPUT
OFF
ON
SWITCH STATE
TS12A4514
LOW
HIGH
OFF
ON
TS12A4515
IN
1
5
2
3
NO
COM
GND
TS12A4514
SOT-23 PACKAGE
(TOP VIEW)
4
V+
1
2
8
7
COM
3
4
6
5
N.C.
N.C.
TS12A4514
D OR P PACKAGE
(TOP VIEW)
NO
GND
IN
N.C.
V+
1
2
8
7
3
4
6
5
NC
GND
IN
N.C.
TS12A4515
D OR P PACKAGE
(TOP VIEW)
COM
N.C.
N.C.
V+
NO – Normally open
NC – Normally closed
NC
1
5
2
3
4
COM
GND
TS12A4515
SOT-23 PACKAGE
(TOP VIEW)
IN
V+
Absolute Minimum and Maximum Ratings
(1) (2)
TS12A4514
,, TS12A4515
SCDS193D – AUGUST 2006 – REVISED MARCH 2009 ................................................................................................................................................... www.ti.com
voltages referenced to GND
MIN
MAX
UNIT
V+
Supply voltage range(3)
–0.3
13
V
VNC
V+ + 0.3
VNO
Analog voltage range(4)
–0.3
V
or ±20 mA
VCOM
Continuous current into any terminal
±20
mA
Peak current, NO or COM (pulsed at 1 ms, 10% duty cycle)
±30
mA
ESD per method 3015.7
>2000
V
8-pin plastic DIP (derate 9.09 mW/°C above 70°C)
727
Continuous power dissipation (TA = 70°C)
8-pin SOIC (derate 5.88 mW/°C above 70°C)
471
mW
5-pin SOT-23 (derate 7.1 mW/°C above 70°C)
571
TA
Operating temperature range
–40
85
°C
Tstg
Storage temperature range
–65
150
°C
Lead temperature (soldering, 10 s)
300
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum
(3)
All voltages are with respect to ground, unless otherwise specified.
(4)
Voltages exceeding V+ or GND on any signal terminal are clamped by internal diodes. Limit forward-diode current to maximum current
rating.
2
Submit Documentation Feedback
Copyright © 2006–2009, Texas Instruments Incorporated
Product Folder Link(s): TS12A4514 TS12A4515


Số phần tương tự - TS12A4514_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TS12A4514 TI1-TS12A4514_14 Datasheet
717Kb / 19P
[Old version datasheet]   SPST CMOS ANALOG SWITCHES
More results

Mô tả tương tự - TS12A4514_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TS12A4514 TI1-TS12A4514_14 Datasheet
717Kb / 19P
[Old version datasheet]   SPST CMOS ANALOG SWITCHES
logo
Maxim Integrated Produc...
MAX311 MAXIM-MAX311 Datasheet
305Kb / 8P
   Quad SPST CMOS Analog Switches
logo
List of Unclassifed Man...
MP7510DI ETC-MP7510DI Datasheet
230Kb / 3P
   CMOS QUAD SPST ANALOG SWITCHES
logo
Vishay Siliconix
DG441 VISHAY-DG441_11 Datasheet
229Kb / 14P
   Quad SPST CMOS Analog Switches
Rev. J, 30-May-11
DG444 VISHAY-DG444_11 Datasheet
172Kb / 12P
   Quad SPST CMOS Analog Switches
Rev. G, 23-May-11
logo
Maxim Integrated Produc...
DG202 MAXIM-DG202_06 Datasheet
1Mb / 12P
   Quad SPST CMOS Analog Switches
Rev 3; 6/06
logo
Vishay Siliconix
DG444 VISHAY-DG444 Datasheet
115Kb / 9P
   Quad SPST CMOS Analog Switches
Rev. F, 06-Sep-99
DG441 VISHAY-DG441 Datasheet
150Kb / 9P
   Quad SPST CMOS Analog Switches
Rev. I, 25-Jun-07
logo
Intersil Corporation
DG201A INTERSIL-DG201A Datasheet
71Kb / 7P
   Quad SPST, CMOS Analog Switches
June 1999
logo
Vishay Siliconix
DG441 VISHAY-DG441_V01 Datasheet
218Kb / 12P
   Quad SPST CMOS Analog Switches
08-Feb-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com