công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS5A26542 bảng dữ liệu(PDF) 5 Page - Texas Instruments

tên linh kiện TS5A26542
Giải thích chi tiết về linh kiện  0.75-廓 DUAL SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TS5A26542 bảng dữ liệu(HTML) 5 Page - Texas Instruments

  TS5A26542_15 Datasheet HTML 1Page - Texas Instruments TS5A26542_15 Datasheet HTML 2Page - Texas Instruments TS5A26542_15 Datasheet HTML 3Page - Texas Instruments TS5A26542_15 Datasheet HTML 4Page - Texas Instruments TS5A26542_15 Datasheet HTML 5Page - Texas Instruments TS5A26542_15 Datasheet HTML 6Page - Texas Instruments TS5A26542_15 Datasheet HTML 7Page - Texas Instruments TS5A26542_15 Datasheet HTML 8Page - Texas Instruments TS5A26542_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
TS5A26542
www.ti.com
SCDS232E – JUNE 2006 – REVISED DECEMBER 2009
ELECTRICAL CHARACTERISTICS FOR 5-V SUPPLY
(1) (continued)
V+ = 4.5 V to 5.5 V, VIO = 1.65 V to 1.95 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP MAX
UNIT
Dynamic
25°C
5 V
1
12.5
25
VCOM = V+,
CL= 35 pF,
Turn-on time
tON
ns
RL = 50 Ω,
See Figure 18
Full
4.5 V
30
25°C
5 V
1
9.5
20
VCOM = V+,
CL = 35 pF,
Turn-off time
tOFF
ns
RL = 50 Ω,
See Figure 18
Full
4.5 V
25
25°C
5 V
1
5
10
Break-before-make
VNC = VNO = V+/2,
CL = 35 pF,
tBBM
ns
time
RL = 50 Ω,
See Figure 19
Full
4.5 V
1
12
VGEN = 0,
CL = 1 nF,
Charge injection
QC
25°C
5 V
15
pC
RGEN = 0,
See Figure 23
NO
VNO = V+ or GND,
CNO(OFF)
See Figure 17
25°C
5 V
37
pF
OFF capacitance
Switch OFF,
VNC or VNO = V+ or
NC, NO
CNC(ON),
GND,
See Figure 17
25°C
5 V
130
pF
ON capacitance
CNO(ON)
Switch ON,
COM
VCOM = V+ or GND,
CCOM(ON)
See Figure 17
25°C
5 V
130
pF
ON capacitance
Switch ON,
Digital input
CI
VI = VIO or GND,
See Figure 17
25°C
5 V
6.5
pF
capacitance
RL = 50 Ω,
Bandwidth
BW
See Figure 20
25°C
5 V
43
MHz
Switch ON,
RL = 50 Ω,
OFF isolation
OISO
See Figure 21
25°C
5 V
–63
dB
f = 1 MHz,
RL = 50 Ω,
Crosstalk
XTALK
See Figure 22
25°C
5 V
–63
dB
f = 1 MHz,
Total harmonic
RL = 600 Ω,
f = 20 Hz to 20 kHz,
THD
25°C
5 V
0.004
%
distortion
CL = 50 pF,
See Figure 24
Supply
25°C
5.5
100
Positive supply
I+
VI = VIO or GND
5.5 V
nA
current
Full
750
(1)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum
Copyright © 2006–2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TS5A26542


Số phần tương tự - TS5A26542_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TS5A26542 TI-TS5A26542_10 Datasheet
432Kb / 22P
[Old version datasheet]   0.75-廓 DUAL SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A26542 TI1-TS5A26542_14 Datasheet
398Kb / 23P
[Old version datasheet]   0.75-廓 DUAL SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
More results

Mô tả tương tự - TS5A26542_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TS5A26542 TI1-TS5A26542_14 Datasheet
398Kb / 23P
[Old version datasheet]   0.75-廓 DUAL SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A26542 TI-TS5A26542_10 Datasheet
432Kb / 22P
[Old version datasheet]   0.75-廓 DUAL SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A6542 TI-TS5A6542_15 Datasheet
717Kb / 22P
[Old version datasheet]   0.75-廓 SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A6542 TI-TS5A6542_09 Datasheet
420Kb / 22P
[Old version datasheet]   0.75-廓 SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A6542 TI1-TS5A6542_14 Datasheet
759Kb / 23P
[Old version datasheet]   0.75-廓 SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A6542 TI-TS5A6542 Datasheet
259Kb / 19P
[Old version datasheet]   0.75-??SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A26542 TI-TS5A26542 Datasheet
321Kb / 21P
[Old version datasheet]   0.75-W DUAL SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A21366 TI1-TS5A21366_14 Datasheet
1Mb / 30P
[Old version datasheet]   0.75-廓 DUAL SPST ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A21366 TI-TS5A21366 Datasheet
956Kb / 29P
[Old version datasheet]   0.75-廓 DUAL SPST ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A21366 TI-TS5A21366_1 Datasheet
956Kb / 29P
[Old version datasheet]   0.75-廓 DUAL SPST ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com