công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS5A23159 bảng dữ liệu(PDF) 1 Page - Texas Instruments

tên linh kiện TS5A23159
Giải thích chi tiết về linh kiện  TS5A23159 1-廓 2-Channel SPDT Analog Switch 5-V / 3.3-V 2-Channel 2:1 Multiplexer / Demultiplexer
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TS5A23159 bảng dữ liệu(HTML) 1 Page - Texas Instruments

  TS5A23159_15 Datasheet HTML 1Page - Texas Instruments TS5A23159_15 Datasheet HTML 2Page - Texas Instruments TS5A23159_15 Datasheet HTML 3Page - Texas Instruments TS5A23159_15 Datasheet HTML 4Page - Texas Instruments TS5A23159_15 Datasheet HTML 5Page - Texas Instruments TS5A23159_15 Datasheet HTML 6Page - Texas Instruments TS5A23159_15 Datasheet HTML 7Page - Texas Instruments TS5A23159_15 Datasheet HTML 8Page - Texas Instruments TS5A23159_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
IN1
COM1
NC1
NO1
SPDT
IN2
COM2
NC2
NO2
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TS5A23159
SCDS201H – AUGUST 2005 – REVISED FEBRUARY 2015
TS5A23159 1-
Ω 2-Channel SPDT Analog Switch
5-V / 3.3-V 2-Channel 2:1 Multiplexer / Demultiplexer
1 Features
3 Description
The TS5A23159 is a bidirectional 2-channel single-
1
Isolation in Power-Down Mode, VCC = 0
pole double-throw (SPDT) switch that is designed to
Specified Break-Before-Make Switching
operate from 1.65 V to 5.5 V. The device offers low
Low ON-State Resistance (1
Ω)
ON-state
resistance
and
excellent
ON-state
resistance
matching
with
the
break-before-make
Control Inputs are 5.5-V Tolerant
feature which prevents signal distortion during the
Low Charge Injection
transferring of a signal from one channel to another.
Excellent ON-State Resistance Matching
The device has an excellent total harmonic distortion
(THD) performance and consumes very low power.
Low Total Harmonic Distortion (THD)
These features make this device suitable for a wide
Supports Analog and Digital Signals
variety of portable applications including cell phones,
1.65-V to 5.5-V Single-Supply Operation
audio devices, and instrumentation.
Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
ESD Performance Tested Per JESD 22
VSSOP (10)
3.00 mm × 3.00 mm
2000-V Human Body Model
TS5A23159
UQFN (10)
1.50 mm × 2.00 mm
(A114-B, Class II)
1000-V Charged-Device Model (C101)
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
2 Applications
Simplified Schematic
Cell Phones
PDAs
Portable Instrumentation
Audio and Video Signal Routing
Low-Voltage Data-Acquisition Systems
Communication Circuits
Modems
Hard Drives
Computer Peripherals
Wireless Terminals and Peripherals
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Số phần tương tự - TS5A23159_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TS5A23159 TI-TS5A23159_10 Datasheet
702Kb / 27P
[Old version datasheet]   1-廓 DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23159 TI1-TS5A23159_14 Datasheet
926Kb / 30P
[Old version datasheet]   1-廓 DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results

Mô tả tương tự - TS5A23159_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TS5A23159 TI-TS5A23159_10 Datasheet
702Kb / 27P
[Old version datasheet]   1-廓 DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23159 TI-TS5A23159_09 Datasheet
718Kb / 27P
[Old version datasheet]   1-廓 DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23159 TI1-TS5A23159_14 Datasheet
926Kb / 30P
[Old version datasheet]   1-廓 DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3159A TI1-TS5A3159A_14 Datasheet
778Kb / 32P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3160 TI1-TS5A3160_14 Datasheet
724Kb / 31P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3159A TI-TS5A3159A_10 Datasheet
695Kb / 30P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23159 TI-TS5A23159 Datasheet
386Kb / 23P
[Old version datasheet]   1-ohm DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A63157 TI1-TS5A63157_14 Datasheet
810Kb / 32P
[Old version datasheet]   12-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3154 TI1-TS5A3154_14 Datasheet
963Kb / 29P
[Old version datasheet]   0.9-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3154 TI-TS5A3154_15 Datasheet
913Kb / 28P
[Old version datasheet]   0.9-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com