công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS5A23157-Q1 bảng dữ liệu(PDF) 7 Page - Texas Instruments

tên linh kiện TS5A23157-Q1
Giải thích chi tiết về linh kiện  DUAL 15-廓 SPDT ANALOG SWITCH
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TS5A23157-Q1 bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button TS5A23157-Q1_15 Datasheet HTML 3Page - Texas Instruments TS5A23157-Q1_15 Datasheet HTML 4Page - Texas Instruments TS5A23157-Q1_15 Datasheet HTML 5Page - Texas Instruments TS5A23157-Q1_15 Datasheet HTML 6Page - Texas Instruments TS5A23157-Q1_15 Datasheet HTML 7Page - Texas Instruments TS5A23157-Q1_15 Datasheet HTML 8Page - Texas Instruments TS5A23157-Q1_15 Datasheet HTML 9Page - Texas Instruments TS5A23157-Q1_15 Datasheet HTML 10Page - Texas Instruments TS5A23157-Q1_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
TS5A23157-Q1
www.ti.com
SCDS252A – JULY 2007 – REVISED FEBRUARY 2013
Electrical Characteristics for 1.8-V Supply
V+ = 1.65 V to 1.95 V, TA = –40°C to 125°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP(1)
MAX
UNIT
Analog Switch
VCOM,
Analog signal range
0
V+
V
VNO, VNC
0
≤ VNO or VNC ≤ V+,
Switch ON,
ON-state resistance
ron
Full
1.65 V
180
ICOM = –4 mA,
See Figure 6
ON-state resistance
VNO or VNC = 1.15 V,
Switch ON,
match between
Δron
25°C
1.65 V
1
ICOM = –4 mA,
See Figure 6
channels
ON-state resistance
0
≤ VNO or VNC ≤ V+,
Switch ON,
ron(flat)
25°C
1.65 V
110
flatness
ICOM = –4 mA,
See Figure 6
25°C
–1
0.05
1
NC, NO
INC(OFF),
VNC or VNO = 0 to V+,
Switch OFF,
1.95 V
μA
OFF leakage current
INO(OFF)
VCOM = 0 to V+,
See Figure 7
Full
–1
1
25°C
–0.1
0.1
NC, NO
INC(ON),
VNC or VNO = 0 to V+,
Switch ON,
1.95 V
μA
ON leakage current
INO(ON)
VCOM = Open,
See Figure 7
Full
–1
1
25°C
–0.1
0.1
COM
VNC or VNO = Open,
Switch ON,
ICOM(ON)
1.95 V
μA
ON leakage current
VCOM = 0 to V+,
See Figure 7
Full
–1
1
Digital Inputs (IN1, IN2)(2)
Input logic high
VIH
Full
V+ × 0.75
V
Input logic low
VIL
Full
V+ × 0.25
V
25°C
–1
0.05
1
Input leakage
IIH, IIL
VIN = 5.5 V or 0
1.95 V
μA
current
Full
–1
1
Dynamic
VNC = GND and VNO = V+,
RL = 500 Ω,
1.65 V
Turnon time
tON
or
CL = 50 pF,
Full
to
5.5
27
ns
VNC = V+ and VNO = GND,
See Figure 9
1.95 V
VNC = GND and VNO = V+,
RL = 500 Ω,
1.65 V
Turnoff time
tOFF
or
CL = 50 pF,
Full
to
2
16
ns
VNC = V+ and VNO = GND,
See Figure 9
1.95 V
1.65 V
Break-before-make
VNC = VNO = V+/2,
CL = 35 pF,
tBBM
25°C
to
0.5
ns
time
RL = 50 Ω,
See Figure 10
1.95 V
Switch ON,
Bandwidth
BW
RL = 50 Ω,
25°C
1.8 V
220
MHz
See Figure 11
RL = 50 Ω,
Switch OFF,
OFF isolation
OISO
25°C
1.8 V
–60
dB
f = 10 MHz,
See Figure 12
RL = 50 Ω,
Switch ON,
Crosstalk
XTALK
25°C
1.8 V
–66
dB
f = 10 MHz,
See Figure 13
f = 600 Hz to
Total harmonic
RL = 600 Ω,
THD
20 kHz,
25°C
1.8 V
0.015
%
distortion
CL = 50 pF,
See Figure 15
Supply
25°C
1
Positive supply
Switch ON or
I+
VIN = V+ or GND,
1.95 V
μA
current
OFF
Full
10
Change in
ΔI+
VIN = V+ – 0.6 V
Full
1.95 V
500
μA
supply current
(1)
TA = 25°C
(2)
Hold all unused digital inputs of the device at V+ or GND to ensure proper device operation. See the TI application report, Implications
of Slow or Floating CMOS Inputs, literature number SCBA004.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TS5A23157-Q1


Số phần tương tự - TS5A23157-Q1_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TS5A23157-Q1 TI1-TS5A23157-Q1_14 Datasheet
784Kb / 21P
[Old version datasheet]   DUAL 15-廓 SPDT ANALOG SWITCH
More results

Mô tả tương tự - TS5A23157-Q1_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TS5A23157-Q1 TI1-TS5A23157-Q1_14 Datasheet
784Kb / 21P
[Old version datasheet]   DUAL 15-廓 SPDT ANALOG SWITCH
logo
Protek Devices
PA3535 PROTEC-PA3535 Datasheet
168Kb / 9P
   0.4廓 Dual SPDT Analog Switch
PA2535 PROTEC-PA2535 Datasheet
144Kb / 9P
   0.35廓 Dual SPDT Analog Switch
logo
Texas Instruments
TS5A23157 TI1-TS5A23157_14 Datasheet
1,003Kb / 25P
[Old version datasheet]   DUAL 10-廓 SPDT ANALOG SWITCH
TS5A23157 TI-TS5A23157_10 Datasheet
672Kb / 23P
[Old version datasheet]   DUAL 10-廓 SPDT ANALOG SWITCH
TS5A23157-Q1 TI1-TS5A23157-Q1 Datasheet
276Kb / 17P
[Old version datasheet]   DUAL 15-W SPDT ANALOG SWITCH
TS5A23157 TI-TS5A23157_15 Datasheet
1,016Kb / 30P
[Old version datasheet]   TS5A23157 Dual 10-廓 SPDT Analog Switch
TS3A5223 TI-TS3A5223_15 Datasheet
852Kb / 14P
[Old version datasheet]   0.45廓 Dual SPDT Bidirectional Analog Switch
TS3A5223 TI1-TS3A5223_14 Datasheet
872Kb / 15P
[Old version datasheet]   0.45廓 Dual SPDT Bidirectional Analog Switch
logo
SG Micro Corp
SGM4157YC SGMICRO-SGM4157YC Datasheet
436Kb / 10P
   SPDT 0.8廓 Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com