công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS5A3166-Q1 bảng dữ liệu(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TS5A3166-Q1
Giải thích chi tiết về linh kiện  TS5A3166-Q1 0.9-廓 SPST Analog Switch
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TS5A3166-Q1 bảng dữ liệu(HTML) 11 Page - Texas Instruments

Back Button TS5A3166-Q1 Datasheet HTML 7Page - Texas Instruments TS5A3166-Q1 Datasheet HTML 8Page - Texas Instruments TS5A3166-Q1 Datasheet HTML 9Page - Texas Instruments TS5A3166-Q1 Datasheet HTML 10Page - Texas Instruments TS5A3166-Q1 Datasheet HTML 11Page - Texas Instruments TS5A3166-Q1 Datasheet HTML 12Page - Texas Instruments TS5A3166-Q1 Datasheet HTML 13Page - Texas Instruments TS5A3166-Q1 Datasheet HTML 14Page - Texas Instruments TS5A3166-Q1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
TS5A3166-Q1
www.ti.com
SCDS357A – JULY 2014 – REVISED DECEMBER 2014
7.8 Electrical Characteristics for 1.8-V Supply
(1)
V+ = 1.65 V to 1.95 V, TA = –40°C to 85°C (unless otherwise noted))
85°C
125°C
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
Analog Switch
VCOM,
Analog signal range
0
V+
0
V+
V
VNO
25°C
4.2
25
4.2
25
0
≤ VNO ≤ V+,
Switch ON,
Peak ON resistance
rpeak
1.65 V
Ω
ICOM = –100 mA,
See Figure 13
Full
30
36
25°C
1.6
3.9
1.6
3.9
VNO = 2 V,
Switch ON,
ON-state resistance
ron
1.65 V
Ω
ICOM = –100 mA,
See Figure 13
Full
4.0
4.8
0
≤ VNO ≤ V+,
25°C
2.8
2.8
ICOM = –100 mA,
ON-state resistance
Switch ON,
ron(flat)
1.65 V
Ω
flatness
See Figure 13
25°C
4.1
22
4.1
22
VNO = 2 V, 0.8 V,
ICOM = –100 mA,
Full
27
32.4
VNO = 1 V,
25°C
–5
5
–58
58
VCOM = 3 V,
INO(OFF)
or
1.95 V
nA
Full
–50
50
–320
320
VNO = 3 V,
NO
Switch OFF,
VCOM = 1 V,
OFF leakage current
See Figure 14
25°C
–2
2
–2
2
VNO = 0 to 3.6 V,
INO(PWROFF)
0 V
μA
VCOM = 3.6 V to 0,
Full
–10
10
–22
22
VCOM = 1 V,
25°C
–5
5
–58
58
VNO = 3 V,
ICOM(OFF)
or
1.95 V
nA
Full
–50
50
–320
320
VCOM = 3 V,
COM
Switch OFF,
VNO = 1 V,
OFF leakage current
See Figure 14
25°C
–2
2
–2
2
ICOM(PWROF VCOM = 0 to 3.6 V,
0 V
μA
F)
VNO = 3.6 V to 0,
Full
–10
10
–22
22
VNO = 1 V,
25°C
–2
2
–58
58
VCOM = Open,
NO
Switch ON,
INO(ON)
or
1.95 V
nA
ON leakage current
See Figure 15
Full
–20
20
–320
320
VNO = 3 V,
VCOM = Open,
VCOM = 1 V,
25°C
–2
2
–58
58
VNO = Open,
COM
Switch ON,
ICOM(ON)
or
1.95 V
nA
ON leakage current
See Figure 15
Full
–20
20
–320
320
VCOM = 3 V,
VNO = Open,
Digital Control Inputs (IN1, IN2)
Input logic high
VIH
Full
1.5
5.5
1.5
5.5
V
Input logic low
VIL
Full
0
0.6
0
0.6
V
25°C
–2
0.3
2
Input leakage
IIH, IIL
VI = 5.5 V or 0
1.95 V
nA
current
Full
–20
20
–320
320
(1)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TS5A3166-Q1


Số phần tương tự - TS5A3166-Q1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
TS5A3166 NSC-TS5A3166 Datasheet
375Kb / 21P
   0.9-OHM SPST ANALOG SWITCH
logo
Texas Instruments
TS5A3166 TI-TS5A3166 Datasheet
565Kb / 23P
[Old version datasheet]   0.9-廓 SPST ANALOG SWITCH
logo
National Semiconductor ...
TS5A3166DBVR NSC-TS5A3166DBVR Datasheet
375Kb / 21P
   0.9-OHM SPST ANALOG SWITCH
logo
Texas Instruments
TS5A3166DBVR TI-TS5A3166DBVR Datasheet
565Kb / 23P
[Old version datasheet]   0.9-廓 SPST ANALOG SWITCH
TS5A3166DBVR TI1-TS5A3166DBVR Datasheet
1Mb / 32P
[Old version datasheet]   SPST Analog Switch
More results

Mô tả tương tự - TS5A3166-Q1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TS5A3166 TI-TS5A3166_15 Datasheet
1,012Kb / 31P
[Old version datasheet]   TS5A3166 0.9-廓 SPST Analog Switch
TS5A3167 TI-TS5A3167_15 Datasheet
1Mb / 27P
[Old version datasheet]   0.9-廓 SPST ANALOG SWITCH
TS5A3166 TI-TS5A3166_08 Datasheet
565Kb / 23P
[Old version datasheet]   0.9-廓 SPST ANALOG SWITCH
logo
National Semiconductor ...
TS5A3166 NSC-TS5A3166 Datasheet
375Kb / 21P
   0.9-OHM SPST ANALOG SWITCH
logo
Texas Instruments
TS5A3167 TI-TS5A3167 Datasheet
270Kb / 20P
[Old version datasheet]   0.9 OHM SPST ANALOG SWITCH
logo
Global Mixed-mode Techn...
G3102 GMT-G3102 Datasheet
864Kb / 1P
   0.9 Dual SPST Analog Switch
logo
Texas Instruments
TS3A4751 TI-TS3A4751_10 Datasheet
741Kb / 21P
[Old version datasheet]   0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY QUAD SPST ANALOG SWITCH
TS3A4751 TI1-TS3A4751_14 Datasheet
912Kb / 24P
[Old version datasheet]   0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY QUAD SPST ANALOG SWITCH
TS5A23166 TI-TS5A23166_10 Datasheet
693Kb / 27P
[Old version datasheet]   0.9-廓 DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH
TS5A1066 TI-TS5A1066_15 Datasheet
922Kb / 30P
[Old version datasheet]   10-廓 SPST ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com