công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS5A3159-Q1 bảng dữ liệu(PDF) 1 Page - Texas Instruments

tên linh kiện TS5A3159-Q1
Giải thích chi tiết về linh kiện  1-廓 SPDT ANALOG SWITCH
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TS5A3159-Q1 bảng dữ liệu(HTML) 1 Page - Texas Instruments

  TS5A3159-Q1_15 Datasheet HTML 1Page - Texas Instruments TS5A3159-Q1_15 Datasheet HTML 2Page - Texas Instruments TS5A3159-Q1_15 Datasheet HTML 3Page - Texas Instruments TS5A3159-Q1_15 Datasheet HTML 4Page - Texas Instruments TS5A3159-Q1_15 Datasheet HTML 5Page - Texas Instruments TS5A3159-Q1_15 Datasheet HTML 6Page - Texas Instruments TS5A3159-Q1_15 Datasheet HTML 7Page - Texas Instruments TS5A3159-Q1_15 Datasheet HTML 8Page - Texas Instruments TS5A3159-Q1_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
1
2
3
6
5
4
NO
GND
NC
COM
V+
IN
TS5A3159
TS5A3159-Q1
www.ti.com
SCDS336A – NOVEMBER 2012 – REVISED DECEMBER 2012
1-
Ω SPDT ANALOG SWITCH
Check for Samples: TS5A3159-Q1
1
FEATURES
Low Charge Injection
Excellent ON-Resistance Matching
Qualified for Automotive Applications
Low Total Harmonic Distortion
AEC-Q100 Qualified with the Following
Results:
1.65-V to 5.5-V Single-Supply Operation
Device Temperature Grade 1: –40°C to
APPLICATIONS
125°C Ambient Operating Temperature
Range
Cell Phones
Device HBM ESD Classification Level H2
PDAs
Device CDM ESD Classification Level C3B
Portable Instrumentation
Specified Break-Before-Make Switching
Low ON-State Resistance (1
Ω)
Control Inputs are 5-V Tolerant
DESCRIPTION
The TS5A3159-Q1 is a single-pole double-throw (SPDT) analog switch that is designed to operate from 1.65 V to
5.5 V. The device offers a low ON-state resistance and an excellent ON-resistance, matching with the break-
before-make feature to prevent signal distortion during the transferring of a signal from one channel to another.
The device has an excellent total harmonic distortion (THD) performance and consumes very low power. These
features make this device suitable for portable audio applications.
SOT-23 PACKAGE
(TOP VIEW)
Table 1. FUNCTION TABLE
IN
NC TO
NO TO
COM, COM COM, COM
TO NC
TO NO
L
ON
OFF
H
OFF
ON
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Số phần tương tự - TS5A3159-Q1_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TS5A3159-Q1 TI1-TS5A3159-Q1_14 Datasheet
961Kb / 26P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH
More results

Mô tả tương tự - TS5A3159-Q1_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TS5A3159-EP TI-TS5A3159-EP Datasheet
364Kb / 22P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH
TS5A3159-Q1 TI1-TS5A3159-Q1_14 Datasheet
961Kb / 26P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH
logo
SG Micro Corp
SGM4157 SGMICRO-SGM4157 Datasheet
407Kb / 10P
   SPDT 1廓 Analog Switch
logo
Texas Instruments
TS5A3159 TI-TS5A3159_15 Datasheet
989Kb / 29P
[Old version datasheet]   TS5A3159 1-廓 SPDT Analog Switch
logo
Fairchild Semiconductor
FSA4157 FAIRCHILD-FSA4157_07 Datasheet
297Kb / 12P
   Low-Voltage, 1廓 SPDT Analog Switch
FSA4157A FAIRCHILD-FSA4157A_12 Datasheet
635Kb / 12P
   Low-Voltage, 1廓 SPDT Analog Switch
logo
SG Micro Corp
SGM4157YC SGMICRO-SGM4157YC Datasheet
436Kb / 10P
   SPDT 0.8廓 Analog Switch
logo
Unisonic Technologies
U7SB3157 UTC-U7SB3157 Datasheet
198Kb / 7P
   10-廓 SPDT Analog Switch
logo
Texas Instruments
TS5A3157 TI1-TS5A3157_14 Datasheet
1Mb / 29P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH
logo
Alpha & Omega Semicondu...
AOZ6135 AOSMD-AOZ6135 Datasheet
454Kb / 11P
   High Performance, Low RON, 1廓 SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com