công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BF1100WR bảng dữ liệu(PDF) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

tên linh kiện BF1100WR
Giải thích chi tiết về linh kiện  Dual-gate MOS-FET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Trang chủ  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BF1100WR bảng dữ liệu(HTML) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BF1100WR_15 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1100WR_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1100WR_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1100WR_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1100WR_15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1100WR_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1100WR_15 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1100WR_15 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1100WR_15 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
1995 Apr 25
2
Philips Semiconductors
Product specification
Dual-gate MOS-FET
BF1100WR
FEATURES
• Specially designed for use at 9 to 12 V supply voltage
• Short channel transistor with high forward transfer
admittance to input capacitance ratio
• Low noise gain controlled amplifier up to 1 GHz
• Superior cross-modulation performance during AGC.
APPLICATIONS
• VHF and UHF applications such as television tuners and
professional communications equipment.
DESCRIPTION
Enhancement type field-effect transistor in a plastic
microminiature SOT343R package. The transistor
consists of an amplifier MOS-FET with source and
substrate interconnected and an internal bias circuit to
ensure good cross-modulation performance during AGC.
CAUTION
The device is supplied in an antistatic package. The
gate-source input must be protected against static
discharge during transport or handling.
PINNING
PIN
SYMBOL
DESCRIPTION
1
s, b
source
2
d
drain
3g2
gate 2
4g1
gate 1
Fig.1 Simplified outline (SOT343R) and symbol.
Marking code: MF.
handbook, halfpage
MAM192
s,b
d
g
1
g
2
Top view
21
34
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VDS
drain-source voltage
−−
14
V
ID
drain current
−−
30
mA
Ptot
total power dissipation
−−
280
mW
Tj
operating junction temperature
−−
150
°C
yfs
forward transfer admittance
24
28
33
mS
Cig1-s
input capacitance at gate 1
2.2
2.6
pF
Crs
reverse transfer capacitance
f = 1 MHz
25
35
fF
F
noise figure
f = 800 MHz
2
dB


Số phần tương tự - BF1100WR_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Quanzhou Jinmei Electro...
BF1100WR_2015 JMNIC-BF1100WR_2015 Datasheet
106Kb / 14P
   Dual-gate MOS-FET
More results

Mô tả tương tự - BF1100WR_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
BF1100WR PHILIPS-BF1100WR Datasheet
146Kb / 14P
   Dual-gate MOS-FET
1995 Apr 25
logo
Quanzhou Jinmei Electro...
BF1100WR_2015 JMNIC-BF1100WR_2015 Datasheet
106Kb / 14P
   Dual-gate MOS-FET
logo
NXP Semiconductors
BF1100WR NXP-BF1100WR Datasheet
471Kb / 16P
   Dual-gate MOS-FET
1995 Apr 25
BF1204 PHILIPS-BF1204 Datasheet
110Kb / 12P
   Dual N-channel dual gate MOS-FET
2001 Apr 25
BF1205 PHILIPS-BF1205 Datasheet
185Kb / 24P
   Dual N-channel dual gate MOS-FET
2003 Sep 30
BF1206 PHILIPS-BF1206 Datasheet
186Kb / 21P
   Dual N-channel dual-gate MOS-FET
2003 Nov 17
logo
Quanzhou Jinmei Electro...
BF1205C_2015 JMNIC-BF1205C_2015 Datasheet
179Kb / 22P
   Dual N-channel dual gate MOS-FET
BF1206_2015 JMNIC-BF1206_2015 Datasheet
192Kb / 21P
   Dual N-channel dual-gate MOS-FET
BF1205C JMNIC-BF1205C_15 Datasheet
179Kb / 22P
   Dual N-channel dual gate MOS-FET
BF1206 JMNIC-BF1206_15 Datasheet
192Kb / 21P
   Dual N-channel dual-gate MOS-FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com