công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS3DDR32611 bảng dữ liệu(PDF) 9 Page - Texas Instruments

tên linh kiện TS3DDR32611
Giải thích chi tiết về linh kiện  1A Peak Sink/Source PCDDR3 Termination Regulator with Integrated Isolation Switch and Low Power Mode Operation
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TS3DDR32611 bảng dữ liệu(HTML) 9 Page - Texas Instruments

Back Button TS3DDR32611_15 Datasheet HTML 5Page - Texas Instruments TS3DDR32611_15 Datasheet HTML 6Page - Texas Instruments TS3DDR32611_15 Datasheet HTML 7Page - Texas Instruments TS3DDR32611_15 Datasheet HTML 8Page - Texas Instruments TS3DDR32611_15 Datasheet HTML 9Page - Texas Instruments TS3DDR32611_15 Datasheet HTML 10Page - Texas Instruments TS3DDR32611_15 Datasheet HTML 11Page - Texas Instruments TS3DDR32611_15 Datasheet HTML 12Page - Texas Instruments TS3DDR32611_15 Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
3-Oct-2013
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
TS3DDR32611ZQCR
ACTIVE
BGA
MICROSTAR
JUNIOR
ZQC
48
2500
Green (RoHS
& no Sb/Br)
SNAGCU
Level-2-260C-1 YEAR
XSL2611
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI to Customer on an annual basis.


Số phần tương tự - TS3DDR32611_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TS3DDR32611 TI1-TS3DDR32611_14 Datasheet
279Kb / 12P
[Old version datasheet]   1A Peak Sink/Source PCDDR3 Termination Regulator with Integrated Isolation Switch and Low Power Mode Operation
More results

Mô tả tương tự - TS3DDR32611_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TS3DDR32611 TI1-TS3DDR32611_14 Datasheet
279Kb / 12P
[Old version datasheet]   1A Peak Sink/Source PCDDR3 Termination Regulator with Integrated Isolation Switch and Low Power Mode Operation
TS3DDR32611 TI1-TS3DDR32611 Datasheet
815Kb / 13P
[Old version datasheet]   1A Peak Sink/Source PCDDR3 Termination Regulator with Integrated Isolation Switch and Low Power Mode Operation
logo
Anpec Electronics Corop...
APL5338E ANPEC-APL5338E Datasheet
238Kb / 18P
   2A Peak Sink/Source DDR Termination Regulator
logo
Texas Instruments
TPS51200-EP TI1-TPS51200-EP_17 Datasheet
582Kb / 35P
[Old version datasheet]   Sink and Source DDR Termination Regulator
TPS51200A-Q1_1812 TI1-TPS51200A-Q1_1812 Datasheet
1Mb / 32P
[Old version datasheet]   Sink and Source DDR Termination Regulator
TPS51200A-Q1 TI1-TPS51200A-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   Sink and Source DDR Termination Regulator
logo
SG Micro Corp
SGM2054 SGMICRO-SGM2054 Datasheet
737Kb / 14P
   Sink and Source DDR Termination Regulator
JANUARY2022 - REV.A
logo
Texas Instruments
TPS51200-Q1 TI1-TPS51200-Q1_15 Datasheet
1Mb / 36P
[Old version datasheet]   Sink and Source DDR Termination Regulator
TPS51200-EP TI1-TPS51200-EP Datasheet
395Kb / 32P
[Old version datasheet]   Sink and Source DDR Termination Regulator
logo
Richtek Technology Corp...
RT9173D RICHTEK-RT9173D Datasheet
223Kb / 13P
   Cost-Effective, Peak 3A Sink/Source Bus Termination Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com